Moteur de recherche de fiches techniques de composants électroniques |
|
TP3C686K004C1400AS Fiches technique(PDF) 9 Page - Vishay Siliconix |
|
TP3C686K004C1400AS Fiches technique(HTML) 9 Page - Vishay Siliconix |
9 / 23 page TP3 www.vishay.com Vishay Sprague Revision: 22-Jun-17 9 Document Number: 40116 For technical questions, contact: tantalum@vishay.com THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000 20 VDC AT +85 °C; 13 VDC AT +125 °C 15 B TP3B156(1)020(2)2300AS 3.0 6 2.300 0.19 15 B TP3B156(1)020(2)1000AS 3.0 6 1.000 0.29 15 C TP3C156(1)020(2)1500AS 3.0 6 1.500 0.27 15 C TP3C156(1)020(2)0400AS 3.0 6 0.400 0.52 15 D TP3D156(1)020(3)0900AS 3.0 6 0.900 0.41 15 D TP3D156(1)020(3)0300AS 3.0 6 0.300 0.71 22 C TP3C226(1)020(2)1100AS 4.4 6 1.100 0.32 22 C TP3C226(1)020(2)0375AS 4.4 6 0.375 0.54 22 D TP3D226(1)020(3)0700AS 4.4 6 0.700 0.46 22 D TP3D226(1)020(3)0225AS 4.4 6 0.225 0.82 22 D TP3D226(1)020(3)0180AS 4.4 6 0.180 0.91 33 C TP3C336(1)020(2)1000AS 6.6 6 1.000 0.33 33 C TP3C336(1)020(2)0350AS 6.6 6 0.350 0.56 33 D TP3D336(1)020(3)0700AS 6.6 6 0.700 0.46 33 D TP3D336(1)020(3)0200AS 6.6 6 0.200 0.87 47 D TP3D476(1)020(3)0700AS 9.4 6 0.700 0.46 47 D TP3D476(1)020(3)0250AS 9.4 6 0.250 0.77 47 D TP3D476(1)020(3)0200AS 9.4 6 0.200 0.87 47 D TP3D476(1)020(3)0150AS 9.4 6 0.150 1.00 47 E TP3E476(1)020(3)0600AS 9.4 6 0.600 0.52 47 E TP3E476(1)020(3)0150AS 9.4 6 0.150 1.05 100 E TP3E107(1)020(3)0500AS 20.0 8 0.500 0.57 100 E TP3E107(1)020(3)0150AS 20.0 8 0.150 1.05 25 VDC AT +85 °C; 17 VDC AT +125 °C 0.47 A TP3A474(1)025(2)12R0AS 0.5 4 12.000 0.08 0.47 A TP3A474(1)025(2)9000AS 0.5 4 9.000 0.09 0.68 A TP3A684(1)025(2)8400AS 0.5 4 8.400 0.09 0.68 B TP3B684(1)025(2)7000AS 0.5 4 7.000 0.11 0.68 B TP3B684(1)025(2)5000AS 0.5 4 5.000 0.13 1.0 A TP3A105(1)025(2)7600AS 0.5 4 7.600 0.10 1.0 A TP3A105(1)025(2)4000AS 0.5 4 4.000 0.14 1.0 B TP3B105(1)025(2)5000AS 0.5 4 5.000 0.13 1.0 B TP3B105(1)025(2)2000AS 0.5 4 2.000 0.21 1.5 A TP3A155(1)025(2)6700AS 0.5 6 6.700 0.11 1.5 A TP3A155(1)025(2)4000AS 0.5 6 4.000 0.14 1.5 B TP3B155(1)025(2)4600AS 0.5 6 4.600 0.14 1.5 B TP3B155(1)025(2)2000AS 0.5 6 2.000 0.21 2.2 A TP3A225(1)025(2)6300AS 0.6 6 6.300 0.11 2.2 A TP3A225(1)025(2)4000AS 0.6 6 4.000 0.14 2.2 B TP3B225(1)025(2)3800AS 0.6 6 3.800 0.15 2.2 B TP3B225(1)025(2)1500AS 0.6 6 1.500 0.24 2.2 B TP3B225(1)025(2)4000AS 0.6 6 4.000 0.24 2.2 C TP3C225(1)025(2)2200AS 0.6 6 2.200 0.22 3.3 B TP3B335(1)025(2)3100AS 0.8 6 3.100 0.17 3.3 B TP3B335(1)025(2)1500AS 0.8 6 1.500 0.24 3.3 C TP3C335(1)025(2)2300AS 0.8 6 2.300 0.22 3.3 C TP3C335(1)025(2)1000AS 0.8 6 1.000 0.33 4.7 B TP3B475(1)025(2)2800AS 1.2 6 2.800 0.17 4.7 B TP3B475(1)025(2)1500AS 1.2 6 1.500 0.24 4.7 C TP3C475(1)025(2)2000AS 1.2 6 2.000 0.24 4.7 C TP3C475(1)025(2)0525AS 1.2 6 0.525 0.46 6.8 B TP3B685(1)025(2)1500AS 1.7 6 1.500 0.24 6.8 C TP3C685(1)025(2)1700AS 1.7 6 1.700 0.25 6.8 C TP3C685(1)025(2)0500AS 1.7 6 0.500 0.47 STANDARD RATINGS CAPACITANCE (μF) CASE CODE PART NUMBER MAX. DCL AT +25 °C (μA) MAX. DF AT +25 °C 120 Hz (%) MAX. ESR AT +25 °C 100 kHz ( Ω) MAX. RIPPLE 100 kHz IRMS (A) Note • Part number definitions: (1) Capacitance tolerance codes: K, M (2) Terminations and packaging codes: C, D, E, F (3) Terminations and packaging codes: C, D, E, F, U, V, T, W |
Numéro de pièce similaire - TP3C686K004C1400AS |
|
Description similaire - TP3C686K004C1400AS |