Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TP8M475M6R3C Fiches technique(PDF) 10 Page - Vishay Siliconix

No de pièce TP8M475M6R3C
Description  Solid Tantalum Chip Capacitors, MICROTAN® , High CV Leadframeless Molded Automotive Grade
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  VISHAY [Vishay Siliconix]
Site Internet  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

TP8M475M6R3C Fiches technique(HTML) 10 Page - Vishay Siliconix

Back Button TP8M475M6R3C Datasheet HTML 6Page - Vishay Siliconix TP8M475M6R3C Datasheet HTML 7Page - Vishay Siliconix TP8M475M6R3C Datasheet HTML 8Page - Vishay Siliconix TP8M475M6R3C Datasheet HTML 9Page - Vishay Siliconix TP8M475M6R3C Datasheet HTML 10Page - Vishay Siliconix TP8M475M6R3C Datasheet HTML 11Page - Vishay Siliconix TP8M475M6R3C Datasheet HTML 12Page - Vishay Siliconix TP8M475M6R3C Datasheet HTML 13Page - Vishay Siliconix TP8M475M6R3C Datasheet HTML 14Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 17 page
background image
Micro Guide
www.vishay.com
Vishay Sprague
Revision: 12-Sep-17
6
Document Number: 40115
For technical questions, contact: tantalum@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
RECOMMENDED REFLOW PROFILES
Capacitors should withstand reflow profile as per J-STD-020 standard, three cycles.
PROFILE FEATURE
SnPb EUTECTIC ASSEMBLY
LEAD (Pb)-FREE ASSEMBLY
PREHEAT AND SOAK
Temperature min. (TSmin.)
100 °C
150 °C
Temperature max. (TSmax.)
150 °C
200 °C
Time (tS) from (TSmin. to TSmax.)
60 s to 90 s
60 s to 150 s
RAMP UP
Ramp-up rate (TL to Tp)
3 °C/s maximum
Liquidus temperature (TL)
183 °C
217 °C
Time (tL) maintained above TL
60 s to 150 s
Peak package body temperature (Tp) max.
235 °C
260 °C
Time (tp) within 5 °C of the peak max. temperature
20 s
30 s
RAMP DOWN
Ramp-down rate (Tp to TL)
6 °C/s maximum
Time from 25 °C to peak temperature
6 min maximum
8 min maximum
PAD DIMENSIONS in inches [millimeters]
CASE CODE
A (NOM.)
B (MIN.)
C (NOM.)
D (MIN.)
K
0.021 [0.53]
0.016 [0.41]
0.022 [0.55]
0.054 [1.37]
M, G
0.024 [0.61]
0.027 [0.70]
0.025 [0.64]
0.080 [2.03]
R, W9, S
0.035 [0.89]
0.029 [0.74]
0.041 [1.05]
0.099 [2.52]
W
0.035 [0.89]
0.029 [0.74]
0.037 [0.95]
0.095 [2.41]
P
0.035 [0.89]
0.029 [0.74]
0.054 [1.37]
0.112 [2.84]
A, Q, A0
0.047 [1.19]
0.042 [1.06]
0.065 [1.65]
0.148 [3.76]
B, B0
0.094 [2.39]
0.044 [1.11]
0.072 [1.82]
0.159 [4.03]
N, T
0.094 [2.39]
0.044 [1.11]
0.065 [1.65]
0.152 [3.86]
M2
0.315 [8.00]
0.098 [2.50]
0.197 [5.00]
0.394 [10.0]
Time
t
S
Time 25 °C to Peak
t
p
T
P
T
L
T
Smin.
25
t
L
T
Smax.
Preheat Area
Max. Ramp Up Rate = 3 °C/s
Max. Ramp Down Rate = 6 °C/s
A
B
C
D


Numéro de pièce similaire - TP8M475M6R3C

FabricantNo de pièceFiches techniqueDescription
logo
GREATECS
TP8 GREATECS-TP8 Datasheet
406Kb / 1P
   3.5 x 7 mm SMT Tactile Switches with Ground Terminal
logo
TiMOTION Technology Co....
TP8 TIMOTION-TP8 Datasheet
492Kb / 4P
   Operational temperature range 5°C~45°C
20220209-F
logo
List of Unclassifed Man...
TP80 ETC2-TP80 Datasheet
219Kb / 2P
   Industrial Test Leads, Probes & Clips
TP80 ETC2-TP80 Datasheet
219Kb / 2P
   Industrial Test Leads, Probes & Clips
logo
Shenzhen Tianyuan Semic...
TP8005 TPOWER-TP8005 Datasheet
565Kb / 7P
   36V/1.2A high dimming ratio LED driver
More results

Description similaire - TP8M475M6R3C

FabricantNo de pièceFiches techniqueDescription
logo
Vishay Siliconix
TL8 VISHAY-TL8 Datasheet
415Kb / 16P
   Solid Tantalum Chip Capacitors, MICROTAN® , High CV Leadframeless Molded Low Profile
Revision: 11-May-16
TL8A0227M004C VISHAY-TL8A0227M004C Datasheet
130Kb / 10P
   Solid Tantalum Chip Capacitors, MICROTAN® , High CV Leadframeless Molded Low Profile
Revision: 15-Jan-13
TR8M106M010C2000 VISHAY-TR8M106M010C2000 Datasheet
142Kb / 10P
   Solid Tantalum Chip Capacitors MICROTAN® Low ESR, Leadframeless Molded
Revision: 21-Mar-13
TR8 VISHAY-TR8_17 Datasheet
408Kb / 16P
   Solid Tantalum Chip Capacitors MICROTAN® Low ESR, Leadframeless Molded
Revision: 18-Jul-17
DLA11020 VISHAY-DLA11020 Datasheet
406Kb / 16P
   Solid Tantalum Chip Capacitors MICROTAN® DLA Approved, Leadframeless Molded
Revision: 18-May-16
298D VISHAY-298D_17 Datasheet
419Kb / 18P
   Solid Tantalum Chip Capacitors 298D MICROTAN®, 298W Extended Range MICROTAN® , Leadframeless Molded
Revision: 18-Jul-17
298D VISHAY-298D_V01 Datasheet
485Kb / 18P
   Solid Tantalum Chip Capacitors 298D MICROTAN®, 298W Extended Range MICROTAN®, Leadframeless Molded
01-Jan-2022
298D VISHAY-298D_08 Datasheet
213Kb / 11P
   Solid Tantalum Chip Capacitors MICROTAN™ Leadframeless Molded
Revision: 01-Sep-08
292D336X06R3P2T VISHAY-292D336X06R3P2T Datasheet
129Kb / 8P
   Solid Tantalum Chip Capacitors, TANTAMOUNT® , Leadframeless Molded
Revision: 16-Sep-09
298D VISHAY-298D Datasheet
156Kb / 7P
   Solid Tantalum Chip Capacitors MICROTAN™ Lead Frameless Molded
Revision: 22-Oct-07
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com