Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TP8M475M6R3C Fiches technique(PDF) 7 Page - Vishay Siliconix

No de pièce TP8M475M6R3C
Description  Solid Tantalum Chip Capacitors, MICROTAN® , High CV Leadframeless Molded Automotive Grade
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  VISHAY [Vishay Siliconix]
Site Internet  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

TP8M475M6R3C Fiches technique(HTML) 7 Page - Vishay Siliconix

Back Button TP8M475M6R3C Datasheet HTML 3Page - Vishay Siliconix TP8M475M6R3C Datasheet HTML 4Page - Vishay Siliconix TP8M475M6R3C Datasheet HTML 5Page - Vishay Siliconix TP8M475M6R3C Datasheet HTML 6Page - Vishay Siliconix TP8M475M6R3C Datasheet HTML 7Page - Vishay Siliconix TP8M475M6R3C Datasheet HTML 8Page - Vishay Siliconix TP8M475M6R3C Datasheet HTML 9Page - Vishay Siliconix TP8M475M6R3C Datasheet HTML 10Page - Vishay Siliconix TP8M475M6R3C Datasheet HTML 11Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 17 page
background image
Micro Guide
www.vishay.com
Vishay Sprague
Revision: 12-Sep-17
3
Document Number: 40115
For technical questions, contact: tantalum@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
SOLID TANTALUM CAPACITORS - LEADFRAMELESS MOLDED
SERIES
TL8
298D
298W
TR8
PRODUCT IMAGE
TYPE
Solid tantalum leadframeless molded chip capacitors
FEATURES
Small size including 0603 and 0402 foot print
Ultra low profile
Industrial grade
Industrial grade,
extended range
Low ESR
TEMPERATURE RANGE
Operating Temperature:
-55 °C to +125 °C
(above 40 °C, voltage
derating is required)
Operating Temperature:
-55 °C to +125 °C
(above 85 °C, voltage
derating is required)
Operating Temperature:
-55 °C to +125 °C
(above 40 °C, voltage
derating is required)
Operating Temperature:
-55 °C to +125 °C
(above 85 °C, voltage
derating is required)
CAPACITANCE RANGE
0.68 μF to 220 μF
0.33 μF to 220 μF
2.2 μF to 220 μF
1 μF to 220 μF
VOLTAGE RANGE
4 V to 25 V
2.5 V to 50 V
4 V to 16 V
2.5 V to 25 V
CAPACITANCE TOLERANCE
± 20 %, ± 10 %
DISSIPATION FACTOR
6 % to 80 %
6 % to 80 %
30 % to 80 %
6 % to 80 %
CASE CODES
W9, A0, B0
K, M, R, P, Q, A, S, B
K, M, Q
M, R, P, Q, A, B
TERMINATION
100 % tin
100 % tin or gold plated
SOLID TANTALUM CAPACITORS - LEADFRAMELESS MOLDED
SERIES
TP8
TM8
DLA 11020
T42
PRODUCT IMAGE
TYPE
Solid tantalum leadframeless molded chip capacitors
FEATURES
Small size including 0603 and 0402 foot print
Built in fuse,
double-stacked
High performance,
automotive grade
High reliability
High reliability,
DLA approved
High reliability,
ultra-low ESR
TEMPERATURE RANGE
Operating Temperature:
-55 °C to +125 °C (above 85 °C, voltage derating is required)
CAPACITANCE RANGE
1 μF to 100 μF
0.68 μF to 47 μF
1 μF to 47 μF
10 μF to 470 μF
VOLTAGE RANGE
6.3 V to 40 V
2 V to 40 V
6.3 V to 40 V
16 V to 75 V
CAPACITANCE TOLERANCE
± 20 %, ± 10 %
DISSIPATION FACTOR
6 % to 30 %
6 % to 20 %
6 % to 8 %
6 % to 15 %
CASE CODES
M, W, R, P, A, N, T, B
K, M, G, W, R, P, A, N, T
M, W, R, P, A, N, T
M2
TERMINATION
100 % tin
Tin / lead solder plated,
100 % tin and gold plated
Tin / lead solder plated
or gold plated
Tin / lead solder plated
or 100 % tin


Numéro de pièce similaire - TP8M475M6R3C

FabricantNo de pièceFiches techniqueDescription
logo
GREATECS
TP8 GREATECS-TP8 Datasheet
406Kb / 1P
   3.5 x 7 mm SMT Tactile Switches with Ground Terminal
logo
TiMOTION Technology Co....
TP8 TIMOTION-TP8 Datasheet
492Kb / 4P
   Operational temperature range 5°C~45°C
20220209-F
logo
List of Unclassifed Man...
TP80 ETC2-TP80 Datasheet
219Kb / 2P
   Industrial Test Leads, Probes & Clips
TP80 ETC2-TP80 Datasheet
219Kb / 2P
   Industrial Test Leads, Probes & Clips
logo
Shenzhen Tianyuan Semic...
TP8005 TPOWER-TP8005 Datasheet
565Kb / 7P
   36V/1.2A high dimming ratio LED driver
More results

Description similaire - TP8M475M6R3C

FabricantNo de pièceFiches techniqueDescription
logo
Vishay Siliconix
TL8 VISHAY-TL8 Datasheet
415Kb / 16P
   Solid Tantalum Chip Capacitors, MICROTAN® , High CV Leadframeless Molded Low Profile
Revision: 11-May-16
TL8A0227M004C VISHAY-TL8A0227M004C Datasheet
130Kb / 10P
   Solid Tantalum Chip Capacitors, MICROTAN® , High CV Leadframeless Molded Low Profile
Revision: 15-Jan-13
TR8M106M010C2000 VISHAY-TR8M106M010C2000 Datasheet
142Kb / 10P
   Solid Tantalum Chip Capacitors MICROTAN® Low ESR, Leadframeless Molded
Revision: 21-Mar-13
TR8 VISHAY-TR8_17 Datasheet
408Kb / 16P
   Solid Tantalum Chip Capacitors MICROTAN® Low ESR, Leadframeless Molded
Revision: 18-Jul-17
DLA11020 VISHAY-DLA11020 Datasheet
406Kb / 16P
   Solid Tantalum Chip Capacitors MICROTAN® DLA Approved, Leadframeless Molded
Revision: 18-May-16
298D VISHAY-298D_17 Datasheet
419Kb / 18P
   Solid Tantalum Chip Capacitors 298D MICROTAN®, 298W Extended Range MICROTAN® , Leadframeless Molded
Revision: 18-Jul-17
298D VISHAY-298D_V01 Datasheet
485Kb / 18P
   Solid Tantalum Chip Capacitors 298D MICROTAN®, 298W Extended Range MICROTAN®, Leadframeless Molded
01-Jan-2022
298D VISHAY-298D_08 Datasheet
213Kb / 11P
   Solid Tantalum Chip Capacitors MICROTAN™ Leadframeless Molded
Revision: 01-Sep-08
292D336X06R3P2T VISHAY-292D336X06R3P2T Datasheet
129Kb / 8P
   Solid Tantalum Chip Capacitors, TANTAMOUNT® , Leadframeless Molded
Revision: 16-Sep-09
298D VISHAY-298D Datasheet
156Kb / 7P
   Solid Tantalum Chip Capacitors MICROTAN™ Lead Frameless Molded
Revision: 22-Oct-07
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com