Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ST92F120V9Q7 Fiches technique(PDF) 1 Page - STMicroelectronics

No de pièce ST92F120V9Q7
Description  8/16-BIT FLASH MCU FAMILY WITH RAM, EEPROM AND J1850 BLPD
Download  324 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST92F120V9Q7 Fiches technique(HTML) 1 Page - STMicroelectronics

  ST92F120V9Q7 Datasheet HTML 1Page - STMicroelectronics ST92F120V9Q7 Datasheet HTML 2Page - STMicroelectronics ST92F120V9Q7 Datasheet HTML 3Page - STMicroelectronics ST92F120V9Q7 Datasheet HTML 4Page - STMicroelectronics ST92F120V9Q7 Datasheet HTML 5Page - STMicroelectronics ST92F120V9Q7 Datasheet HTML 6Page - STMicroelectronics ST92F120V9Q7 Datasheet HTML 7Page - STMicroelectronics ST92F120V9Q7 Datasheet HTML 8Page - STMicroelectronics ST92F120V9Q7 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 324 page
background image
September 2002
1/324
Rev. 2.6
ST92F120
8/16-BIT FLASH MCU FAMILY
WITH RAM, EEPROM AND J1850 BLPD
DATASHEET
s
Memories
– Internal Memory: up to 128 Kbytes Single
Voltage FLASH, 2 to 4 Kbytes RAM, 1K byte
emulated EEPROM (E3PROMTM)
– 224 general purpose registers (register file)
available as RAM, accumulators or index
pointers
s
Clock, Reset and Supply Management
– Register-oriented 8/16 bit CORE with RUN,
WFI, SLOW, HALT and STOP modes
– 0-24 MHz Operation (internal Clock), 4.5 - 5.5
Volt voltage range
– PLL Clock Generator (3-5 MHz crystal)
– Min. instruction time: 83 ns (24 MHz int.
clock)
s
Interrupt Management
– 77 I/O pins
– 4 external fast interrupts + 1 NMI
– Up to 16 pins programmable as wake-up or
additional external interrupt with multi-level in-
terrupt handler
s
Timers
– 16-bit Timer with 8 bit Prescaler, able to be
used as a Watchdog Timer with a large range
of service time (HW/SW enabling through
dedicated pin)
– 16-bit Standard Timer that can be used to
generate a time base independent of PLL
Clock Generator
– Two 16-bit independent Extended Function
Timers (EFTs) with Prescaler, 2 Input Cap-
tures and two Output Compares
– Two 16-bit Multifunction Timers, with Prescal-
er, 2 Input Captures and 2 Output Compares
s
Communication Interfaces
– 2 Serial Communication Interfaces with asyn-
chronous and synchronous capabilities. Soft-
ware Management and synchronous mode
supported
– Serial Peripheral Interface (SPI) with Selecta-
ble Master/Slave mode
– J1850 Byte Level Protocol Decoder (JBLPD)
(on J versions only)
– Full I²C multiple Master/Slave Interface sup-
porting Access Bus
s
8-bit Analog to Digital Converter allowing up
to 16 input channels
s
DMA
Controller
for
reduced
processor
overhead
s
Instruction Set
– Rich Instruction Set with 14 Addressing
Modes
– Division-by-zero trap generation
s
Development Tools
– Versatile Development Tools, including As-
sembler,
Linker,
C-Compiler,
Archiver,
Source Level Debugger, Hardware Emulators
and Real Time Operating System
DEVICE SUMMARY
PQFP100
Features
ST92F120V9
ST92F120JV9
ST92F120V1
ST92F120JV1
FLASH - bytes
60K
128K
RAM - bytes
2K
4K
E3PROM - bytes
1K
Network Interface
--
J1850
--
J1850
Temp. Range
-40o C to 105o C or -40oC to 85o C
Packages
PQFP100
9


Numéro de pièce similaire - ST92F120V9Q7

FabricantNo de pièceFiches techniqueDescription
logo
STMicroelectronics
ST92F120V9Q STMICROELECTRONICS-ST92F120V9Q Datasheet
1Mb / 320P
   8/16-BIT FLASH MCU FAMILY WITH RAM, EEPROM AND J1850 BLPD
More results

Description similaire - ST92F120V9Q7

FabricantNo de pièceFiches techniqueDescription
logo
STMicroelectronics
ST92F120 STMICROELECTRONICS-ST92F120 Datasheet
1Mb / 320P
   8/16-BIT FLASH MCU FAMILY WITH RAM, EEPROM AND J1850 BLPD
ST92F124 STMICROELECTRONICS-ST92F124 Datasheet
3Mb / 426P
   8/16-BIT SINGLE VOLTAGE FLASH MCU FAMILY WITH RAM, E3 TMEMULATED EEPROM, CAN 2.0B AND J1850 BLPD
ST92F124 STMICROELECTRONICS-ST92F124_06 Datasheet
4Mb / 429P
   8/16-BIT SINGLE VOLTAGE FLASH MCU FAMILY WITH RAM, E3 TM(EMULATED EEPROM), CAN 2.0B AND J1850 BLPD
logo
Holtek Semiconductor In...
HT66F016 HOLTEK-HT66F016 Datasheet
1Mb / 116P
   Enhanced Flash Type 8-Bit MCU with EEPROM
HT66F30-1 HOLTEK-HT66F30-1 Datasheet
7Mb / 196P
   Enhanced Flash Type 8-Bit MCU with EEPROM
logo
STMicroelectronics
ST10F271B STMICROELECTRONICS-ST10F271B Datasheet
1Mb / 180P
   16-bit MCU with 128 Kbyte Flash memory and 8/12 Kbyte RAM
logo
Holtek Semiconductor In...
HT68F016 HOLTEK-HT68F016 Datasheet
1Mb / 116P
   Enhanced Flash Type 8-Bit MCU with EEPROM
logo
Silicon Laboratories
C8051F310 SILABS-C8051F310_1 Datasheet
2Mb / 228P
   8/16 kB ISP Flash MCU Family
logo
List of Unclassifed Man...
C8051F310 ETC1-C8051F310 Datasheet
2Mb / 224P
   8/16 kB ISP Flash MCU Family
logo
Holtek Semiconductor In...
HT66F03C HOLTEK-HT66F03C Datasheet
1Mb / 142P
   8-Pin Enhanced Flash Type 8-Bit MCU with EEPROM
Rev. 0.00 February 26, 2010
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com