Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TS5USBC400 Fiches technique(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
No de pièce TS5USBC400
Description  Dual 2:1 USB 2.0 Mux/DeMux with 16-V Overvoltage Protection
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI1 [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI1 - Texas Instruments

TS5USBC400 Fiches technique(HTML) 3 Page - Texas Instruments

  TS5USBC400 Datasheet HTML 1Page - Texas Instruments TS5USBC400 Datasheet HTML 2Page - Texas Instruments TS5USBC400 Datasheet HTML 3Page - Texas Instruments TS5USBC400 Datasheet HTML 4Page - Texas Instruments TS5USBC400 Datasheet HTML 5Page - Texas Instruments TS5USBC400 Datasheet HTML 6Page - Texas Instruments TS5USBC400 Datasheet HTML 7Page - Texas Instruments TS5USBC400 Datasheet HTML 8Page - Texas Instruments TS5USBC400 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 29 page
background image
SEL1
D+
D-
FLT
VCC
SEL2
GND
OE
D1+
D1-
D2+
D2-
A
B
C
1
2
3
4
3
TS5USBC400
www.ti.com
SCDS374A – SEPTEMBER 2017 – REVISED SEPTEMBER 2017
Submit Documentation Feedback
Copyright © 2017, Texas Instruments Incorporated
5 Pin Configuration and Functions
YFP Package
12-Pin DSBGA
Top View
Pin Functions
PIN
I/O
DESCRIPTION
NAME
NO.
SEL1
A1
I
Switch select1 (Active high)
D+
A2
I/O
Data switch input (Differential +)
D–
A3
I/O
Data switch input (Differential –)
FLT
A4
O
Fault indicator output pin (Active low) - open drain
VCC
B1
PWR
Supply Voltage
SEL2
B2
I
Switch select2 (Active high)
GND
B3
GND
Ground
OE
B4
I
Output enable (Active low)
D2+
C1
I/O
Data switch output 2 (Differential +)
D2–
C2
I/O
Data switch output 2 (Differential -)
D1+
C3
I/O
Data switch output 1 (Differential +)
D1–
C4
I/O
Data switch output 1 (Differential -)


Numéro de pièce similaire - TS5USBC400

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TS5USBC402 TI1-TS5USBC402 Datasheet
1Mb / 29P
[Old version datasheet]   Dual 2:1 USB 2.0 Mux/DeMux or Single Ended Cross Switch with 20-V Overvoltage Protection
TS5USBC402I TI1-TS5USBC402I Datasheet
1Mb / 29P
[Old version datasheet]   Dual 2:1 USB 2.0 Mux/DeMux or Single Ended Cross Switch with 20-V Overvoltage Protection
TS5USBC402IYFPR TI1-TS5USBC402IYFPR Datasheet
1Mb / 29P
[Old version datasheet]   Dual 2:1 USB 2.0 Mux/DeMux or Single Ended Cross Switch with 20-V Overvoltage Protection
TS5USBC402IYFPT TI1-TS5USBC402IYFPT Datasheet
1Mb / 29P
[Old version datasheet]   Dual 2:1 USB 2.0 Mux/DeMux or Single Ended Cross Switch with 20-V Overvoltage Protection
TS5USBC402YFPR TI1-TS5USBC402YFPR Datasheet
1Mb / 29P
[Old version datasheet]   Dual 2:1 USB 2.0 Mux/DeMux or Single Ended Cross Switch with 20-V Overvoltage Protection
More results

Description similaire - TS5USBC400

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TS5USBC41 TI1-TS5USBC41 Datasheet
585Kb / 27P
[Old version datasheet]   Dual 2:1 USB 2.0 Mux/DeMux or Single Ended Cross Switch with 16-V/20-V Overvoltage Protection
TS5USBC402 TI1-TS5USBC402 Datasheet
1Mb / 29P
[Old version datasheet]   Dual 2:1 USB 2.0 Mux/DeMux or Single Ended Cross Switch with 20-V Overvoltage Protection
HD3SS6126 TI1-HD3SS6126 Datasheet
815Kb / 16P
[Old version datasheet]   USB 3.0 and USB 2.0 Differential Switch 2:1/1:2 MUX/DEMUX
HD3SS6126 TI1-HD3SS6126_14 Datasheet
817Kb / 17P
[Old version datasheet]   USB 3.0 and USB 2.0 Differential Switch 2:1/1:2 MUX/DEMUX
logo
Analog Devices
ADG787 AD-ADG787_15 Datasheet
421Kb / 16P
   Dual 2:1 Mux/Demux USB 1.1 Switch
REV. A
logo
Pericom Semiconductor C...
PI3USB304 PERICOM-PI3USB304 Datasheet
1Mb / 9P
   3.3V USB 3.0 SuperSpeed Dual 2:1 Mux/DeMux Switch with Enable
logo
Analog Devices
ADG772 AD-ADG772 Datasheet
408Kb / 12P
   CMOS Low Power Dual 2:1 Mux/Demux USB 2.0 (480 Mbps)/USB 1.1 (12 Mbps)
REV. 0
logo
Integrated Device Techn...
IDT74FST163233 IDT-IDT74FST163233 Datasheet
82Kb / 6P
   16-BIT 2:1 MUX/DEMUX SWITCH
logo
Renesas Technology Corp
IDT74FST163233 RENESAS-IDT74FST163233 Datasheet
528Kb / 8P
   16-BIT 2:1 MUX/DEMUX SWITCH
OCTOBER 2008
logo
Potato Semiconductor Co...
PO3B22A POTATO-PO3B22A_14 Datasheet
1Mb / 5P
   Wide Bandwidth, Dual 2:1 Mux/DeMux
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com