Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SI91871DMP-26-T1 Fiches technique(PDF) 5 Page - Vishay Siliconix

No de pièce SI91871DMP-26-T1
Description  300-mA Ultra Low-Noise LDO Regulator With Discharge Option
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  VISHAY [Vishay Siliconix]
Site Internet  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SI91871DMP-26-T1 Fiches technique(HTML) 5 Page - Vishay Siliconix

  SI91871DMP-26-T1 Datasheet HTML 1Page - Vishay Siliconix SI91871DMP-26-T1 Datasheet HTML 2Page - Vishay Siliconix SI91871DMP-26-T1 Datasheet HTML 3Page - Vishay Siliconix SI91871DMP-26-T1 Datasheet HTML 4Page - Vishay Siliconix SI91871DMP-26-T1 Datasheet HTML 5Page - Vishay Siliconix SI91871DMP-26-T1 Datasheet HTML 6Page - Vishay Siliconix SI91871DMP-26-T1 Datasheet HTML 7Page - Vishay Siliconix SI91871DMP-26-T1 Datasheet HTML 8Page - Vishay Siliconix SI91871DMP-26-T1 Datasheet HTML 9Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
Si91871
Vishay Siliconix
New Product
Document Number: 72012
S-03156—Rev. B, 03-Feb-03
www.vishay.com
5
TYPICAL CHARACTERISTICS (INTERNALLY REGULATED, 25_C UNLESS NOTED)
- 1.0
- 0.8
- 0.6
- 0.4
- 0.2
- 0.0
0.2
0.4
- 40
- 15
10
35
60
85
Normalized VOUT vs. Temperature
Ambient Temperature (
_C)
0
50
100
150
200
250
300
2
3456
7
No Load GND Pin Current vs. Input Voltage
Input Voltage (V)
IOUT = 0 mA
IOUT = 150 mA
IOUT = 75 mA
-40
_C
85
_C
50
75
100
125
150
0
50
100
150
200
250
300
GND Current vs. Load Current
Load Current (mA)
600
625
650
675
700
725
750
- 40
- 15
10
35
60
85
Output Short Circuit Current vs. Temperature
85
_C
AmbientTemperature (
_C)
25
_C
-80
-60
-40
-20
0
10
100
1000
10000
100000
1000000
Power Supply Rejection
Frequency (Hz)
CIN = 1 mF
COUT = 1 mF
ILOAD = 150 mA
VOUT = 3.0 V
- 0.75
- 0.60
- 0.45
- 0.30
- 0.15
0.00
0.15
0.30
0
50
100
150
200
250
300
Normalized Output Voltage vs. Load Current
Load Current (mA)
VOUT = 2.6 V
VIN = VOUT(nom) + 1 V
VOUT = 3.0 V
VIN = 4.0 V
VIN = VOUT(nom) + 1 V
25
_C
-40
_C
IOUT = 300 mA


Numéro de pièce similaire - SI91871DMP-26-T1

FabricantNo de pièceFiches techniqueDescription
logo
Vishay Siliconix
SI91871DMP-26-T1 VISHAY-SI91871DMP-26-T1 Datasheet
160Kb / 10P
   300-mA Ultra Low-Noise LDO Regulator With Discharge Option
Rev. F, 20-Jun-05
More results

Description similaire - SI91871DMP-26-T1

FabricantNo de pièceFiches techniqueDescription
logo
Vishay Siliconix
SI91871 VISHAY-SI91871_V01 Datasheet
143Kb / 10P
   300-mA Ultra Low-Noise LDO Regulator With Discharge Option
18-Jul-08
SI91871 VISHAY-SI91871_05 Datasheet
160Kb / 10P
   300-mA Ultra Low-Noise LDO Regulator With Discharge Option
Rev. F, 20-Jun-05
SI91841 VISHAY-SI91841 Datasheet
121Kb / 9P
   150-mA Ultra Low-Noise LDO Regulator With Discharge Option
Rev. C, 29-Mar-04
SI91872 VISHAY-SI91872_V01 Datasheet
127Kb / 10P
   300-mA Low-Noise LDO Regulator With Error Flag and Discharge Option
18-Jul-08
SI91872 VISHAY-SI91872 Datasheet
115Kb / 9P
   300-mA Low-Noise LDO Regulator With Error Flag and Discharge Option
Rev. F, 20-Jun-05
SI91845 VISHAY-SI91845 Datasheet
126Kb / 9P
   150-mA Ultra Low-Noise LDO Regulator With Error Flag and Discharge Option
Rev. B, 29-Mar-04
SI91844 VISHAY-SI91844 Datasheet
90Kb / 9P
   150-mA Low-Noise LDO Regulator With Error Flag and Discharge Option
Rev. C, 01-Apr-02
logo
ON Semiconductor
NCP164C ONSEMI-NCP164C Datasheet
566Kb / 15P
   LDO Regulator, 300mA, Low Dropout Voltage, Ultra Low Noise, High PSRR with Power Good
January, 2020 ??Rev. 1
NCP164 ONSEMI-NCP164 Datasheet
365Kb / 10P
   LDO Regulator, 300mA, Low Dropout Voltage, Ultra Low Noise, High PSRR with Power Good
April, 2020 ??Rev. 0
NCV8164 ONSEMI-NCV8164 Datasheet
423Kb / 13P
   LDO Regulator, 300mA, Low Dropout Voltage, Ultra Low Noise, High PSRR with Power Good
February, 2020 ??Rev. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com