Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SS23 Fiches technique(PDF) 1 Page - Suntan Capacitors

No de pièce SS23
Description  SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  SUNTAN [Suntan Capacitors]
Site Internet  http://www.suntan.com.hk
Logo SUNTAN - Suntan Capacitors

SS23 Fiches technique(HTML) 1 Page - Suntan Capacitors

  SS23 Datasheet HTML 1Page - Suntan Capacitors SS23 Datasheet HTML 2Page - Suntan Capacitors  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Suntan® Su®
SS22 THRU SS210
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
VOLTAGE RANGE 20 to 100 Volts
CURRENT 2.0 Ampere
F E A T U R E S
◆Low profile surface mount package
◆Built in strain relief
◆High switching speed
◆Low voltage drop, high efficiency
◆For use in low voltage high frequency inverters
◆Free willing, and polarity protection applications
◆Guardring for over voltage protection
Mechanical Data
◆Case: Transfer molded plastic
◆Epoxy: UL 94V-0 rate flame retardant
◆Lead: Solder plated, solderable per MIL-STD-750 method 2026
◆Polarity: Color band denotes cathode end
◆Weight: 0.003 ounce, 0.093 gram
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Rating at 25℃ ambient temperature unless otherwise specified.
Single phase, half wave, 60Hz, resistive or inductive load.For capacitive load, derate current by 20%
PARAMETER
SYMBOL
SS22
SS23
SS24
SS25
SS26
SS28
SS29
SS210
UNIT
Maximum Repetitive Peak Reverse Voltage
VRRM
20
30
40
50
60
80
90
100
Volts
Maximum RMS Voltage
VRMS
14
21
28
35
42
56
63
70
Volts
Maximum DC Blocking Voltage
VDC
20
30
40
50
60
80
90
100
Volts
Maximum Average Forward Rectified Current at
TL see figure 1 TL =105℃
I(AV)
2.0
Amps
Peak Forward Surge Current 8.3mS single half
sine-wave superimposed on rated load
IFSM
50
Amps
Maximum Instantaneous Forward Voltage @
2.0A(Note1)
VF
0.55
0.70
0.85
Volts
Maximum DC Reverse Current
at rated
DC Blocking Voltage per
element
TA = 25℃
IR
0.5
mA
TA = 100℃
20.0
10.0
Typical Thermal Resistance (Note 2)
RθJA
55
℃/W
RθJL
12
Operating Junction Temperature
TJ
-55 to +125
-55 to +125
Storage Temperature Range
TSTG
-55 to +150
Note:
1. Pulse test: 300μs pulse width, 1% duty cycle.
2. PCB mounted with 0.2”×0.2” (5.0mm×5.0mm) copper pads.
Suntan
® Technology Company Limited
Website: www.suntan.com.hk
Email: info@suntan.com.hk
Tel: (852) 8202 8782
Fax: (852) 8208 6246
DO-214AA(SMB)
Dimensions in inches and (millimeters)


Numéro de pièce similaire - SS23

FabricantNo de pièceFiches techniqueDescription
logo
Zowie Technology Corpor...
SS23 ZOWIE-SS23 Datasheet
51Kb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
Shenzhen Yixinwei Techn...
SS23 YIXIN-SS23 Datasheet
116Kb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
Formosa MS
SS23 FORMOSA-SS23 Datasheet
117Kb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
Yangzhou yangjie electr...
SS23 YANGJIE-SS23 Datasheet
739Kb / 2P
   2.0 AMP. SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
logo
SAMYANG ELECTRONICS CO....
SS23 SAMYANG-SS23 Datasheet
1Mb / 2P
   SCHOTTKY BARRIER RECTIFIER
More results

Description similaire - SS23

FabricantNo de pièceFiches techniqueDescription
logo
Shanghai Sunrise Electr...
SS12 SSE-SS12 Datasheet
16Kb / 1P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
Pan Jit International I...
SX32 PANJIT-SX32_04 Datasheet
41Kb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
General Semiconductor
SS22 GE-SS22 Datasheet
85Kb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
Shanghai Sunrise Electr...
SK12 SSE-SK12 Datasheet
17Kb / 1P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
GOOD-ARK Electronics
SK22 GOOD-ARK-SK22 Datasheet
182Kb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
Comchip Technology
CDBV120 COMCHIP-CDBV120 Datasheet
217Kb / 2P
   Surface Mount Schottky Barrier Rectifier
logo
Diotech Company.
SK52C DIOTECH-SK52C Datasheet
756Kb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
EIC discrete Semiconduc...
SKN0 EIC-SKN0_05 Datasheet
97Kb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
SK52 EIC-SK52_05 Datasheet
97Kb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
Pan Jit International I...
SS12F PANJIT-SS12F Datasheet
258Kb / 3P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
Shenzhen Taychipst Elec...
S510B TAYCHIPST-S510B Datasheet
8Mb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
More results


Html Pages

1 2


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com