Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

BTB772NUJ3 Fiches technique(PDF) 3 Page - Cystech Electonics Corp.

No de pièce BTB772NUJ3
Description  Low Vcesat PNP Epitaxial Planar Transistor
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  CYSTEKEC [Cystech Electonics Corp.]
Site Internet  http://www.cystekec.com
Logo CYSTEKEC - Cystech Electonics Corp.

BTB772NUJ3 Fiches technique(HTML) 3 Page - Cystech Electonics Corp.

  BTB772NUJ3 Datasheet HTML 1Page - Cystech Electonics Corp. BTB772NUJ3 Datasheet HTML 2Page - Cystech Electonics Corp. BTB772NUJ3 Datasheet HTML 3Page - Cystech Electonics Corp. BTB772NUJ3 Datasheet HTML 4Page - Cystech Electonics Corp. BTB772NUJ3 Datasheet HTML 5Page - Cystech Electonics Corp. BTB772NUJ3 Datasheet HTML 6Page - Cystech Electonics Corp. BTB772NUJ3 Datasheet HTML 7Page - Cystech Electonics Corp.  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
CYStech Electronics Corp.
Spec. No. : C631J3
Issued Date : 2017.10.06
Revised Date:
Page:3/7
BTB772NUJ3
CYStek Product Specification
Typical Characteristics
Emitter Grounded Output Characteristics
0
0.05
0.1
0.15
0.2
0.25
0.3
0.35
0.4
0.45
01
2
34
5
6
-VCE, Collector-to-Emitter Voltage(V)
IB=0
IB=-1mA
IB=-500uA
Emitter Grounded Output Characteristics
0
0.2
0.4
0.6
0.8
1
1.2
1.4
01
234
56
-VCE, Collector-to-Emitter Voltage(V)
IB=0
IB=-2.5mA
IB=-5mA
Emitter Grounded Output Characteristics
0
0.5
1
1.5
2
2.5
3
01
23
45
6
-VCE, Collector-to-Emitter Voltage(V)
IB=0
IB=-2mA
IB=-4mA
IB=-6mA
IB=-10mA
IB=-20mA
Emitter Grounded Output Characteristics
0
0.5
1
1.5
2
2.5
3
3.5
4
4.5
01
23
45
6
-VCE, Collector-to-Emitter Voltage(V)
IB=0
IB=-5mA
IB=-10mA
IB=-50mA
Current Gain vs Collector Current
10
100
1000
1
10
100
1000
10000
-IC, Collector Current(mA)
T a=25°C
VCE=-5V
VCE=-2V
VCE=-1V
Current Gain vs Collector Current
10
100
1000
1
10
100
1000
10000
-IC, Collector Current(mA)
VCE=-2V
125°C
75°C
25°C
0°C
-40°C


Numéro de pièce similaire - BTB772NUJ3

FabricantNo de pièceFiches techniqueDescription
logo
Cystech Electonics Corp...
BTB772NUT3 CYSTEKEC-BTB772NUT3 Datasheet
283Kb / 6P
   Low Vcesat PNP Epitaxial Planar Transistor
BTB772NUT3-X-BL-X CYSTEKEC-BTB772NUT3-X-BL-X Datasheet
283Kb / 6P
   Low Vcesat PNP Epitaxial Planar Transistor
More results

Description similaire - BTB772NUJ3

FabricantNo de pièceFiches techniqueDescription
logo
Cystech Electonics Corp...
BTB1205I3 CYSTEKEC-BTB1205I3_09 Datasheet
227Kb / 6P
   Low Vcesat PNP Epitaxial Planar Transistor
BTA1952E3 CYSTEKEC-BTA1952E3 Datasheet
149Kb / 4P
   Low Vcesat PNP Epitaxial Planar Transistor
BTB1326I3 CYSTEKEC-BTB1326I3 Datasheet
138Kb / 4P
   Low Vcesat PNP Epitaxial Planar Transistor
BTB1188AM3 CYSTEKEC-BTB1188AM3 Datasheet
252Kb / 7P
   Low Vcesat PNP Epitaxial Planar Transistor
BTB1188M3R CYSTEKEC-BTB1188M3R Datasheet
253Kb / 7P
   Low Vcesat PNP Epitaxial Planar Transistor
BTPA92T3 CYSTEKEC-BTPA92T3 Datasheet
311Kb / 7P
   Low Vcesat PNP Epitaxial Planar Transistor
BTB772D3 CYSTEKEC-BTB772D3 Datasheet
307Kb / 7P
   Low Vcesat PNP Epitaxial Planar Transistor
BTB772AT3 CYSTEKEC-BTB772AT3 Datasheet
268Kb / 7P
   Low Vcesat PNP Epitaxial Planar Transistor
BTB1205I3 CYSTEKEC-BTB1205I3 Datasheet
157Kb / 5P
   Low Vcesat PNP Epitaxial Planar Transistor
BTB1184J3 CYSTEKEC-BTB1184J3 Datasheet
169Kb / 5P
   Low Vcesat PNP Epitaxial Planar Transistor
BTB1412J3 CYSTEKEC-BTB1412J3_09 Datasheet
246Kb / 7P
   Low Vcesat PNP Epitaxial Planar Transistor
More results


Html Pages

1 2 3 4 5 6 7


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com