Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AMC1106X Fiches technique(PDF) 11 Page - Texas Instruments

No de pièce AMC1106X
Description  Small, High-Precision, Basic Isolated Delta-Sigma Modulators
Download  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI1 [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI1 - Texas Instruments

AMC1106X Fiches technique(HTML) 11 Page - Texas Instruments

Back Button AMC1106X Datasheet HTML 7Page - Texas Instruments AMC1106X Datasheet HTML 8Page - Texas Instruments AMC1106X Datasheet HTML 9Page - Texas Instruments AMC1106X Datasheet HTML 10Page - Texas Instruments AMC1106X Datasheet HTML 11Page - Texas Instruments AMC1106X Datasheet HTML 12Page - Texas Instruments AMC1106X Datasheet HTML 13Page - Texas Instruments AMC1106X Datasheet HTML 14Page - Texas Instruments AMC1106X Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 38 page
background image
Temperature (°C)
-40
-25
-10
5
20
35
50
65
80
95
110 125
0
0.5
1
1.5
2
2.5
3
3.5
4
D008
AVDD = 5 V
AVDD = 3.3 V
AVDD (V)
3
3.5
4
4.5
5
5.5
-100
-75
-50
-25
0
25
50
75
100
D009
VCM (V)
-0.5
0
0.5
1
1.5
2
2.5
3
3.5
-80
-60
-40
-20
0
20
40
60
D005
fIN (kHz)
0.1 0.2
0.5
1
2 3 4 5 7 10
2030 50 100 200
500 1000
-120
-100
-80
-60
-40
-20
0
D006
AVDD (V)
3
3.5
4
4.5
5
5.5
0.5
1
1.5
2
2.5
3
3.5
4
D003
Temperature (qC)
-40
-25
-10
5
20
35
50
65
80
95
110 125
2.9
2.95
3
3.05
3.1
3.15
3.2
3.25
3.3
D004
11
AMC1106E05, AMC1106M05
www.ti.com
SBAS789 – OCTOBER 2017
Product Folder Links: AMC1106E05 AMC1106M05
Submit Documentation Feedback
Copyright © 2017, Texas Instruments Incorporated
7.13 Typical Characteristics
at TA = 25°C, AVDD = 5 V, DVDD = 3.3 V, AINP = –50 mV to 50 mV, AINN = AGND, fCLKIN = 20 MHz, and sinc
3 filter with
OSR = 256 (unless otherwise noted)
Figure 5. Maximum Operating Common-Mode Input Voltage
vs High-Side Supply Voltage
Figure 6. Common-Mode Overvoltage Detection Level vs
Temperature
Figure 7. Input Bias Current vs
Common-Mode Input Voltage
Figure 8. Common-Mode Rejection Ratio vs
Input Signal Frequency
Figure 9. Integral Nonlinearity vs Temperature
Figure 10. Offset Error vs High-Side Supply Voltage


Numéro de pièce similaire - AMC1106X

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
AMC1100 TI-AMC1100 Datasheet
675Kb / 22P
[Old version datasheet]   Fully-Differential Isolation Amplifier for Energy Metering
AMC1100 TI-AMC1100 Datasheet
1Mb / 33P
[Old version datasheet]   AMC1100 Fully-Differential Isolation Amplifier
AMC1100DUB TI-AMC1100DUB Datasheet
675Kb / 22P
[Old version datasheet]   Fully-Differential Isolation Amplifier for Energy Metering
AMC1100DUB TI-AMC1100DUB Datasheet
1Mb / 33P
[Old version datasheet]   AMC1100 Fully-Differential Isolation Amplifier
AMC1100DUBR TI-AMC1100DUBR Datasheet
675Kb / 22P
[Old version datasheet]   Fully-Differential Isolation Amplifier for Energy Metering
More results

Description similaire - AMC1106X

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
AMC1305L25-Q1 TI1-AMC1305L25-Q1 Datasheet
1Mb / 38P
[Old version datasheet]   High-Precision, Reinforced Isolated Delta-Sigma Modulators
AMC1304L05 TI1-AMC1304L05 Datasheet
1Mb / 39P
[Old version datasheet]   High-Precision Reinforced Isolated Delta-Sigma Modulators
AMC1305L25 TI-AMC1305L25_15 Datasheet
1Mb / 39P
[Old version datasheet]   AMC1305x High-Precision,Reinforced Isolated Delta-Sigma Modulators
AMC1306E05 TI1-AMC1306E05_17 Datasheet
1Mb / 40P
[Old version datasheet]   Small, High-Precision, Reinforced Isolated Delta-Sigma Modulators with High CMTI
AMC1306E05_017 TI1-AMC1306E05_017 Datasheet
689Kb / 38P
[Old version datasheet]   Small, High-Precision, Reinforced Isolated Delta-Sigma Modulators with High CMTI
AMC1306E05 TI1-AMC1306E05 Datasheet
1Mb / 40P
[Old version datasheet]   Small, High-Precision, Reinforced Isolated Delta-Sigma Modulators with High CMTI
AMC1305L25 TI1-AMC1305L25 Datasheet
1Mb / 39P
[Old version datasheet]   AMC1305x High-Precision, Reinforced Isolated Delta-Sigma Modulators
AMC1303E0510 TI1-AMC1303E0510 Datasheet
1Mb / 40P
[Old version datasheet]   Small, High-Precision, Reinforced Isolated Delta-Sigma Modulators with Internal Clock
AMC1304L05-Q1 TI1-AMC1304L05-Q1 Datasheet
1Mb / 39P
[Old version datasheet]   High-Precision, Reinforced Isolated Delta-Sigma Modulators with LDO
AMC1304L05 TI-AMC1304L05_15 Datasheet
1Mb / 39P
[Old version datasheet]   AMC1304x High-Precision,Reinforced Isolated Delta-Sigma Modulators with LDO
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com