Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AD9238BCPZ-20 Fiches technique(PDF) 10 Page - Analog Devices

No de pièce AD9238BCPZ-20
Description  Dual A/D Converter
Download  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AD [Analog Devices]
Site Internet  http://www.analog.com
Logo AD - Analog Devices

AD9238BCPZ-20 Fiches technique(HTML) 10 Page - Analog Devices

Back Button AD9238BCPZ-20 Datasheet HTML 6Page - Analog Devices AD9238BCPZ-20 Datasheet HTML 7Page - Analog Devices AD9238BCPZ-20 Datasheet HTML 8Page - Analog Devices AD9238BCPZ-20 Datasheet HTML 9Page - Analog Devices AD9238BCPZ-20 Datasheet HTML 10Page - Analog Devices AD9238BCPZ-20 Datasheet HTML 11Page - Analog Devices AD9238BCPZ-20 Datasheet HTML 12Page - Analog Devices AD9238BCPZ-20 Datasheet HTML 13Page - Analog Devices AD9238BCPZ-20 Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 49 page
background image
AD9238
Rev. C | Page 9 of 48
Table 6. 64-Lead LQFP and 64-Lead LFCSP Pin Function Descriptions
Pin No.
Mnemonic
Description
1, 4, 13, 16
AGND
Analog Ground.
2
VIN+_A
Analog Input Pin (+) for Channel A.
3
VIN–_A
Analog Input Pin (−) for Channel A.
5, 12, 17, 64
AVDD
Analog Power Supply.
6
REFT_A
Differential Reference (+) for Channel A.
7
REFB_A
Differential Reference (−) for Channel A.
8
VREF
Voltage Reference Input/Output.
9
SENSE
Reference Mode Selection.
10
REFB_B
Differential Reference (−) for Channel B.
11
REFT_B
Differential Reference (+) for Channel B.
14
VIN−_B
Analog Input Pin (−) for Channel B.
15
VIN+_B
Analog Input Pin (+) for Channel B.
18
CLK_B
Clock Input Pin for Channel B.
19
DCS
Enable Duty Cycle Stabilizer (DCS) Mode (Tie High to Enable).
20
DFS
Data Output Format Select Bit (Low for Offset Binary, High for Twos Complement).
21
PDWN_B
Power-Down Function Selection for Channel B:
Logic 0 enables Channel B.
Logic 1 powers down Channel B. (Outputs static, not High-Z.)
22
OEB_B
Output Enable Bit for Channel B:
Logic 0 enables Data Bus B.
Logic 1 sets outputs to High-Z.
23, 24, 42, 43
DNC
Do Not Connect Pins. Should be left floating.
25 to 27,
30 to 38
D0_B (LSB) to
D11_B (MSB)
Channel B Data Output Bits.
28, 40, 53
DRGND
Digital Output Ground.
29, 41, 52
DRVDD
Digital Output Driver Supply. Must be decoupled to DRGND with a minimum 0.1 μF capacitor.
Recommended decoupling is 0.1 μF capacitor in parallel with 10 μF.
39
OTR_B
Out-of-Range Indicator for Channel B.
44 to 51,
54 to 57
D0_A (LSB) to
D11_A (MSB)
Channel A Data Output Bits.
58
OTR_A
Out-of-Range Indicator for Channel A.
59
OEB_A
Output Enable Bit for Channel A:
Logic 0 enables Data Bus A.
Logic 1 sets outputs to High-Z.
60
PDWN_A
Power-Down Function Selection for Channel A:
Logic 0 enables Channel A.
Logic 1 powers down Channel A. (Outputs static, not High-Z.)
61
MUX_SELECT
Data Multiplexed Mode. (See Data Format section for how to enable; high setting disables
output data multiplexed mode).
62
SHARED_REF
Shared Reference Control Bit (Low for Independent Reference Mode, High for Shared
Reference Mode).
63
CLK_A
Clock Input Pin for Channel A.
EP
For the 64-Lead LFCSP only, there is an exposed pad that must connect to AGND.


Numéro de pièce similaire - AD9238BCPZ-20

FabricantNo de pièceFiches techniqueDescription
logo
Analog Devices
AD9238BCPZ-20 AD-AD9238BCPZ-20 Datasheet
1Mb / 48P
   12-Bit, 20 MSPS/40 MSPS/65 MSPS Dual A/D Converter
REV. B
AD9238BCPZ-20EB AD-AD9238BCPZ-20EB Datasheet
1Mb / 48P
   12-Bit, 20 MSPS/40 MSPS/65 MSPS Dual A/D Converter
REV. B
More results

Description similaire - AD9238BCPZ-20

FabricantNo de pièceFiches techniqueDescription
logo
Motorola, Inc
MC1650 MOTOROLA-MC1650 Datasheet
113Kb / 11P
   DUAL A/D CONVERTER
logo
Analog Devices
AD9248 AD-AD9248_17 Datasheet
1Mb / 49P
   Dual A/D Converter
AD9288 AD-AD9288_17 Datasheet
633Kb / 25P
   Dual A/D Converter
ADC1100 AD-ADC1100_15 Datasheet
1Mb / 4P
   LOW COST DUAL SLOPE A/D CONVERTER
ADC1105 AD-ADC1105_15 Datasheet
2Mb / 6P
   High Resolution, Dual Slope A/D Converter
AD7112 AD-AD7112 Datasheet
230Kb / 12P
   LC2MOS LOGDAC Dual Logarithmic D/A Converter
REV. 0
logo
Samsung semiconductor
KDA0316 SAMSUNG-KDA0316 Datasheet
400Kb / 10P
   D/A CONVERTER
logo
Texas Instruments
ADC10061 TI1-ADC10061 Datasheet
1Mb / 22P
[Old version datasheet]   A/D Converter
logo
Analog Devices
AD9054A AD-AD9054A_17 Datasheet
362Kb / 21P
   A/D Converter
AD9057 AD-AD9057_17 Datasheet
358Kb / 13P
   A/D Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com