Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AD9218 Fiches technique(PDF) 4 Page - Analog Devices

No de pièce AD9218
Description  3V Dual Analog-to-Digital Converter
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AD [Analog Devices]
Site Internet  http://www.analog.com
Logo AD - Analog Devices

AD9218 Fiches technique(HTML) 4 Page - Analog Devices

  AD9218 Datasheet HTML 1Page - Analog Devices AD9218 Datasheet HTML 2Page - Analog Devices AD9218 Datasheet HTML 3Page - Analog Devices AD9218 Datasheet HTML 4Page - Analog Devices AD9218 Datasheet HTML 5Page - Analog Devices AD9218 Datasheet HTML 6Page - Analog Devices AD9218 Datasheet HTML 7Page - Analog Devices AD9218 Datasheet HTML 8Page - Analog Devices AD9218 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 29 page
background image
AD9218
Rev. C | Page 3 of 28
SPECIFICATIONS
DC SPECIFICATIONS
VDD = 3.0 V, VD = 3.0 V; external reference, unless otherwise noted.
Table 1.
AD9218BST-40/-65
AD9218BST-80/-105
Parameter
Temp
Test
Level
Min
Typ
Max
Min
Typ
Max
Unit
RESOLUTION
10
10
Bits
ACCURACY
No Missing Codes1
Full
VI
Guaranteed, not tested
Guaranteed, not tested
Offset Error2
25°C
I
–18
2
18
–18
2
18
LSB
Gain Error2
25°C
I
–2
3
8
–2
3.5
8
% FS
Differential Nonlinearity
(DNL)
25°C
I
–1
±0.3/±0.6
1/1.3
–1
±0.5/±0.8
1.2/1.7
LSB
Full
VI
±0.8
±0.6/±0.9
LSB
Integral Nonlinearity
(INL)
25°C
I
–1/–1.6
±0.3/±1
1/1.6
–1.35/–2.7
±0.75/±2
+1.35/2.7
LSB
Full
VI
±1
±1/±2.3
LSB
TEMPERATURE DRIFT
Offset Error
Full
V
10
4
ppm/°C
Gain Error2
Full
V
80
100
ppm/°C
Reference
Full
V
40
40
ppm/°C
REFERENCE
Internal Reference Voltage
25°C
I
1.18
1.24
1.28
1.18
1.24
1.28
V
(REFOUT)
Input Resistance (REFINA,
REFINB)
Full
VI
9
11
13
9
11
13
ANALOG INPUTS
Differential Input Voltage
Range (AIN, AIN)3
Full
V
1 or 2
1
V
Common-Mode Voltage3
Full
V
VD/3
VD/3
V
Input Resistance
Full
VI
8
10
14
8
10
14
Input Capacitance
25°C
V
3
3
pF
POWER SUPPLY
VD
Full
IV
2.7
3
3.6
2.7
3
3.6
V
VDD
Full
IV
2.7
3
3.6
2.7
3
3.6
V
Supply Currents
IVD (VD = 3.0 V)4
Full
VI
108/117
113/130
172/183
175/188
mA
IVDD (VDD = 3.0 V)4
25°C
V
7/11
13/17
mA
Power Dissipation DC5
Full
VI
325/350
340/390
515/550
525/565
mW
IVD Power-Down Current6
Full
VI
20
22
mA
Power Supply Rejection
Ratio
25°C
I
±1
±1
mV/V
1 No missing codes across industrial temperature range guaranteed for 40 MSPS, 65 MSPS, and 80 MSPS grades. No missing codes at room temperature guaranteed for
105 MSPS grade.
2 Gain error and gain temperature coefficients are based on the ADC only (with a fixed 1.25 V external reference) 65 grade in 2 V p-p range, 40, 80, 105 grades in 1 V p-p range.
3 (AIN –AIN) = ±0.5 V in 1 V range (full scale), (AIN – AIN) = ±1 V in 2 V range (full scale). The analog inputs self-bias to VD/3. This common-mode voltage can be overdriven
externally by a low impedance source by ±300 mV (differential drive, gain = 1) or ±150 mV (differential drive, gain = 2).
4 AC power dissipation measured with rated encode and a 10.3 MHz analog input @ 0.5 dBFS, CLOAD = 5 pF.
5 DC power dissipation measured with rated encode and a dc analog input (outputs static, IVDD = 0).
6 In power-down state, IVDD = ±10 μA typical (all grades).


Numéro de pièce similaire - AD9218

FabricantNo de pièceFiches techniqueDescription
logo
Analog Devices
AD9218 AD-AD9218 Datasheet
1Mb / 24P
   10-Bit, 40/65/80/105 MSPS 3 V Dual A/D Converter
REV. 0
AD9218-105PCB AD-AD9218-105PCB Datasheet
1Mb / 24P
   10-Bit, 40/65/80/105 MSPS 3 V Dual A/D Converter
REV. 0
AD9218-105PCB AD-AD9218-105PCB Datasheet
952Kb / 28P
   10-Bit, 40/65/80/105 MSPS 3 V Dual Analog-to-Digital Converter
REV. C
AD9218-105PCB AD-AD9218-105PCB Datasheet
902Kb / 28P
   High Speed ADC USB FIFO Evaluation Kit
REV. 0
AD9218-65PCB AD-AD9218-65PCB Datasheet
1Mb / 24P
   10-Bit, 40/65/80/105 MSPS 3 V Dual A/D Converter
REV. 0
More results

Description similaire - AD9218

FabricantNo de pièceFiches techniqueDescription
logo
Analog Devices
AD9234 AD-AD9234_17 Datasheet
1Mb / 67P
   Dual Analog-to-Digital Converter
AD9680 AD-AD9680_17 Datasheet
3Mb / 99P
   Dual Analog-to-Digital Converter
AD9684 AD-AD9684_17 Datasheet
1Mb / 65P
   Dual Analog-to-Digital Converter
AD9689 AD-AD9689 Datasheet
2Mb / 134P
   Dual Analog-to-Digital Converter
AD9250 AD-AD9250_17 Datasheet
1Mb / 45P
   Dual Analog-to-Digital Converter
AD9691 AD-AD9691_17 Datasheet
1Mb / 73P
   Dual Analog-to-Digital Converter
AD9695 AD-AD9695 Datasheet
5Mb / 136P
   Dual Analog-to-Digital Converter
logo
Burr-Brown (TI)
ADS901 BURR-BROWN-ADS901 Datasheet
174Kb / 11P
   10-Bit, 20MHz, 3V Supply ANALOG-TO-DIGITAL CONVERTER
logo
Texas Instruments
ADS900 TI-ADS900_V01 Datasheet
342Kb / 15P
[Old version datasheet]   10-Bit, 20MHz, 3V Supply ANALOG-TO-DIGITAL CONVERTER
logo
Burr-Brown (TI)
ADS900 BURR-BROWN-ADS900 Datasheet
219Kb / 12P
   10-Bit, 20MHz, 3V Supply ANALOG-TO-DIGITAL CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com