Moteur de recherche de fiches techniques de composants électroniques |
|
MC14489BDWR2 Fiches technique(PDF) 2 Page - Motorola, Inc |
|
MC14489BDWR2 Fiches technique(HTML) 2 Page - Motorola, Inc |
2 / 22 page MC14489B MOTOROLA 2 BLOCK DIAGRAM 1 BitGrabber CONFIGURATION REGISTER 8 BITS Rx DATA OUT 8 2 20 12 BitGrabber DISPLAY REGISTER 24 BITS NIBBLE MUX AND DECODER ROM ANODE DRIVERS (CURRENT SOURCES) BANK SWITCHES (FETs) 19 4 5 6 7 ab DATA IN c d e f g h 24–1/2–STAGE SHIFT REGISTER 11 10 7 4 4 4 4 4 4 4 4 4 4 4 4 18 POR 9 13 15 16 17 5 5 CLOCK ENABLE OSCILLATOR AND CONTROL LOGIC BANK 1 BANK 2 BANK 3 BANK 4 BANK 5 PIN 3 = VDD PIN 14 = VSS h DIM/BRIGHT BLANK a TO g D C MAXIMUM RATINGS* (Voltages Referenced to VSS) Symbol Parameter Value Unit VDD DC Supply Voltage – 0.5 to + 6.0 V Vin DC Input Voltage – 0.5 to VDD + 0.5 V Vout DC Output Voltage – 0.5 to VDD + 0.5 V Iin DC Input Current — per Pin (Includes Pin 8) ± 15 mA Iout DC Output Current — Pins 1, 2, 4 – 7, 19, 20 Sourcing Sinking – 40 10 mA Pins 9, 13, 15, 16, 17 Sinking 320 Pin 18 ± 15 IDD, ISS DC Supply Current, VDD and VSS Pins ± 350 mA TJ Chip Junction Temperature – 40 to + 130 °C R θJA Device Thermal Resistance, Junction–to–Ambient (see Thermal Considerations section) Plastic DIP SOG Package 90 100 °C/W Tstg Storage Temperature – 65 to + 150 °C TL Lead Temperature, 1 mm from Case for 10 Seconds 260 °C * Maximum Ratings are those values beyond which damage to the device may occur. Functional operation should be restricted to the limits in the Electrical Characteristics tables or Pin Descriptions section. This device contains protection circuitry to guard against damage due to high static volt- ages or electric fields. However, precautions must be taken to avoid applications of any volt- age higher than maximum rated voltages to this high–impedance circuit. For proper operation, Vin and Vout should be constrained to the range VSS ≤ (Vin or Vout) ≤ VDD. Unused inputs must always be tied to an ap- propriate logic voltage level (e.g., either VSS or VDD). Unused outputs must be left open. |
Numéro de pièce similaire - MC14489BDWR2 |
|
Description similaire - MC14489BDWR2 |