Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AD9229ABCPZRL7-65 Fiches technique(PDF) 10 Page - Analog Devices

No de pièce AD9229ABCPZRL7-65
Description  Serial, LVDS, 3 V A/D Converter
Download  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AD [Analog Devices]
Site Internet  http://www.analog.com
Logo AD - Analog Devices

AD9229ABCPZRL7-65 Fiches technique(HTML) 10 Page - Analog Devices

Back Button AD9229ABCPZRL7-65 Datasheet HTML 6Page - Analog Devices AD9229ABCPZRL7-65 Datasheet HTML 7Page - Analog Devices AD9229ABCPZRL7-65 Datasheet HTML 8Page - Analog Devices AD9229ABCPZRL7-65 Datasheet HTML 9Page - Analog Devices AD9229ABCPZRL7-65 Datasheet HTML 10Page - Analog Devices AD9229ABCPZRL7-65 Datasheet HTML 11Page - Analog Devices AD9229ABCPZRL7-65 Datasheet HTML 12Page - Analog Devices AD9229ABCPZRL7-65 Datasheet HTML 13Page - Analog Devices AD9229ABCPZRL7-65 Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 41 page
background image
AD9229
Rev. B | Page 9 of 40
PIN CONFIGURATION AND FUNCTION DESCRIPTIONS
1
2
3
4
5
6
7
8
9
10
11
12
DRGND
DRVDD
NC
DTP
AVDD
AGND
PDWN
AVDD
AGND
VIN+A
VIN–A
AGND
DRVDD
LVDSBIAS
AGND
AVDD
AGND
CLK
AVDD
AGND
VIN+D
VIN–D
AGND
35
DRGND
36
34
33
32
31
30
29
28
27
26
25
AD9229
TOP VIEW
(Not to Scale)
PIN 1
INDICATOR
EXPOSED PADDLE, PIN 0
(Bottom of Package)
NC = NO CONNECT
Figure 3. LFCSP Top View
Table 6. Pin Function Descriptions
Pin No.
Mnemonic
Description
5, 8, 16, 21,
29, 32
AVDD
Analog Supply
6, 9, 12, 15, 22,
25, 28, 31, 33
AGND
Analog Ground
2, 35
DRVDD
Digital Output Supply
1, 36
DRGND
Digital Ground
0
AGND
Exposed Paddle/Thermal Heat
Slug (Located on Bottom of
Package)
3
NC
No Connect
4
DTP
Digital Test Pattern Enable
7
PDWN
Power-Down Selection (AVDD =
Power Down)
10
VIN+A
ADC A Analog Input—True
11
VIN–A
ADC A Analog Input—
Complement
13
VIN–B
ADC B Analog Input—
Complement
14
VIN+B
ADC B Analog Input—True
17
SENSE
Reference Mode Selection
18
VREF
Voltage Reference Input/Output
19
REFB
Differential Reference (Bottom)
20
REFT
Differential Reference (Top)
23
VIN+C
ADC C Analog Input—True
24
VIN–C
ADC C Analog Input—
Complement
Pin No.
Mnemonic
Description
26
VIN–D
ADC D Analog Input—
Complement
27
VIN+D
ADC D Analog Input—True
30
CLK
Input Clock
34
LVDSBIAS
LVDS Output Current Set
Resistor Pin
37
D–D
ADC D Complement Digital
Output
38
D+D
ADC D True Digital Output
39
D–C
ADC C Complement Digital
Output
40
D+C
ADC C True Digital Output
41
D–B
ADC B Complement Digital
Output
42
D+B
ADC B True Digital Output
43
D–A
ADC A Complement Digital
Output
44
D+A
ADC A True Digital Output
45
FCO–
Frame Clock Indicator—
Complement Output
46
FCO+
Frame Clock Indicator—True
Output
47
DCO–
Data Clock Output—
Complement
48
DCO+
Data Clock Output—True


Numéro de pièce similaire - AD9229ABCPZRL7-65

FabricantNo de pièceFiches techniqueDescription
logo
Analog Devices
AD9229ABCPZRL7-65 AD-AD9229ABCPZRL7-65 Datasheet
789Kb / 40P
   Quad, 12-Bit, 50/65 MSPS, Serial, LVDS, 3 V A/D Converter
REV. B
More results

Description similaire - AD9229ABCPZRL7-65

FabricantNo de pièceFiches techniqueDescription
logo
Analog Devices
AD9289 AD-AD9289_17 Datasheet
917Kb / 33P
   Serial LVDS 3 V A/D Converter
AD9228 AD-AD9228_17 Datasheet
1Mb / 57P
   Serial LVDS 1.8 V A/D Converter
AD9289 AD-AD9289_15 Datasheet
1Mb / 32P
   Quad 8-Bit, 65 MSPS, Serial LVDS 3 V A/D Converter
REV. 0
AD9229-65EBZ AD-AD9229-65EBZ Datasheet
789Kb / 40P
   Quad, 12-Bit, 50/65 MSPS, Serial, LVDS, 3 V A/D Converter
REV. B
AD9229 AD-AD9229_15 Datasheet
789Kb / 40P
   Quad, 12-Bit, 50/65 MSPS, Serial, LVDS, 3 V A/D Converter
REV. B
AD9259 AD-AD9259 Datasheet
1Mb / 52P
   Quad, 14-bit, 50 MSPS Serial LVDS 1.8 V A/D Converter
REV. 0
AD9287 AD-AD9287 Datasheet
1Mb / 52P
   Quad, 8-Bit, 100 MSPS Serial LVDS 1.8 V A/D Converter
REV. 0
AD9252 AD-AD9252 Datasheet
2Mb / 52P
   Octal, 14-Bit, 50 MSPS Serial LVDS 1.8 V A/D Converter
REV. 0
logo
Texas Instruments
ADC14DS080 TI1-ADC14DS080 Datasheet
1Mb / 36P
[Old version datasheet]   80 MSPS A/D Converter with Serial LVDS Outputs
logo
Analog Devices
AD9228 AD-AD9228_07 Datasheet
1Mb / 52P
   Quad, 12-Bit, 40/65 MSPS Serial LVDS 1.8 V A/D Converter
Rev. B
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com