Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

FM810LP3X Fiches technique(PDF) 1 Page - Fairchild Semiconductor

No de pièce FM810LP3X
Description  3-Pin UC Supervisor Circuits
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  FAIRCHILD [Fairchild Semiconductor]
Site Internet  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FM810LP3X Fiches technique(HTML) 1 Page - Fairchild Semiconductor

  FM810LP3X Datasheet HTML 1Page - Fairchild Semiconductor FM810LP3X Datasheet HTML 2Page - Fairchild Semiconductor FM810LP3X Datasheet HTML 3Page - Fairchild Semiconductor FM810LP3X Datasheet HTML 4Page - Fairchild Semiconductor FM810LP3X Datasheet HTML 5Page - Fairchild Semiconductor FM810LP3X Datasheet HTML 6Page - Fairchild Semiconductor FM810LP3X Datasheet HTML 7Page - Fairchild Semiconductor FM810LP3X Datasheet HTML 8Page - Fairchild Semiconductor FM810LP3X Datasheet HTML 9Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
©2005 Fairchild Semiconductor Corporation
1
www.fairchildsemi.com
August 2005
FM809/810 Rev. G
FM809/810
3-Pin µC Supervisor Circuits
General Description
The FM809/810 are supervisor circuits that monitor power
supply or other system voltages and issue reset pulse whenever
the voltage being monitored is out of tolerance. Once asserted,
the reset pulse is guaranteed to be valid for a minimum of
140ms (256ms typical). FM809xx offers active low push-pull
type of reset while FM810xx offers active high push-pull type.
Several threshold voltages are offered to accommodate 5.0V,
3.3V, 3.0V and 2.7V system voltages.
The low supply current (typically 2 µA)recommends FM809/810
devices for portable designs or wherever power saving is
primary.
These devices are offered in space saving 3-pin SOT23 and
SC70 packages.
Features
■ VTH voltages of 4.63V, 4.38V, 4.00V, 3.08V, 2.93V and 2.63V
■ RESET (FM809) or RESET (FM810) output
■ 140ms power-on RESET delay (minimum)
■ RESET operation guaranteed to 1.0V
■ Supply current only 2µA
■ No external components
■ Operating Range
– -40°C to +105°C (SOT23)
– -40°C to +85°C (SC70)
■ SOT23-3 and SC70-3 packages
Applications
■ Microcontrollers and Microprocessors
■ Appliances
■ Power-Supply Monitoring
■ Portable Equipment
■ Automotive Systems
Typical Operating Circuit
Connection Diagram
SOT23-3 & SC70-3Packages
FM809
µC
GND
VCC
VCC
GND
RESET
I/P
RESET
VCC
3
GND
RESET (809) or
RESET (810)
1
2
FM809/810


Numéro de pièce similaire - FM810LP3X

FabricantNo de pièceFiches techniqueDescription
logo
Rectron Semiconductor
FM8100C RECTRON-FM8100C Datasheet
81Kb / 6P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
SHENZHEN FUMAN ELECTRON...
FM8101 FUMAN-FM8101 Datasheet
387Kb / 8P
   No-start resistor, no VCC capacitor isolation flyback constant current driver chip
FM8101A FUMAN-FM8101A Datasheet
387Kb / 8P
   No-start resistor, no VCC capacitor isolation flyback constant current driver chip
FM8101B FUMAN-FM8101B Datasheet
387Kb / 8P
   No-start resistor, no VCC capacitor isolation flyback constant current driver chip
FM8101C FUMAN-FM8101C Datasheet
387Kb / 8P
   No-start resistor, no VCC capacitor isolation flyback constant current driver chip
More results

Description similaire - FM810LP3X

FabricantNo de pièceFiches techniqueDescription
logo
Fairchild Semiconductor
FM809 FAIRCHILD-FM809 Datasheet
54Kb / 8P
   3-Pin UC Supervisor Circuits
FMFFM1233AC FAIRCHILD-FMFFM1233AC Datasheet
66Kb / 7P
   3-Pin uC Supervisor Circuit
FM809 FAIRCHILD-FM809 Datasheet
54Kb / 8P
   3-Pin 關C Supervisor Circuits
logo
Sipex Corporation
SP809 SIPEX-SP809 Datasheet
181Kb / 8P
   3 Pin Microprocessor Supervisor Circuit
logo
Exar Corporation
SP809EK-L-2-3 EXAR-SP809EK-L-2-3 Datasheet
474Kb / 8P
   3 Pin Microprocessor Supervisor Circuit
logo
Texas Instruments
TLV809 TI1-TLV809 Datasheet
929Kb / 20P
[Old version datasheet]   3-Pin Supply Voltage Supervisor
logo
IMP, Inc
IMP809 IMP-IMP809 Datasheet
167Kb / 7P
   3-Pin Microcontroller Power Supply Supervisor
logo
Fairchild Semiconductor
FM1233E FAIRCHILD-FM1233E Datasheet
31Kb / 7P
   3-Pin 關C Supervisor Circuit
logo
IMP, Inc
IMP6303 IMP-IMP6303 Datasheet
144Kb / 8P
   3-Pin Microcontroller Power Supply Supervisor
logo
PulseCore Semiconductor
PCS809 PULSECORE-PCS809 Datasheet
521Kb / 8P
   3-Pin 關P Voltage Supervisor
More results


Html Pages

1 2 3 4 5 6 7 8 9


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com