Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SMBF5200S Fiches technique(PDF) 2 Page - GOOD-ARK Electronics

No de pièce SMBF5200S
Description  Surface Mount Schottky Rectifier
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  GOOD-ARK [GOOD-ARK Electronics]
Site Internet  http://www.goodark.com
Logo GOOD-ARK - GOOD-ARK Electronics

SMBF5200S Fiches technique(HTML) 2 Page - GOOD-ARK Electronics

  SMBF5200S Datasheet HTML 1Page - GOOD-ARK Electronics SMBF5200S Datasheet HTML 2Page - GOOD-ARK Electronics SMBF5200S Datasheet HTML 3Page - GOOD-ARK Electronics SMBF5200S Datasheet HTML 4Page - GOOD-ARK Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
SMBF5150S thru SMBF5200S
Surface Mount Schottky Rectifier
Reverse Voltage 150~200V Forward Current 5A
Ratings and Characteristics Curves
(TA = 25℃ unless otherwise noted)
Figure 1.Forward Current Derating Curve
Figure 2.Maximum Non-Repetitive Peak
Forward Surge Current
Figure 4. Typical Reverse Characteristics
Figure 3. Typical Instantaneous
Forward Characteristics
0
30
60
90
120
1
10
100
Number of Cycles at 60Hz
0.001
0.01
0.1
1
10
100
1000
10 20 30 40 50 60 70 80 90 100110
Percent of Rated Peak Reverse Voltage (%)
25℃
125℃
150℃
0.01
0.1
1
10
100
0.0
0.2
0.4
0.6
0.8
1.0
1.2
Instantaneous Forward Voltage (V)
25℃
125℃
150℃
0
1
2
3
4
5
6
25
50
75
100
125
150
Lead temperature(℃)
7*7mm
30*30mm
www.goodark.com
2/4
2016.10-Rev.A


Numéro de pièce similaire - SMBF5200S

FabricantNo de pièceFiches techniqueDescription
logo
GOOD-ARK Electronics
SMBF520SL GOOD-ARK-SMBF520SL Datasheet
395Kb / 4P
   Surface Mount Schottky Rectifier
More results

Description similaire - SMBF5200S

FabricantNo de pièceFiches techniqueDescription
logo
PACELEADER INDUSTRIAL
SGL34-20 PACELEADER-SGL34-20 Datasheet
606Kb / 2P
   SURFACE MOUNT SCHOTTKY RECTIFIER
SR320M PACELEADER-SR320M Datasheet
607Kb / 2P
   SURFACE MOUNT SCHOTTKY RECTIFIER
logo
SHENZHEN YONGERJIA INDU...
DSK12 WINNERJOIN-DSK12 Datasheet
64Kb / 2P
   Surface Mount Schottky rectifier
logo
GOOD-ARK Electronics
PS12 GOOD-ARK-PS12 Datasheet
447Kb / 4P
   Surface Mount Schottky Rectifier
PS26 GOOD-ARK-PS26 Datasheet
450Kb / 4P
   Surface Mount Schottky Rectifier
SGC101BSH GOOD-ARK-SGC101BSH Datasheet
218Kb / 4P
   Surface Mount Schottky Rectifier
SGC2060ST GOOD-ARK-SGC2060ST Datasheet
410Kb / 4P
   Surface Mount Schottky Rectifier
SK1B5 GOOD-ARK-SK1B5 Datasheet
766Kb / 5P
   Surface Mount Schottky Rectifier
FS32 GOOD-ARK-FS32 Datasheet
367Kb / 4P
   Surface Mount Schottky Rectifier
LS24A GOOD-ARK-LS24A Datasheet
395Kb / 4P
   Surface Mount Schottky Rectifier
LS26 GOOD-ARK-LS26 Datasheet
423Kb / 4P
   Surface Mount Schottky Rectifier
More results


Html Pages

1 2 3 4


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com