Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

LFL15829MTCTE039 Fiches technique(PDF) 1 Page - Murata Manufacturing Co., Ltd.

No de pièce LFL15829MTCTE039
Description  LC Filters(LPF)
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MURATA [Murata Manufacturing Co., Ltd.]
Site Internet  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.

LFL15829MTCTE039 Fiches technique(HTML) 1 Page - Murata Manufacturing Co., Ltd.

  LFL15829MTCTE039 Datasheet HTML 1Page - Murata Manufacturing Co., Ltd. LFL15829MTCTE039 Datasheet HTML 2Page - Murata Manufacturing Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Product Search Data Sheet
Note: This datasheet may be out of date.
Please download the latest datasheet of LFL15829MTCTE039 from the official website of Murata Manufacturing
Co., Ltd.
https://www.murata.com/en-us/products/productdetail?partno=LFL15829MTCTE039
LFL15829MTCTE039
Packaging Information
Packaging
Specifications
Minimum
Order Quantity
-
180mm Paper Tape
10000
Features
Ultra-small, low-profiled, lightweight chip filters based on ceramic
multilayer technology.
Offering stable high selectivity up to very high frequency.
1. Low loss
2. Ultra-small, low-profiled, lightweight low-pass filters.
3. Ideal for removing high-frequency harmonics at power amplifier
and IF stage.
4. Available in tape and reel packings for automatic mounting.
5. Absolutely no adjustment required.
6. Reflow solderable.
7. Center frequencies and responses are ready for customization.
Samples are available in a short lead time.
1 of 2
Atten ti o n
1.This datasheet is downloaded from the website of Murata Manufacturing Co., Ltd. Therefore, it’s specifications are subject to change or our products in it may be discontinued
without advance notice. Please check with our sales representatives or product engineers before ordering.
2.This datasheet has only typical specifications because there is no space for detailed specifications.
Therefore, please review our product specifications or consult the approval sheet for product specifications before ordering.
URL : https://www.murata.com/
Last
updated 2017/11/09


Numéro de pièce similaire - LFL15829MTCTE039

FabricantNo de pièceFiches techniqueDescription
logo
Murata Manufacturing Co...
LFL15869MTC1B787 MURATA-LFL15869MTC1B787 Datasheet
129Kb / 9P
   Filters for Communication Equipment
LFL15869MTC1B787 MURATA-LFL15869MTC1B787 Datasheet
209Kb / 3P
   LC Filters(LPF)
logo
Murata Manufacturing Co...
LFL15869MTC1B787 MURATA1-LFL15869MTC1B787 Datasheet
153Kb / 9P
   Filters for Communication Equipment
10.12.17
logo
Murata Manufacturing Co...
LFL15869MTC1B787 MURATA-LFL15869MTC1B787_17 Datasheet
209Kb / 3P
   LC Filters(LPF)
More results

Description similaire - LFL15829MTCTE039

FabricantNo de pièceFiches techniqueDescription
logo
Murata Manufacturing Co...
LFL18829MTCRD627 MURATA-LFL18829MTCRD627 Datasheet
167Kb / 2P
   LC Filters(LPF)
LFL152G45TC1A219 MURATA-LFL152G45TC1A219 Datasheet
201Kb / 3P
   LC Filters(LPF)
LFL182G45TC1A108 MURATA-LFL182G45TC1A108 Datasheet
200Kb / 3P
   LC Filters(LPF)
LFL15869MTC1B787 MURATA-LFL15869MTC1B787_17 Datasheet
209Kb / 3P
   LC Filters(LPF)
LFL185G42TD1A241 MURATA-LFL185G42TD1A241_17 Datasheet
210Kb / 3P
   LC Filters(LPF)
LFL212G45TC1A007 MURATA-LFL212G45TC1A007_17 Datasheet
208Kb / 3P
   LC Filters(LPF)
LFL215G42TC1A216 MURATA-LFL215G42TC1A216 Datasheet
168Kb / 2P
   LC Filters(LPF)
LFL151G35TC7D784 MURATA-LFL151G35TC7D784 Datasheet
170Kb / 2P
   LC Filters(LPF)
logo
SAMWHA ELECTRIC
CAL2010 SAMWHA-CAL2010 Datasheet
116Kb / 1P
   LC FILTERS
CFL1608 SAMWHA-CFL1608 Datasheet
119Kb / 1P
   LC FILTERS
More results


Html Pages

1 2


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com