Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AD9239BCPZ-210 Fiches technique(PDF) 11 Page - Analog Devices

No de pièce AD9239BCPZ-210
Description  Serial Output 1.8 V ADC
Download  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AD [Analog Devices]
Site Internet  http://www.analog.com
Logo AD - Analog Devices

AD9239BCPZ-210 Fiches technique(HTML) 11 Page - Analog Devices

Back Button AD9239BCPZ-210 Datasheet HTML 7Page - Analog Devices AD9239BCPZ-210 Datasheet HTML 8Page - Analog Devices AD9239BCPZ-210 Datasheet HTML 9Page - Analog Devices AD9239BCPZ-210 Datasheet HTML 10Page - Analog Devices AD9239BCPZ-210 Datasheet HTML 11Page - Analog Devices AD9239BCPZ-210 Datasheet HTML 12Page - Analog Devices AD9239BCPZ-210 Datasheet HTML 13Page - Analog Devices AD9239BCPZ-210 Datasheet HTML 14Page - Analog Devices AD9239BCPZ-210 Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 41 page
background image
AD9239
Data Sheet
Pin No.
Mnemonic
Description
37
SDO
Serial Data Output. Used for 4-wire SPI interface.
38
SDI/SDIO
Serial Data Input/Serial Data IO for 3-Wire SPI Interface.
39
SCLK
Serial Clock.
40
CSB
Chip Select Bar.
44
VIN + A
ADC A Analog Input True.
45
VIN − A
ADC A Analog Input Complement.
47
VCM A
Common-Mode Output Voltage Reference.
50
PGM3
Optional Pin to be Programmed by Customer.
51
PGM2
Optional Pin to be Programmed by Customer.
52
PGM1
Optional Pin to be Programmed by Customer.
53
PGM0
Optional Pin to be Programmed by Customer.
56
VCM B
Common-Mode Output Voltage Reference.
58
VIN − B
ADC B Analog Input Complement.
59
VIN + B
ADC B Analog Input True.
67
VIN + C
ADC C Analog Input True.
68
VIN − C
ADC C Analog Input Complement.
70
VCM C
Common-Mode Output Voltage Reference.
1, 5, 6, 19, 36,
49, 54, 63, 72
NC
No Connection.
Rev. E | Page 10 of 40


Numéro de pièce similaire - AD9239BCPZ-210

FabricantNo de pièceFiches techniqueDescription
logo
Analog Devices
AD9239BCPZ-210 AD-AD9239BCPZ-210 Datasheet
1Mb / 40P
   Quad, 12-Bit, 170 MSPS/210 MSPS/250 MSPS Serial Output 1.8 V ADC
REV. 0
More results

Description similaire - AD9239BCPZ-210

FabricantNo de pièceFiches techniqueDescription
logo
Analog Devices
AD9287 AD-AD9287_17 Datasheet
2Mb / 52P
   Serial LVDS 1.8 V ADC
AD9212 AD-AD9212_17 Datasheet
1Mb / 57P
   Serial LVDS, 1.8 V ADC
AD9259 AD-AD9259_17 Datasheet
1Mb / 53P
   Serial LVDS 1.8 V ADC
AD9252 AD-AD9252_17 Datasheet
1Mb / 53P
   Serial LVDS, 1.8 V ADC
AD9633 AD-AD9633_17 Datasheet
1Mb / 42P
   125 MSPS, Serial LVDS 1.8 V ADC
AD9639BCPZ-170 AD-AD9639BCPZ-170 Datasheet
855Kb / 36P
   Quad, 12-Bit, 170 MSPS/210 MSPS Serial Output 1.8 V ADC
REV. B
AD9239 AD-AD9239 Datasheet
1Mb / 40P
   Quad, 12-Bit, 170 MSPS/210 MSPS/250 MSPS Serial Output 1.8 V ADC
REV. 0
AD9259 AD-AD9259_15 Datasheet
1Mb / 52P
   Quad, 14-Bit, 50 MSPS Serial LVDS 1.8 V ADC
Rev. E
AD9287 AD-AD9287_15 Datasheet
1Mb / 52P
   Quad, 8-Bit, 100 MSPS, Serial LVDS 1.8 V ADC
Rev. E
AD9252 AD-AD9252_15 Datasheet
1Mb / 52P
   Octal, 14-Bit, 50 MSPS, Serial LVDS, 1.8 V ADC
Rev. E
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com