Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AD9222ABCPZ-65 Fiches technique(PDF) 7 Page - Analog Devices

No de pièce AD9222ABCPZ-65
Description  Octal, 12-Bit, 40/50/65 MSPS Serial LVDS 1.8 V A/D Converter
Download  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AD [Analog Devices]
Site Internet  http://www.analog.com
Logo AD - Analog Devices

AD9222ABCPZ-65 Fiches technique(HTML) 7 Page - Analog Devices

Back Button AD9222ABCPZ-65 Datasheet HTML 3Page - Analog Devices AD9222ABCPZ-65 Datasheet HTML 4Page - Analog Devices AD9222ABCPZ-65 Datasheet HTML 5Page - Analog Devices AD9222ABCPZ-65 Datasheet HTML 6Page - Analog Devices AD9222ABCPZ-65 Datasheet HTML 7Page - Analog Devices AD9222ABCPZ-65 Datasheet HTML 8Page - Analog Devices AD9222ABCPZ-65 Datasheet HTML 9Page - Analog Devices AD9222ABCPZ-65 Datasheet HTML 10Page - Analog Devices AD9222ABCPZ-65 Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 61 page
background image
AD9222
Data Sheet
Rev. F | Page 6 of 60
SWITCHING SPECIFICATIONS
AVDD = 1.8 V, DRVDD = 1.8 V, 2 V p-p differential input, 1.0 V internal reference, AIN = −0.5 dBFS, unless otherwise noted.
Table 4.
AD9222-40
AD9222-50
AD9222-65
Parameter1
Temp
Min
Typ
Max
Min
Typ
Max
Min
Typ
Max
Unit
CLOCK2
Maximum Clock Rate
Full
40
50
65
MSPS
Minimum Clock Rate
Full
10
10
10
MSPS
Clock Pulse Width High (tEH)
Full
12.5
10.0
7.5
ns
Clock Pulse Width Low (tEL)
Full
12.5
10.0
7.5
ns
OUTPUT PARAMETERS2, 3
Propagation Delay (tPD)
Full
1.5
2.3
3.1
1.5
2.3
3.1
1.5
2.3
3.1
ns
Rise Time (tR) (20% to 80%)
Full
300
300
300
ps
Fall Time (tF) (20% to 80%)
Full
300
300
300
ps
FCO Propagation Delay (tFCO)
Full
1.5
2.3
3.1
1.5
2.3
3.1
1.5
2.3
3.1
ns
DCOPropagationDelay (tCPD)4
Full
tFCO +
(tSAMPLE/24)
tFCO +
(tSAMPLE/24)
tFCO +
(tSAMPLE/24)
ns
DCO to Data Delay (tDATA)4
Full
(tSAMPLE/24)
− 300
(tSAMPLE/24)
(tSAMPLE/24)
+ 300
(tSAMPLE/24)
− 300
(tSAMPLE/24)
(tSAMPLE/24)
+ 300
(tSAMPLE/24)
− 300
(tSAMPLE/24)
(tSAMPLE/24)
+ 300
ps
DCO to FCO Delay (tFRAME)4
Full
(tSAMPLE/24)
− 300
(tSAMPLE/24)
(tSAMPLE/24)
+ 300
(tSAMPLE/24)
− 300
(tSAMPLE/24)
(tSAMPLE/24)
+ 300
(tSAMPLE/24)
− 300
(tSAMPLE/24)
(tSAMPLE/24)
+ 300
ps
Data to Data Skew
(tDATA-MAX − tDATA-MIN)
Full
±50
±200
±50
±200
±50
±200
ps
Wake-Up Time (Standby)
25°C
600
600
600
ns
Wake-Up Time (Power-Down)
25°C
375
375
375
μs
Pipeline Latency
Full
8
8
8
CLK
cycles
APERTURE
Aperture Delay (tA)
25°C
750
750
750
ps
Aperture Uncertainty (Jitter)
25°C
<1
<1
<1
ps
rms
Out-of-Range Recovery Time
25°C
1
1
1
CLK
cycles
1
See the AN-835 Application Note, Understanding High Speed ADC Testing and Evaluation, for a complete set of definitions and how these tests were completed.
2
This can be adjusted via the SPI interface.
3
Measurements were made using a part soldered to FR4 material.
4
tSAMPLE/24 is based on the number of bits divided by 2 because the delays are based on half duty cycles.


Numéro de pièce similaire - AD9222ABCPZ-65

FabricantNo de pièceFiches techniqueDescription
logo
Analog Devices
AD9222ABCPZ-65 AD-AD9222ABCPZ-65 Datasheet
2Mb / 60P
   Octal, 12-Bit, 40/50/65 MSPS Serial LVDS 1.8 V A/D Converter
Rev. F
More results

Description similaire - AD9222ABCPZ-65

FabricantNo de pièceFiches techniqueDescription
logo
Analog Devices
AD9222-65EBZ AD-AD9222-65EBZ Datasheet
2Mb / 60P
   Octal, 12-Bit, 40/50/65 MSPS Serial LVDS 1.8 V A/D Converter
Rev. F
AD9222 AD-AD9222 Datasheet
2Mb / 56P
   Octal, 12-Bit, 40/50 MSPS Serial LVDS 1.8 V A/D Converter
REV. 0
AD9212 AD-AD9212 Datasheet
2Mb / 56P
   Octal, 10-Bit, 40/65 MSPS Serial LVDS 1.8 V A/D Converter
REV. 0
AD9228 AD-AD9228_07 Datasheet
1Mb / 52P
   Quad, 12-Bit, 40/65 MSPS Serial LVDS 1.8 V A/D Converter
Rev. B
AD9228 AD-AD9228 Datasheet
1Mb / 52P
   Quad, 12-bit, 40/65 MSPS Serial LVDS 1.8 V A/D Converter
REV. 0
AD9228 AD-AD9228_15 Datasheet
2Mb / 56P
   Quad, 12-Bit, 40/65 MSPS Serial LVDS 1.8 V A/D Converter
Rev. E
AD9219 AD-AD9219 Datasheet
1Mb / 52P
   Quad, 10-Bit, 40/65 MSPS Serial LVDS 1.8 V A/D Converter
REV. 0
AD9252 AD-AD9252 Datasheet
2Mb / 52P
   Octal, 14-Bit, 50 MSPS Serial LVDS 1.8 V A/D Converter
REV. 0
AD9212 AD-AD9212_15 Datasheet
1Mb / 56P
   Octal, 10-Bit, 40 MSPS/65 MSPS, Serial LVDS, 1.8 V ADC
Rev. E
AD9212 AD-AD9212_11 Datasheet
1Mb / 56P
   Octal, 10-Bit, 40 MSPS/65 MSPS, Serial LVDS, 1.8 V ADC
Rev. E
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com