Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

LCD-320H240CX Fiches technique(PDF) 1 Page - Vishay Siliconix

No de pièce LCD-320H240CX
Description  320 x 240 Graphic LCD
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  VISHAY [Vishay Siliconix]
Site Internet  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

LCD-320H240CX Fiches technique(HTML) 1 Page - Vishay Siliconix

  LCD-320H240CX Datasheet HTML 1Page - Vishay Siliconix LCD-320H240CX Datasheet HTML 2Page - Vishay Siliconix LCD-320H240CX Datasheet HTML 3Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Document Number: 37388
For technical questions, contact: displays@vishay.com
www.vishay.com
Revision: 20-Apr-09
1
320 x 240 Graphic LCD
LCD-320H240CX
Vishay
FEATURES
• Type: Graphic
• Display format: 320 x 240 dots
• Built-in controller: Epson S1D13700
• Duty cycle: 1/240
• Built-in N.V.
• Touch screen option
• Temperature compensation option
• Compliant to RoHS directive 2002/95/EC
Note
•VSS = 0 V, VDD = 5.0 V
For detailed information, please see the “Product Numbering System” document.
MECHANICAL DATA
ITEM
STANDARD VALUE
UNIT
Module Dimension
148.02 x 120.24
mm
Viewing Area
120.14 x 92.14
Dot Size
0.34 x 0.34
Dot Pitch
0.36 x 0.36
Mounting Hole
139.98 x 112.2
Character Size
N/a
ABSOLUTE MAXIMUM RATINGS
ITEM
SYMBOL
STANDARD VALUE
UNIT
MIN.
TYP.
MAX.
Power Supply
VDD to VSS
4.5
5.0
5.5
V
Input Voltage
VI
0-
VDD
ELECTRICAL CHARACTERISTICS
ITEM
SYMBOL
CONDITION
STANDARD VALUE
UNIT
MIN.
TYP.
MAX.
Input Voltage
VDD
-
4.75
5.0
5.25
V
Supply Current
IDD
VDD = + 5.0 V
65.0
75.0
85.0
mA
Recommended LC Driving
Voltage for Normal Temperature
Version Module
V0 to VSS
- 20 °C
-
-
24.4
V
25 °C
-
23.8
-
70 °C
23.4
-
-
CCFL Starting Voltage
VFLS
25 °C
-
600
-
VRMS
CCFL Driving Voltage
VFLD
25 °C
-
270
-
VRMS
CCFL Driving Current
IFLD
VFQ = 450 VRMS, 30 kHz
4.8
5.3
5.5
mARMS
LED Forward Voltage
VF
25 °C
3.4
3.5
3.6
V
LED Forward Current
IF
25 °C
140
160
200
mA
EL Power Supply Current
IEF
VEL = 110 VAC, 400 Hz
-
-
5.0
mA
OPTIONS
PROCESS COLOR
BACKLIGHT
TN
STN
Gray
STN
Yellow
STN
Blue
FSTN
B&W
STN
Color
None
LED
EL
CCFL
xxxx
xxxx


Numéro de pièce similaire - LCD-320H240CX

FabricantNo de pièceFiches techniqueDescription
logo
Vishay Siliconix
LCD-320H240CX VISHAY-LCD-320H240CX Datasheet
69Kb / 3P
   320 x 240 Graphic LCD
01-Jan-2022
LCD-320H240CX VISHAY-LCD-320H240CX Datasheet
69Kb / 3P
   320 x 240 Graphic LCD
01-Jan-2023
LCD-320H240CX VISHAY-LCD-320H240CX_V01 Datasheet
69Kb / 3P
   320 x 240 Graphic LCD
01-Jan-2022
LCD-320H240CX VISHAY-LCD-320H240CX_V02 Datasheet
69Kb / 3P
   320 x 240 Graphic LCD
01-Jan-2023
More results

Description similaire - LCD-320H240CX

FabricantNo de pièceFiches techniqueDescription
logo
Vishay Siliconix
LCD-320H240A VISHAY-LCD-320H240A_V02 Datasheet
71Kb / 3P
   320 x 240 Graphic LCD
01-Jan-2023
LCD-320H240C VISHAY-LCD-320H240C_V02 Datasheet
134Kb / 3P
   320 x 240 Graphic LCD
01-Jan-2023
LCD-320H240CX VISHAY-LCD-320H240CX_V02 Datasheet
69Kb / 3P
   320 x 240 Graphic LCD
01-Jan-2023
LCD-320H240CX VISHAY-LCD-320H240CX_V01 Datasheet
69Kb / 3P
   320 x 240 Graphic LCD
01-Jan-2022
LCD-320H240B VISHAY-LCD-320H240B Datasheet
105Kb / 3P
   320 x 240 Graphic LCD
Revision: 23-Jun-17
LCD-320H240C VISHAY-LCD-320H240C Datasheet
130Kb / 3P
   320 x 240 Graphic LCD
Revision: 20-Apr-09
LCD-320H240A VISHAY-LCD-320H240A Datasheet
68Kb / 3P
   320 x 240 Graphic LCD
Revision: 23-Jun-17
LCD-320H240B VISHAY-LCD-320H240B_V01 Datasheet
107Kb / 3P
   320 x 240 Graphic LCD
01-Jan-2022
LCD-320H240C VISHAY-LCD-320H240C_V01 Datasheet
133Kb / 3P
   320 x 240 Graphic LCD
01-Jan-2022
LCD-320H240B VISHAY-LCD-320H240B_V02 Datasheet
108Kb / 3P
   320 x 240 Graphic LCD
01-Jan-2023
More results


Html Pages

1 2 3


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com