Moteur de recherche de fiches techniques de composants électroniques
Selected language     French  ▼
Nom de la pièce
         Description


ADS5271 Datasheet(Fiches technique) 3 Page - Burr-Brown (TI)

[Old version datasheet] Texas Instruments acquired Burr-Brown Corporation. Click here to check the latest version.
Numéro de pièce ADS5271
Description  8-Channel, 12-Bit, 50MSPS ADC with Serial LVDS Interface
Télécharger  19 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricant  BURR-BROWN [Burr-Brown (TI)]
Site Internet  http://www.burr-brown.com
Logo 

 
 3 page
background image
ADS5271
SBAS313A − JUNE 2004 − REVISED JUNE 2004
www.ti.com
3
ELECTRICAL CHARACTERISTICS
TMIN = −40°C, and TMAX = +85°C. Typical values are at TA = 25°C, clock frequency = maximum specified, 50% clock duty cycle, AVDD = 3.3V,
LVDD = 3.3V, −1dBFS, internal voltage reference, and LVDS buffer current at 3.5mA per channel, unless otherwise noted.
ADS5271
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNITS
DC ACCURACY
No Missing Codes
Assured
DNL
Differential Nonlinearity
fIN = 5MHz
−0.9
±0.5
0.9
LSB
INL
Integral Nonlinearity
fIN = 5MHz
−2.0
±0.6
2.0
LSB
Offset Error(1)
−0.75
±0.2
0.75
%FS
Offset Temperature Coefficient
14
ppm/
°C
Fixed Attenuation in Channel(2)
1
%FS
Variable Attenuation in Channel(3)
0.2
%FS
Gain Error(4)
−2.5
±1.0
2.5
%FS
Gain Temperature Coefficient(5)
44
ppm/
°C
POWER SUPPLY
ICC
Total Supply Current
VIN = FS, FIN = 5MHz
290
mA
I(AVDD)
Analog Supply Current
VIN = FS, FIN = 5MHz
232
mA
I(LVDD)
Digital Output Driver Supply Current
VIN = FS, FIN = 5MHz, LVDS Into 100Ω Load
58
mA
Power Dissipation
957
1000
mW
Power Down
Clock Running
90
mW
REFERENCE VOLTAGES
VREFT
Reference Top (internal)
1.95
2.0
2.05
V
VREFB
Reference Bottom (internal)
0.95
1.0
1.05
V
VCM
Common-Mode Voltage
1.45
1.5
1.55
V
VCM Output Current(6)
±50mV Change in Voltage
±2.0
mA
VREFT
Reference Top (external)
1.875
V
VREFB
Reference Bottom (external)
1.125
V
Reference Input Resistance(7)
2.5
mA
ANALOG INPUT
Differential Input Capacitance
7.0
pF
Analog Input Common-Mode Range
VCM ± 0.05
V
Differential Input Voltage Range
1.5
2.02
VPP
Voltage Overload Recovery Time
Differential Input Signal at 4VPP
Recovery to Within 1% of Code
4.0
CLK Cycles
Input Bandwidth
−3dBFS
300
MHz
DIGITAL DATA OUTPUTS
Data Bit Rate
240
600
MBPS
SERIAL INTERFACE
SCLK
Serial Clock Input Frequency
20
MHz
VIN LOW
Input Low Voltage
0
0.6
V
VIN HIGH
Input High Voltage
2.1
VDD
V
Input Current
±10
µA
Input Pin Capacitance
5.0
pF
(1) Offset error is the deviation of the average code from mid-code for a zero input. Offset error is expressed in terms of % of full scale.
(2) Fixed attenuation in the channel arises due to a fixed attenuation of about 1% in the sample-and-hold amplifier. When the differential voltage at the analog input pins are
changed from −VREF to +VREF, the swing of the output code is expected to deviate from the full-scale code (4096LSB) by the extent of this fixed attenuation.
NOTE: VREF is defined as (REFT − REFB).
(3) Variable attenuation in the channel refers to the attenuation of the signal in the channel over and above the fixed attenuation.
(4) The reference voltages are trimmed at production so that (VREF
T − VREFB) is within ± 25mV of the ideal value of 1V. It does not include fixed attenuation.
(5) The gain temperature coefficient refers to the temperature coefficient of the attenuation in the channel. It does not account for the variation of the reference voltages with
temperature.
(6) V
CM provides the common-mode current for the inputs of all eight channels when the inputs are AC-coupled. The VCM output current specified is the additional drive of
the VCM buffer if loaded externally.
(7) Average current drawn from the reference pins in the external reference mode.




Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19 


Datasheet Download



Numéro de composants électroniques

Numéro de pièceDescription des composantsHtml ViewFabricant
ADS52708-Channel 12-Bit 40MSPS ADC with Serial LVDS Interface 1 2 3 4 5 MoreBurr-Brown (TI)
ADS52728-Channel 12-Bit 65MSPS ADC with Serial LVDS Interface 1 2 3 4 5 MoreBurr-Brown (TI)
ADS52404-Channel 12-Bit 40MSPS ADC with Serial LVDS Interface 1 2 3 4 5 MoreBurr-Brown (TI)
ADS52758-Channel 10-Bit 40MSPS ADC with Serial LVDS Interface 1 2 3 4 5 MoreTexas Instruments
ADS52738-Channel 12-Bit 70MSPS ADC with Serialized LVDS Interface 1 2 3 4 5 MoreBurr-Brown (TI)
MAX1437Octal 12-Bit 50Msps 1.8V ADC with Serial LVDS Outputs 1 2 3 4 5 MoreMaxim Integrated Products
MAX1126Quad 12-Bit 40Msps 1.8V ADC with Serial LVDS Outputs 1 2 3 4 5 MoreMaxim Integrated Products
MCP32042.7V 4-Channel/8-Channel 12-Bit A/D Converters with SPI Serial Interface 1 2 3 4 5 MoreMicrochip Technology
AD7866Dual 1 MSPS 12-Bit 2-Channel SAR ADC with Serial Interface 1 2 3 4 5 MoreAnalog Devices
ADS52424-Channel 12-Bit 65MSPS Analog-to-Digital Converter with Serial LVDS Interface 1 2 3 4 5 MoreTexas Instruments

Lien URL

AllDATASHEET vous a-t-il été utile ?   [ DONATE ]  

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Favoris   |   Echange de liens   |   Fabricants
All Rights Reserved © Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl