Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

LCD-020N004A Fiches technique(PDF) 1 Page - Vishay Siliconix

No de pièce LCD-020N004A
Description  20 x 4 Character LCD
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  VISHAY [Vishay Siliconix]
Site Internet  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

LCD-020N004A Fiches technique(HTML) 1 Page - Vishay Siliconix

  LCD-020N004A Datasheet HTML 1Page - Vishay Siliconix LCD-020N004A Datasheet HTML 2Page - Vishay Siliconix LCD-020N004A Datasheet HTML 3Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
LCD-020N004A, LCD-020N004B
www.vishay.com
Vishay
Revision: 09-Oct-12
1
Document Number: 37312
For technical questions, contact: displays@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
20 x 4 Character LCD
FEATURES
• Type: Character
• Display format: 20 x 4 characters
• Built-in controller: ST 7066 (or equivalent)
• Duty cycle: 1/16
• 5 x 8 dots includes cursor
• + 5 V power supply (also available for + 3 V)
• LED can be driven by pin 1, pin 2, pin 15, pin 16 or A and K
• N.V. optional for + 3 V power supply
• LCD-020N004B: FCC connector
• LCD-020N004F: 7 colors LED option
• Material categorization: For definitions of compliance
please see www.vishay.com/doc?99912
Note
•VSS = 0 V, VDD = 5.0 V
For detailed information, please see the “Product Numbering System” document.
MECHANICAL DATA
ITEM
STANDARD VALUE
UNIT
Module Dimension
98.0 x 60.0
mm
Viewing Area
77.0 x 25.2
Dot Size
0.55 x 0.55
Dot Pitch
0.60 x 0.60
Mounting Hole
93.0 x 55.0
Character Size
2.95 x 4.75
ABSOLUTE MAXIMUM RATINGS
ITEM
SYMBOL
STANDARD VALUE
UNIT
MIN.
TYP.
MAX.
Power Supply
VDD to VSS
- 0.3
-
7.0
V
Input Voltage
VI
- 0.3
-
VDD
ELECTRICAL CHARACTERISTICS
ITEM
SYMBOL
CONDITION
STANDARD VALUE
UNIT
MIN.
TYP.
MAX.
Input Voltage
VDD
VDD = + 5 V
2.7
-
5.3
V
Supply Current
IDD
VDD = + 5 V
-1.0
1.2
mA
Recommended LC Driving
Voltage for Normal Temperature
Version Module
VDD to V0
- 20 °C
5.0
5.1
5.7
V
25 °C
4.1
4.5
4.7
70 °C
3.7
3.9
4.6
LED Forward Voltage
VF
25 °C
-
4.2
4.6
V
LED Forward Current - Array
IF
25 °C
-
280
560
mA
LED Forward Current - Edge
-
-
-
EL Power Supply Current
IEL
VEL = 110 VAC, 400 Hz
--
5.0
mA
OPTIONS
PROCESS COLOR
BACKLIGHT
TN
STN
Gray
STN
Yellow
STN
Blue
FSTN
B&W
STN
Color
None
LED
EL
CCFL
xxxxx
xxx
DISPLAY CHARACTER ADDRESS CODE
Display Position
123456789
10
11
12
13
14
15
16
17
18
19
20
DD RAM Address
00010203040506070809
0A
0B
0C
0D
0E
0F
10
11
12
13
DD RAM Address
40414243444546474849
4A
4B
4C
4D
4E
4F
50
51
52
53
DD RAM Address
141516171819
1A
1B
1C
1D
1E
1F
20
21
22
23
24
25
26
27
DD RAM Address
545556575859
5A
5B
5C
5D
5E
5F
60
61
62
63
64
65
66
67


Numéro de pièce similaire - LCD-020N004A

FabricantNo de pièceFiches techniqueDescription
logo
Vishay Siliconix
LCD-020N004A VISHAY-LCD-020N004A Datasheet
71Kb / 3P
   20 x 4 Character LCD
01-Jan-2022
LCD-020N004A VISHAY-LCD-020N004A Datasheet
71Kb / 3P
   20 x 4 Character LCD
01-Jan-2023
LCD-020N004A VISHAY-LCD-020N004A_V01 Datasheet
71Kb / 3P
   20 x 4 Character LCD
01-Jan-2022
More results

Description similaire - LCD-020N004A

FabricantNo de pièceFiches techniqueDescription
logo
Vishay Siliconix
LCD-020N004D VISHAY-LCD-020N004D_V01 Datasheet
72Kb / 3P
   20 x 4 Character LCD
01-Jan-2022
LCD-020M004D VISHAY-LCD-020M004D Datasheet
116Kb / 3P
   20 x 4 Character LCD
Revision 01-Oct-02
LCD-020N004L VISHAY-LCD-020N004L Datasheet
76Kb / 3P
   20 x 4 Character LCD
Revision: 09-Oct-12
LCD-020N004A VISHAY-LCD-020N004A_V01 Datasheet
71Kb / 3P
   20 x 4 Character LCD
01-Jan-2022
LCD-020N004D VISHAY-LCD-020N004D_V02 Datasheet
73Kb / 3P
   20 x 4 Character LCD
01-Jan-2023
LCD-020N004B VISHAY-LCD-020N004B_V02 Datasheet
71Kb / 3P
   20 x 4 Character LCD
01-Jan-2023
LCD-020N004D VISHAY-LCD-020N004D Datasheet
75Kb / 3P
   20 x 4 Character LCD
Revision: 09-Oct-12
LCD-020M004L VISHAY-LCD-020M004L Datasheet
118Kb / 3P
   20 x 4 Character LCD
Revision 01-Oct-02
LCD-020M004B VISHAY-LCD-020M004B Datasheet
115Kb / 3P
   20 x 4 Character LCD
Revision 01-Oct-02
LCD-020N004L VISHAY-LCD-020N004L_V02 Datasheet
74Kb / 3P
   20 x 4 Character LCD
01-Jan-2023
More results


Html Pages

1 2 3


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com