Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

LCD-020N002L Fiches technique(PDF) 1 Page - Vishay Siliconix

No de pièce LCD-020N002L
Description  20 x 2 Character LCD
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  VISHAY [Vishay Siliconix]
Site Internet  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

LCD-020N002L Fiches technique(HTML) 1 Page - Vishay Siliconix

  LCD-020N002L Datasheet HTML 1Page - Vishay Siliconix LCD-020N002L Datasheet HTML 2Page - Vishay Siliconix LCD-020N002L Datasheet HTML 3Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
LCD-020N002L
www.vishay.com
Vishay
Revision: 09-Oct-12
1
Document Number: 37310
For technical questions, contact: displays@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
20 x 2 Character LCD
FEATURES
• Type: Character
• Display format: 20 x 2 characters
• Built-in controller: ST 7066 (or equivalent)
• Duty cycle: 1/16
• 5 x 8 dots includes cursor
• + 5 V power supply (also available for + 3 V)
• LED can be driven by pin 1, pin 2, pin 15, pin 16 or A and K
• N.V. optional for + 3 V power supply
• Material categorization: For definitions of compliance
please see www.vishay.com/doc?99912
Note
•VSS = 0 V, VDD = 5.0 V
For detailed information, please see the “Product Numbering System” document.
MECHANICAL DATA
ITEM
STANDARD VALUE
UNIT
Module Dimension
180.0 x 40.0
mm
Viewing Area
149.0 x 23.0
Dot Size
1.12 x 1.12
Dot Pitch
1.22 x 1.22
Mounting Hole
172.0 x 32.0
Character Size
6.0 x 9.66
ABSOLUTE MAXIMUM RATINGS
ITEM
SYMBOL
STANDARD VALUE
UNIT
MIN.
TYP.
MAX.
Power Supply
VDD to VSS
- 0.3
-
7.0
V
Input Voltage
VI
- 0.3
-
VDD
ELECTRICAL CHARACTERISTICS
ITEM
SYMBOL
CONDITION
STANDARD VALUE
UNIT
MIN.
TYP.
MAX.
Input Voltage
VDD
VDD = + 5 V
4.7
5.0
5.3
V
VDD = + 3 V
2.7
3.0
5.3
V
Supply Current
IDD
VDD = + 5 V
-1.5
1.8
mA
Recommended LC Driving
Voltage for Normal Temperature
Version Module
VDD to V0
- 20 °C
5.0
5.1
5.7
V
0 °C
4.6
4.8
5.2
25 °C
4.1
4.5
4.7
50 °C
3.9
4.2
4.5
70 °C
3.7
3.9
4.3
LED Forward Voltage
VF
25 °C
-
4.2
4.6
V
LED Forward Current
IF
25 °C
-
360
720
mA
EL Power Supply Current
IEL
VEL = 110 VAC, 400 Hz
--
5.0
mA
OPTIONS
PROCESS COLOR
BACKLIGHT
TN
STN
Gray
STN
Yellow
STN
Blue
FSTN
B&W
STN
Color
None
LED
EL
CCFL
xxxx
x
xxx


Numéro de pièce similaire - LCD-020N002L

FabricantNo de pièceFiches techniqueDescription
logo
Vishay Siliconix
LCD-020N002L VISHAY-LCD-020N002L Datasheet
74Kb / 3P
   20 x 2 Character LCD
01-Jan-2022
LCD-020N002L VISHAY-LCD-020N002L Datasheet
74Kb / 3P
   20 x 2 Character LCD
01-Jan-2023
LCD-020N002L VISHAY-LCD-020N002L_V01 Datasheet
74Kb / 3P
   20 x 2 Character LCD
01-Jan-2022
LCD-020N002L VISHAY-LCD-020N002L_V02 Datasheet
74Kb / 3P
   20 x 2 Character LCD
01-Jan-2023
More results

Description similaire - LCD-020N002L

FabricantNo de pièceFiches techniqueDescription
logo
Vishay Siliconix
LCD-020N002A VISHAY-LCD-020N002A_V02 Datasheet
74Kb / 3P
   20 x 2 Character LCD
01-Jan-2023
LCD-020M002M VISHAY-LCD-020M002M Datasheet
114Kb / 3P
   20 x 2 Character LCD
Revision 01-Oct-02
LCD-020N002A VISHAY-LCD-020N002A Datasheet
76Kb / 3P
   20 x 2 Character LCD
Revision: 09-Oct-12
LCD-020N002L VISHAY-LCD-020N002L_V01 Datasheet
74Kb / 3P
   20 x 2 Character LCD
01-Jan-2022
LCD-020M002A VISHAY-LCD-020M002A Datasheet
114Kb / 3P
   20 x 2 Character LCD
Revision 01-Oct-02
LCD-020N002M VISHAY-LCD-020N002M_V02 Datasheet
73Kb / 3P
   20 x 2 Character LCD
01-Jan-2023
LCD-020N002M VISHAY-LCD-020N002M Datasheet
75Kb / 3P
   20 x 2 Character LCD
Revision: 09-Oct-12
LCD-020M002L VISHAY-LCD-020M002L_08 Datasheet
112Kb / 3P
   20 x 2 Character LCD
Revision 01-Oct-02
LCD-020N002D VISHAY-LCD-020N002D Datasheet
73Kb / 3P
   20 x 2 Character LCD
Revision: 09-Oct-12
LCD-020N002D VISHAY-LCD-020N002D_V02 Datasheet
71Kb / 3P
   20 x 2 Character LCD
01-Jan-2023
LCD-020N002D VISHAY-LCD-020N002D_V01 Datasheet
70Kb / 3P
   20 x 2 Character LCD
01-Jan-2022
More results


Html Pages

1 2 3


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com