Moteur de recherche de fiches techniques de composants électroniques |
|
AME8500AEETDA31 Fiches technique(PDF) 6 Page - Analog Microelectronics |
|
AME8500AEETDA31 Fiches technique(HTML) 6 Page - Analog Microelectronics |
6 / 14 page AME, Inc. 6 µµµµµProcessor Supervisory AME8500 / 8501 n Ordering Information (contd.) Part Number Marking VTH Voltage Package Operating Temp. Range AME8500AEETCF46 ARJww 4.63V SOT-23 - 40 oC to + 85oC AME8500AEETDF46 ARIww 4.63V SOT-23 - 40 oC to + 85oC AME8500AEFTAA21 A8500A AA21ww 2.10V SOT-89 - 40 oC to + 85oC AME8500AEFTAF27 A8500A AF27ww 2.70V SOT-89 - 40 oC to + 85oC AME8500AEFTCA21 A8500A CA21ww 2.10V SOT-89 - 40 oC to + 85oC AME8500AEFTDA21 A8500A DA21ww 2.10V SOT-89 - 40 oC to + 85oC AME8500BEETAA21 ARTww 2.10V SOT-23 - 40 oC to + 85oC AME8500BEETAA27 ARMww 2.70V SOT-23 - 40 oC to + 85oC AME8500BEETAA28 ASRww 2.80V SOT-23 - 40 oC to + 85oC AME8500BEETAA29 ARZww 2.93V SOT-23 - 40 oC to + 85oC AME8500BEETAF27 AUCww 2.70V SOT-23 - 40 oC to + 85oC AME8500BEETAF29 AUVww 2.93V SOT-23 - 40 oC to + 85oC AME8500BEETAF31 ATOww 3.08V SOT-23 - 40 oC to + 85oC AME8500BEETAF40 ATQww 4.00V SOT-23 - 40 oC to + 85oC AME8500BEETBA21 AUWww 2.10V SOT-23 - 40 oC to + 85oC AME8500BEETBA22 AVDww 2.20V SOT-23 - 40 oC to + 85oC AME8500BEETBA24 AUXww 2.40V SOT-23 - 40 oC to + 85oC AME8500BEETBA27 ASQww 2.70V SOT-23 - 40 oC to + 85oC AME8500BEETBA28 ASSww 2.80V SOT-23 - 40 oC to + 85oC AME8500BEETBA28L ASSww 2.80V SOT-23 - 40 oC to + 85oC AME8500BEETBA28Y ASSww 2.80V SOT-23 - 40 oC to + 85oC AME8500BEETBA29 ARLww 2.93V SOT-23 - 40 oC to + 85oC |
Numéro de pièce similaire - AME8500AEETDA31 |
|
Description similaire - AME8500AEETDA31 |