Moteur de recherche de fiches techniques de composants électroniques |
|
SKL22CG Fiches technique(PDF) 1 Page - Chip Integration Technology Corporation |
|
SKL22CG Fiches technique(HTML) 1 Page - Chip Integration Technology Corporation |
1 / 3 page 1 Dimensions in inches and (millimeters) Features ■ ■ Mechanical data ■ Maximum ratings and electrical characteristics Rating at 25 ambient temperature unless otherwise specified. Single phase, half wave, 60Hz, resistive or inductive load. For capacitive load, derate current by 20%. OC Outline ■ optimize board space. Low power loss, high efficiency. High current capability, low forward voltage drop. Ultra high-speed switching. Silicon epitaxial planar chip, metal silicon junction. Lead-free parts meet environmental standards of MIL-STD-19500 /228 • • • • • • • Low profile surface mounted application in order to Suffix "G" indicates Halogen-free part, ex.SKL22CG. SKL22C THRU SKL220C 2A Surface Mount Schottky Barrier Rectifiers I O I FSM I R C J T STG Forward rectified current Forward surge current Reverse current Thermal resistance Storage temperature Parameter See Fig.1 8.3ms single half sine-wave superimposed on rate load (JEDEC method) O V = V T = 25 C R RRM A O V = V T = 100 C R RRM A Conditions Symbol MIN. TYP. MAX. UNIT -55 +175 30 20 0.5 2.0 70 A A mA OC/W OC 50 R θJA Junction to ambient Diode junction capacitance pF f=1MHz and applied 4V DC reverse voltage Operating temperature O T ( C) J -55 ~ +150 -55 ~ +175 Max. forward voltage O @2A, T = 25 C A V (V) F 0.55 0.45 0.82 0.85 Max. DC blocking voltage V (V) R Max. RMS voltage V (V) RMS 28 42 70 14 105 140 Max. repetitive peak reverse voltage V (V) RRM 40 60 100 20 150 200 Marking code SKL24C SKL26C SKL210C SKL22C SKL215C SKL220C Symbol KL24 KL26 KL210 KL22 KL215 KL220 40 60 100 20 150 200 0.40 0.75 Document ID : DS-12K17 Issued Date : 2010/05/05 Revised Date : 2012/05/31 Revision : C1 SMC(DO-214AB) • Case : Molded plastic, DO-214AB / SMC • Terminals : Solder plated, solderable per MIL-STD-750, Method 2026 • Polarity : Indicated by cathode band • Weight : 0.007 ounce, 0.226 gram • Epoxy:UL94-V0 rated flame retardant Marking code 0.114 (2 .90 ) 0.07 5 (1 .90 ) 0.12 6 (3 .20 ) 0.114 (2 .86 ) 0.24 5 (6 .22 ) 0.22 0 (5 .59 ) 0.28 0 (7 .11) 0.26 0 (6 .52 ) 0.019 (0.4 85) MAX. 0.32 5 (8 .25 ) 0.30 5 (7 .64 ) 0.06 3 (1 .60 ) 0.03 0 (0 .76 ) 0.008 (0.2 0) 0.004 (0.1 0) |
Numéro de pièce similaire - SKL22CG |
|
Description similaire - SKL22CG |
|
|
Lien URL |
Politique de confidentialité |
ALLDATASHEET.FR |
ALLDATASHEET vous a-t-il été utile ? [ DONATE ] |
À propos de Alldatasheet | Publicité | Contactez-nous | Politique de confidentialité | Echange de liens | Fabricants All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |