Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

EC732341E Fiches technique(PDF) 2 Page - E-CMOS Corporation

No de pièce EC732341E
Description  -20V, -4A P-Channel MOS
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  E-CMOS [E-CMOS Corporation]
Site Internet  http://www.ecmos.com.tw/
Logo E-CMOS - E-CMOS Corporation

EC732341E Fiches technique(HTML) 2 Page - E-CMOS Corporation

  EC732341E Datasheet HTML 1Page - E-CMOS Corporation EC732341E Datasheet HTML 2Page - E-CMOS Corporation EC732341E Datasheet HTML 3Page - E-CMOS Corporation EC732341E Datasheet HTML 4Page - E-CMOS Corporation EC732341E Datasheet HTML 5Page - E-CMOS Corporation EC732341E Datasheet HTML 6Page - E-CMOS Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
EC732341E
-20V、
、-4A P-Channel MOS
E-CMOS Corp. (www.ecmos.com.tw)
Page 2 of 6
4L02N-Rev.F001
ELECTRICAL CHARACTERISTICS (TA=25℃
℃unless otherwise noted)
Symbol
Parameter
Min.
Typ.
Max.
Units
Conditions
V(BR)DSS
Drain-to-Source breakdown voltage
-20
V
VGS = 0V, ID = -250µA
37
43
VGS=-4.5V,ID = -4A
45
54
VGS=-2.5V,ID = -4A
RDS(on)
Static Drain-to-Source on-resistance
56
73
m
VGS=-1.8V,ID = -2A
-0.3
-1
VDS = VGS, ID = -250µA
VGS(th)
Gate threshold voltage
-0.44
V
TJ = 125°C
-1
VDS = -16V,VGS = 0V
IDSS
Drain-to-Source leakage current
-50
µA
TJ = 125°C
10
VGS =8V
IGSS
Gate-to-Source forward leakage
-10
µA
VGS = -8V
Qg
Total gate charge
10
ID = -4A,
Qgs
Gate-to-Source charge
0.77
VDS=-10V,
Qgd
Gate-to-Drain("Miller") charge
3.5
nC
VGS = -4.5
td(on)
Turn-on delay time
10
tr
Rise time
8.6
td(off)
Turn-Off delay time
29
tf
Fall time
13
nC
VGS=-4.5V, VDS =-10V,
RGEN=3 ,
Ciss
Input capacitance
939
VGS = 0V,
Coss
Output capacitance
130
VDS =-10V,
Crss
Reverse transfer capacitance
111
pF
ƒ = 1MHz
Source-Drain Ratings and Characteristics
Symbol
Parameter
Min.
Typ.
Max.
Units
Conditions
IS
Continuous Source Current
(Body Diode)
-4
A
ISM
Pulsed Source Current
(Body Diode)
-30
A
MOSFET symbol
showing the integral
reverse
p-n junction diode.
VSD
Diode Forward Voltage
-0.76
-1.0
V
IS=1A, VGS=0V
trr
Reverse Recovery Time
8.7
ns
TJ = 25°C, I F =-4A,
Qrr
Reverse Recovery Charge
2.3
nC
di/dt = 100A/µs


Numéro de pièce similaire - EC732341E

FabricantNo de pièceFiches techniqueDescription
logo
E-CMOS Corporation
EC732301 E-CMOS-EC732301 Datasheet
512Kb / 6P
   P chanel MOSFET
EC732301B1R E-CMOS-EC732301B1R Datasheet
512Kb / 6P
   P chanel MOSFET
EC732302 E-CMOS-EC732302 Datasheet
757Kb / 6P
   20V, 2.4A N-Channel MOSFET
EC732302B1R E-CMOS-EC732302B1R Datasheet
757Kb / 6P
   20V, 2.4A N-Channel MOSFET
EC732315 E-CMOS-EC732315 Datasheet
477Kb / 4P
   P-Channel MOS
More results

Description similaire - EC732341E

FabricantNo de pièceFiches techniqueDescription
logo
Unisonic Technologies
UD4P20 UTC-UD4P20 Datasheet
139Kb / 4P
   4A, 20V DUAL P-CHANNEL POWER MOSFET
logo
First Silicon Co., Ltd
FTK2309L FS-FTK2309L Datasheet
1Mb / 5P
   20V P-Channel MOS FETs
logo
E-CMOS Corporation
EC732129H3 E-CMOS-EC732129H3 Datasheet
406Kb / 5P
   -20V, -6A P-Channel MOS
logo
Fairchild Semiconductor
FDC642P FAIRCHILD-FDC642P_09 Datasheet
263Kb / 7P
   P-Channel PowerTrench짰 MOSFET -20V, -4A, 100m廓
logo
SHENZHEN FUMAN ELECTRON...
TC4953C FUMAN-TC4953C Datasheet
274Kb / 3P
   20V P-Channel Enhanced MOS FET
9435 FUMAN-9435 Datasheet
299Kb / 2P
   20V P-Channel Increased MOS FET
TC4953 FUMAN-TC4953 Datasheet
250Kb / 3P
   20V P-Channel Enhanced MOS FET
logo
E-CMOS Corporation
EC738205 E-CMOS-EC738205 Datasheet
330Kb / 7P
   20V,4A Dual N-Channel MOSFET
logo
SHENZHEN FUMAN ELECTRON...
FM2122 FUMAN-FM2122 Datasheet
850Kb / 7P
   20V N-channel MOS
FM2123 FUMAN-FM2123 Datasheet
850Kb / 7P
   20V N-channel MOS
More results


Html Pages

1 2 3 4 5 6


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com