Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

EC732302 Fiches technique(PDF) 6 Page - E-CMOS Corporation

No de pièce EC732302
Description  20V, 2.4A N-Channel MOSFET
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  E-CMOS [E-CMOS Corporation]
Site Internet  http://www.ecmos.com.tw/
Logo E-CMOS - E-CMOS Corporation

EC732302 Fiches technique(HTML) 6 Page - E-CMOS Corporation

  EC732302 Datasheet HTML 1Page - E-CMOS Corporation EC732302 Datasheet HTML 2Page - E-CMOS Corporation EC732302 Datasheet HTML 3Page - E-CMOS Corporation EC732302 Datasheet HTML 4Page - E-CMOS Corporation EC732302 Datasheet HTML 5Page - E-CMOS Corporation EC732302 Datasheet HTML 6Page - E-CMOS Corporation  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
EC732302
20V、2.4A N-Channel MOSFET
E-CMOS Corp. (www.ecmos.com.tw)
Page 6 of 6
5E19N-Rev.F001
SOT23-3L Package Outline Dimension
NOTES
1. All dimensions are in millimeters.
2. Tolerance ±0.10mm (4 mil) unless otherwise specified
3. Package body sizes exclude mold flash and gate burrs. Mold flash at the non-lead sides should be less than 5 mils.
4. Dimension L is measured in gauge plane.
5. Controlling dimension is millimeter, converted inch dimensions are not necessarily exact.


Numéro de pièce similaire - EC732302

FabricantNo de pièceFiches techniqueDescription
logo
E-CMOS Corporation
EC732301 E-CMOS-EC732301 Datasheet
512Kb / 6P
   P chanel MOSFET
EC732301B1R E-CMOS-EC732301B1R Datasheet
512Kb / 6P
   P chanel MOSFET
More results

Description similaire - EC732302

FabricantNo de pièceFiches techniqueDescription
logo
Hi-Sincerity Mocroelect...
H2302N HSMC-H2302N Datasheet
93Kb / 4P
   N-Channel Enhancement-Mode MOSFET (20V, 2.4A)
logo
Will Semiconductor Ltd.
WPM2083 WILLSEMI-WPM2083 Datasheet
1Mb / 8P
   Single P-Channel, -20V, -2.4A, Power MOSFET
WPM2015 WILLSEMI-WPM2015 Datasheet
813Kb / 8P
   Single P-Channel, -20V, -2.4A, Power MOSFET
logo
Alpha & Omega Semicondu...
AON2408 AOSMD-AON2408 Datasheet
241Kb / 5P
   20V N-Channel MOSFET
AOL1404 AOSMD-AOL1404 Datasheet
236Kb / 6P
   20V N-Channel MOSFET
logo
GOOD-ARK Electronics
SSF2318E GOOD-ARK-SSF2318E Datasheet
323Kb / 4P
   20V N-Channel MOSFET
logo
Alpha & Omega Semicondu...
AO7414 AOSMD-AO7414_13 Datasheet
1Mb / 4P
   20V N-Channel MOSFET
More results


Html Pages

1 2 3 4 5 6


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com