Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

M93C46-RDS3 Fiches technique(PDF) 9 Page - STMicroelectronics

No de pièce M93C46-RDS3
Description  16Kbit, 8Kbit, 4Kbit, 2Kbit and 1Kbit (8-bit or 16-bit wide) MICROWIRE Serial Access EEPROM
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M93C46-RDS3 Fiches technique(HTML) 9 Page - STMicroelectronics

Back Button M93C46-RDS3 Datasheet HTML 5Page - STMicroelectronics M93C46-RDS3 Datasheet HTML 6Page - STMicroelectronics M93C46-RDS3 Datasheet HTML 7Page - STMicroelectronics M93C46-RDS3 Datasheet HTML 8Page - STMicroelectronics M93C46-RDS3 Datasheet HTML 9Page - STMicroelectronics M93C46-RDS3 Datasheet HTML 10Page - STMicroelectronics M93C46-RDS3 Datasheet HTML 11Page - STMicroelectronics M93C46-RDS3 Datasheet HTML 12Page - STMicroelectronics M93C46-RDS3 Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 31 page
background image
M93C86, M93C76, M93C66, M93C56, M93C46
Connecting to the serial bus
9/37
2
Connecting to the serial bus
Figure 3 shows an example of three memory devices connected to an MCU, on a serial bus.
Only one device is selected at a time, so only one device drives the Serial Data output (Q)
line at a time, the other devices are high impedance.
The pull-down resistor R (represented in Figure 3) ensures that no device is selected if the
bus master leaves the S line in the high impedance state.
In applications where the bus master may be in a state where all inputs/outputs are high
impedance at the same time (for example, if the bus master is reset during the transmission
of an instruction), the clock line (C) must be connected to an external pull-down resistor so
that, if all inputs/outputs become high impedance, the C line is pulled low (while the S line is
pulled low): this ensures that C does not become high at the same time as S goes low, and
so, that the tSLCH requirement is met. The typical value of R is 100 kΩ.
Figure 3.
Bus master and memory devices on the serial bus
AI14377b
Bus master
M93xxx
memory device
SDO
SDI
SCK
CQD
S
M93xxx
memory device
CQD
S
M93xxx
memory device
CQD
S
CS3 CS2 CS1
ORG
ORG
ORG
RR
R
VCC
VCC
VCC
VCC
VSS
VSS
VSS
VSS
R


Numéro de pièce similaire - M93C46-RDS3

FabricantNo de pièceFiches techniqueDescription
logo
STMicroelectronics
M93C46-RDS3G/S STMICROELECTRONICS-M93C46-RDS3G/S Datasheet
351Kb / 38P
   16 Kbit, 8 Kbit, 4 Kbit, 2 Kbit and 1 Kbit (8-bit or 16-bit wide) MICROWIRE짰 serial access EEPROM
M93C46-RDS3G/W STMICROELECTRONICS-M93C46-RDS3G/W Datasheet
351Kb / 38P
   16 Kbit, 8 Kbit, 4 Kbit, 2 Kbit and 1 Kbit (8-bit or 16-bit wide) MICROWIRE짰 serial access EEPROM
M93C46-RDS3P/S STMICROELECTRONICS-M93C46-RDS3P/S Datasheet
351Kb / 38P
   16 Kbit, 8 Kbit, 4 Kbit, 2 Kbit and 1 Kbit (8-bit or 16-bit wide) MICROWIRE짰 serial access EEPROM
M93C46-RDS3P/W STMICROELECTRONICS-M93C46-RDS3P/W Datasheet
351Kb / 38P
   16 Kbit, 8 Kbit, 4 Kbit, 2 Kbit and 1 Kbit (8-bit or 16-bit wide) MICROWIRE짰 serial access EEPROM
M93C46-RDS3TG/S STMICROELECTRONICS-M93C46-RDS3TG/S Datasheet
351Kb / 38P
   16 Kbit, 8 Kbit, 4 Kbit, 2 Kbit and 1 Kbit (8-bit or 16-bit wide) MICROWIRE짰 serial access EEPROM
More results

Description similaire - M93C46-RDS3

FabricantNo de pièceFiches techniqueDescription
logo
STMicroelectronics
M93C86 STMICROELECTRONICS-M93C86_05 Datasheet
587Kb / 31P
   16Kbit, 8Kbit, 4Kbit, 2Kbit and 1Kbit (8-bit or 16-bit wide) MICROWIRE Serial Access EEPROM
M93C86 STMICROELECTRONICS-M93C86 Datasheet
436Kb / 27P
   16Kbit, 8Kbit, 4Kbit, 2Kbit, 1Kbit and 256bit 8-bit or 16-bit wide
M24C02-R STMICROELECTRONICS-M24C02-R Datasheet
208Kb / 29P
   16Kbit, 8Kbit, 4Kbit, 2Kbit and 1Kbit Serial I2C Bus EEPROM
M93S66 STMICROELECTRONICS-M93S66 Datasheet
525Kb / 34P
   4Kbit, 2Kbit and 1Kbit 16-bit wide MICROWIRE Serial Access EEPROM with Block Protection
M93C46MN6T STMICROELECTRONICS-M93C46MN6T Datasheet
623Kb / 33P
   (8-bit or 16-bit wide) MICROWIRE serial access EEPROM
November 2013 Rev 15
M93C46-WMN6P STMICROELECTRONICS-M93C46-WMN6P Datasheet
979Kb / 33P
   16-Kbit, 8-Kbit, 4-Kbit, 2-Kbit and 1-Kbit (8-bit or 16-bit wide) MICROWIRE serial access EEPROM
M95040 STMICROELECTRONICS-M95040 Datasheet
586Kb / 37P
   4Kbit, 2Kbit and 1Kbit Serial SPI Bus EEPROM With High Speed Clock
ST93C06 STMICROELECTRONICS-ST93C06 Datasheet
118Kb / 15P
   256 bit 16 x 16 or 32 x 8 SERIAL MICROWIRE EEPROM
M93C86-125 STMICROELECTRONICS-M93C86-125 Datasheet
248Kb / 32P
   Automotive 16-Kbit, 8-Kbit, 4-Kbit, 2-Kbit and 1-Kbit (8-bit or 16-bit wide) MICROWIRE serial EEPROM
M93C86 STMICROELECTRONICS-M93C86_11 Datasheet
350Kb / 34P
   16 Kbit, 8 Kbit, 4 Kbit, 2 Kbit and 1 Kbit (8-bit or 16-bit wide) MICROWIRE짰 serial access EEPROM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com