Moteur de recherche de fiches techniques de composants électroniques
Selected language     French  ▼
Nom de la pièce
         Description


TFA9843J Datasheet(Fiches technique) 3 Page - NXP Semiconductors

Numéro de pièce TFA9843J
Description  2-channel audio amplifier (SE: 1 W to 20 W or BTL: 4 W to 40 W)
Télécharger  21 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricant  PHILIPS [NXP Semiconductors]
Site Internet  http://www.nxp.com
Logo 

 
 3 page
background image
Philips Semiconductors
TFA9843J
2-channel audio amplifier (2 x SE or 1 x BTL)
Preliminary data
Rev. 02 — 19 January 2004
3 of 21
9397 750 12587
© Koninklijke Philips Electronics N.V. 2004. All rights reserved.
6.
Block diagram
7.
Pinning information
7.1 Pinning
Fig 1.
Block diagram.
MDB023
60 k
60 k
STANDBY
MUTE
ON
SHORT-CIRCUIT
AND
TEMPERATURE
PROTECTION
VREF
0.5VCC
VCC
VCC
9
4
IN1
+
IN2
+
OUT1
+
OUT2
SVR
CIV
MODE
1
3
7
8
2
6
5
GND
TFA9843J
Fig 2.
Pin configuration.
TFA9843J
MDB024
IN2
+
OUT2
CIV
IN1
+
GND
SVR
MODE
OUT1
+
VCC
2
1
3
4
5
6
7
8
9




Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21 


Datasheet Download



Numéro de composants électroniques

Numéro de pièceDescription des composantsHtml ViewFabricant
TDA8947J4-channel audio amplifier SE: 1 W to 25 W; BTL: 4 W to 50 W 1 2 3 4 5 MoreNXP Semiconductors
TFA9842J2-channel audio amplifier; SE: 1 W to 7.5 W; BTL: 2 W to 15 W 1 2 3 4 5 MoreNXP Semiconductors
LA4636For General Audio Use 11 W 2-Channel BTL AF Power Amplifier 1 2 3 Sanyo Semicon Device
LA490617-W 2-Channel BTL AF High-Efficiency Power Amplifier for Car Audio Systems 1 2 3 4 5 MoreSanyo Semicon Device
LA4635AFor General Audio Use 2-Channel BTL AF Power Amplifier 1 2 3 Sanyo Semicon Device
LA42775 W 2-Channel Power Amplifier 1 2 3 4 5 MoreSanyo Semicon Device
LA4635B2-Channel BTL AF Power Amplifier 1 2 3 Sanyo Semicon Device
STK3152III2-Channel Voltage Amplifier for 80 to 90W power Amplifier Dual Supplies 1 2 List of Unclassifed Manufacturers
KIA6282KBIPOLAR LINEAR INTEGRATED CIRCUIT 4.6W DUAL AUDIO POWER AMPLIFIER 1 2 3 4 5 MoreKEC(Korea Electronics)
KIA8262HBIPOLAR LINEAR INTEGRATED CIRCUIT MAX POWER 43W QUAD BTL AUDIO POWER AMPLIFIER 1 2 3 4 5 MoreKEC(Korea Electronics)

Lien URL

AllDATASHEET vous a-t-il été utile ?   [ DONATE ]  

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Favoris   |   Echange de liens   |   Fabricants
All Rights Reserved © Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl