Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

CX1206MKX7R9BB473 Fiches technique(PDF) 4 Page - YAGEO Corporation

No de pièce CX1206MKX7R9BB473
Description  SURFACE-MOUNT CERAMIC EMI FILTER CAPACITORS
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  YAGEO [YAGEO Corporation]
Site Internet  http://www.yageo.com
Logo YAGEO - YAGEO Corporation

CX1206MKX7R9BB473 Fiches technique(HTML) 4 Page - YAGEO Corporation

  CX1206MKX7R9BB473 Datasheet HTML 1Page - YAGEO Corporation CX1206MKX7R9BB473 Datasheet HTML 2Page - YAGEO Corporation CX1206MKX7R9BB473 Datasheet HTML 3Page - YAGEO Corporation CX1206MKX7R9BB473 Datasheet HTML 4Page - YAGEO Corporation CX1206MKX7R9BB473 Datasheet HTML 5Page - YAGEO Corporation CX1206MKX7R9BB473 Datasheet HTML 6Page - YAGEO Corporation CX1206MKX7R9BB473 Datasheet HTML 7Page - YAGEO Corporation CX1206MKX7R9BB473 Datasheet HTML 8Page - YAGEO Corporation CX1206MKX7R9BB473 Datasheet HTML 9Page - YAGEO Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 15 page
background image
®
GENERAL SELECTION CHART
C
X7R
X5R
(pF)
0603
0805
1206
1210
0603
1,000
100V
100 V
1,500
2,200
4,700
5,600
10,000
50 V
100 V
15,000
25 V
50 V
18,000
22,000
39,000
16 V
25 V
50 V
47,000
16 V
56,000
100,000
10 V
50V
180,000
10 V
16 V
10 V
220,000
270,000
330,000
390,000
470,000
10 V
560,000
820,000
16 V
1,000,000


Numéro de pièce similaire - CX1206MKX7R9BB473

FabricantNo de pièceFiches techniqueDescription
logo
Pulse A Technitrol Comp...
CX1206MKX7R9BB473 PULSE-CX1206MKX7R9BB473 Datasheet
1Mb / 14P
   Surface-mount ceramic EMI filter capacitors
More results

Description similaire - CX1206MKX7R9BB473

FabricantNo de pièceFiches techniqueDescription
logo
Pulse A Technitrol Comp...
X2Y PULSE-X2Y Datasheet
1Mb / 14P
   Surface-mount ceramic EMI filter capacitors
logo
Continental Device Indi...
CX0805MRX7R8BB223 CDIL-CX0805MRX7R8BB223 Datasheet
751Kb / 16P
   SURFACE-MOUNT CERAMICEMI FILTER CAPACITORS
logo
Abracon Corporation
AFS915D ABRACON-AFS915D Datasheet
155Kb / 1P
   CERAMIC SURFACE-MOUNT SAW FILTER
AFS868.35E ABRACON-AFS868.35E Datasheet
173Kb / 1P
   CERAMIC SURFACE-MOUNT SAW FILTER
AFS418E ABRACON-AFS418E Datasheet
173Kb / 1P
   CERAMIC SURFACE-MOUNT SAW FILTER
AFS916.5E ABRACON-AFS916.5E Datasheet
173Kb / 1P
   CERAMIC SURFACE-MOUNT SAW FILTER
logo
YAGEO Corporation
1489800 YAGEO-1489800 Datasheet
501Kb / 20P
   SURFACE-MOUNT CERAMIC MULTILAYER CAPACITORS
CC1206JRNPOBBN100 YAGEO-CC1206JRNPOBBN100 Datasheet
395Kb / 15P
   SURFACE-MOUNT CERAMIC MULTILAYER CAPACITORS
CC0402KRX7R9BB332 YAGEO-CC0402KRX7R9BB332 Datasheet
518Kb / 21P
   SURFACE-MOUNT CERAMIC MULTILAYER CAPACITORS
CC0402KRX7R9BB221 YAGEO-CC0402KRX7R9BB221 Datasheet
501Kb / 20P
   SURFACE-MOUNT CERAMIC MULTILAYER CAPACITORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com