Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SA39-11SRWA Fiches technique(PDF) 1 Page - Kingbright Corporation

No de pièce SA39-11SRWA
Description  9.9 MM (0.39INCH) SINGLE DIGIT NUMERIC DISPLAYS
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  KINGBRIGHT [Kingbright Corporation]
Site Internet  http://www.us.kingbright.com
Logo KINGBRIGHT - Kingbright Corporation

SA39-11SRWA Fiches technique(HTML) 1 Page - Kingbright Corporation

  SA39-11SRWA Datasheet HTML 1Page - Kingbright Corporation SA39-11SRWA Datasheet HTML 2Page - Kingbright Corporation SA39-11SRWA Datasheet HTML 3Page - Kingbright Corporation SA39-11SRWA Datasheet HTML 4Page - Kingbright Corporation SA39-11SRWA Datasheet HTML 5Page - Kingbright Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
SPEC NO: CDA0848
REV NO: V.1
DATE: NOV/18/2001
PAGE: 1 OF 5
APPROVED:J.LU
CHECKED:
DRAWN: S.H.CHEN
9.9mm (0.39INCH) SINGLE DIGIT
NUMERIC DISPLAYS
SA39-11EWA/GWA/YWA/SRWA
SC39-11EWA/GWA/YWA/SRWA
SA39-12EWA/GWA/YWA/SRWA
SC39-12EWA/GWA/YWA/SRWA
Features
!
0.39 INCH DIGIT HEIGHT.
!
LOW CURRENT OPERATION.
!
EXCELLENT CHARACTER APPEARANCE.
!
EASY MOUNTING ON P.C. BOARDS OR SOCKETS.
!
I.C. COMPATIBLE.
!
CATEGORIZED FOR LUMINOUS INTENSITY,
YELLOW AND GREEN CATEGORIZED FOR COLOR.
!
MECHANICALLY RUGGED.
!
STANDARD : GRAY FACE, WHITE SEGMENT.
Description
The High Efficiency Red source color devices are made
with Gallium Arsenide Phosphide on Gallium Phosphide
Orange Light Emitting Diode.
The Green source color devices are made with Gallium
Phosphide Green Light Emitting Diode.
The Yellow source color devices are made with Gallium
Arsenide Phosphide on Gallium Phosphide Yellow Light
Emitting Diode.
The Super Bright Red source color devices are made
with Gallium Aluminum Arsenide Red Light Emitting
Diode.
Package Dimensions & Internal Circuit Diagram
Notes:
1. All dimensions are in millimeters (inches), Tolerance is ±0.25(0.01")unless otherwise noted.
2. Specifications are subject to change whitout notice.


Numéro de pièce similaire - SA39-11SRWA

FabricantNo de pièceFiches techniqueDescription
logo
Kingbright Corporation
SA39-11SRWA KINGBRIGHT-SA39-11SRWA Datasheet
181Kb / 4P
   9.9mm (0.39INCH) SINGLE DIGIT NUMERIC DISPLAY
More results

Description similaire - SA39-11SRWA

FabricantNo de pièceFiches techniqueDescription
logo
Everlight Electronics C...
ELS-431SURWA EVERLIGHT-ELS-431SURWA Datasheet
149Kb / 5P
   0.39inch Single Digit Displays
logo
Kingbright Corporation
SA05-11 KINGBRIGHT-SA05-11 Datasheet
481Kb / 5P
   12.7 MM SINGLE DIGIT NUMERIC DISPLAYS
SA39-12YWA KINGBRIGHT-SA39-12YWA Datasheet
140Kb / 4P
   9.9mm (0.39INCH) SINGLE DIGIT NUMERIC DISPLAY
SA39-12SRWA KINGBRIGHT-SA39-12SRWA Datasheet
182Kb / 4P
   9.9mm (0.39INCH) SINGLE DIGIT NUMERIC DISPLAY
SA39-12EWA KINGBRIGHT-SA39-12EWA Datasheet
140Kb / 4P
   9.9mm (0.39INCH) SINGLE DIGIT NUMERIC DISPLAY
SA39-11PBWA-A KINGBRIGHT-SA39-11PBWA-A Datasheet
186Kb / 4P
   9.9mm (0.39INCH) SINGLE DIGIT NUMERIC DISPLAY
SC39-11PBWA-A KINGBRIGHT-SC39-11PBWA-A Datasheet
204Kb / 4P
   9.9mm (0.39INCH) SINGLE DIGIT NUMERIC DISPLAY
SC39-11GWA KINGBRIGHT-SC39-11GWA Datasheet
183Kb / 4P
   9.9mm (0.39INCH) SINGLE DIGIT NUMERIC DISPLAY
SC39-12YWA KINGBRIGHT-SC39-12YWA Datasheet
184Kb / 4P
   9.9mm (0.39INCH) SINGLE DIGIT NUMERIC DISPLAY
SC39-12EWA KINGBRIGHT-SC39-12EWA Datasheet
184Kb / 4P
   9.9mm (0.39INCH) SINGLE DIGIT NUMERIC DISPLAY
More results


Html Pages

1 2 3 4 5


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com