Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AD7177-2BRUZ Fiches technique(PDF) 2 Page - Analog Devices

No de pièce AD7177-2BRUZ
Description  32-Bit, 10 kSPS, Sigma-Delta ADC with Settling and True Rail-to-Rail Buffers
Download  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AD [Analog Devices]
Site Internet  http://www.analog.com
Logo AD - Analog Devices

AD7177-2BRUZ Fiches technique(HTML) 2 Page - Analog Devices

  AD7177-2BRUZ Datasheet HTML 1Page - Analog Devices AD7177-2BRUZ Datasheet HTML 2Page - Analog Devices AD7177-2BRUZ Datasheet HTML 3Page - Analog Devices AD7177-2BRUZ Datasheet HTML 4Page - Analog Devices AD7177-2BRUZ Datasheet HTML 5Page - Analog Devices AD7177-2BRUZ Datasheet HTML 6Page - Analog Devices AD7177-2BRUZ Datasheet HTML 7Page - Analog Devices AD7177-2BRUZ Datasheet HTML 8Page - Analog Devices AD7177-2BRUZ Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 61 page
background image
AD7177-2* PRODUCT PAGE QUICK LINKS
Last Content Update: 06/27/2017
COMPARABLE PARTS
View a parametric search of comparable parts.
EVALUATION KITS
• AD7177-2 Evaluation Board
DOCUMENTATION
Data Sheet
• AD7177-2: 32-Bit, 10 kSPS, Sigma-Delta ADC with 100 μs
Settling and True Rail-to-Rail Buffers Data Sheet
Technical Books
• The Data Conversion Handbook, 2005
User Guides
• UG-849: Evaluating the AD7177-2 32-Bit, 10 kSPS, Sigma-
Delta ADC with 100 µs Settling and Integrated Analog
Input Buffers
SOFTWARE AND SYSTEMS REQUIREMENTS
• AD717x Microcontroller No-OS
• AD717x Eval+ Software
TOOLS AND SIMULATIONS
• AD7177-2 Digital Filter Frequency Response Model
• AD7177-2 IBIS Model
REFERENCE DESIGNS
• CN0292
• CN0364
REFERENCE MATERIALS
Technical Articles
• Fundamental Principles Behind the Sigma-Delta ADC
Topology: Part 1
• Fundamental Principles Behind the Sigma-Delta ADC
Topology: Part 2
Tutorials
• MT-022: ADC Architectures III: Sigma-Delta ADC Basics
• MT-023: ADC Architectures IV: Sigma-Delta ADC
Advanced Concepts and Applications
DESIGN RESOURCES
• AD7177-2 Material Declaration
• PCN-PDN Information
• Quality And Reliability
• Symbols and Footprints
DISCUSSIONS
View all AD7177-2 EngineerZone Discussions.
SAMPLE AND BUY
Visit the product page to see pricing options.
TECHNICAL SUPPORT
Submit a technical question or find your regional support
number.
DOCUMENT FEEDBACK
Submit feedback for this data sheet.
This page is dynamically generated by Analog Devices, Inc., and inserted into this data sheet. A dynamic change to the content on this page will not
trigger a change to either the revision number or the content of the product data sheet. This dynamic page may be frequently modified.


Numéro de pièce similaire - AD7177-2BRUZ

FabricantNo de pièceFiches techniqueDescription
logo
Analog Devices
AD7177-2BRUZ AD-AD7177-2BRUZ Datasheet
956Kb / 59P
   32-Bit, 10 kSPS, Sigma-Delta ADC with 100 關s Settling and True Rail-to-Rail Buffers
AD7177-2BRUZ-RL7 AD-AD7177-2BRUZ-RL7 Datasheet
956Kb / 59P
   32-Bit, 10 kSPS, Sigma-Delta ADC with 100 關s Settling and True Rail-to-Rail Buffers
More results

Description similaire - AD7177-2BRUZ

FabricantNo de pièceFiches techniqueDescription
logo
Analog Devices
AD7177-2 AD-AD7177-2 Datasheet
956Kb / 59P
   32-Bit, 10 kSPS, Sigma-Delta ADC with 100 關s Settling and True Rail-to-Rail Buffers
AD7175-2 AD-AD7175-2_17 Datasheet
1Mb / 63P
   24-Bit, 250 kSPS, Sigma-Delta ADC Settling and True Rail-to-Rail Buffers
AD7175-2 AD-AD7175-2 Datasheet
1Mb / 63P
   24-Bit, 250 kSPS, Sigma-Delta ADC with 20 us Settling and True Rail-to-Rail Buffers
AD7172-4 AD-AD7172-4 Datasheet
1Mb / 61P
   Low Power, 24-Bit, 31.25 kSPS, Sigma-Delta ADC with True Rail-to-Rail Buffers
AD7175-8 AD-AD7175-8 Datasheet
1Mb / 64P
   24-Bit, 8-/16-Channel, 250 kSPS, Sigma- Delta ADC with True Rail-to-Rail Buffers
AD7172-4 AD-AD7172-4_17 Datasheet
848Kb / 62P
   ADC with True Rail-to-Rail Buffers
AD7172-2 AD-AD7172-2 Datasheet
1Mb / 61P
   True rail-to-rail analog and reference input buffers
AD7722 AD-AD7722 Datasheet
526Kb / 24P
   16-Bit, 195 kSPS CMOS, Sigma-Delta ADC
REV. 0
AD7763 AD-AD7763_15 Datasheet
822Kb / 33P
   24-Bit, 625 kSPS, 109 dB Sigma-Delta ADC with On-Chip Buffers, Serial Interface
REV. B
AD7765 AD-AD7765_15 Datasheet
1Mb / 33P
   24-Bit, 156 kSPS, 112 dB Sigma-Delta ADC
REV. A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com