Moteur de recherche de fiches techniques de composants électroniques |
|
LM124FK Fiches technique(PDF) 5 Page - Texas Instruments |
|
LM124FK Fiches technique(HTML) 5 Page - Texas Instruments |
5 / 18 page LM124, LM124A, LM224, LM224A, LM324, LM324A, LM2902, LM2902V, LM224K, LM224KA, LM324K, LM324KA, LM2902K, LM2902KV, LM2902KAV QUADRUPLE OPERATIONAL AMPLIFIERS SLOS066R − SEPTEMBER 1975 − REVISED JANUARY 2005 5 POST OFFICE BOX 655303 • DALLAS, TEXAS 75265 absolute maximum ratings over operating free-air temperature range (unless otherwise noted)† LM2902 ALL OTHER DEVICES UNIT Supply voltage, VCC (see Note 1) ±13 or 26 ±16 or 32 V Differential input voltage, VID (see Note 2) ±26 ±32 V Input voltage, VI (either input) −0.3 to 26 −0.3 to 32 V Duration of output short circuit (one amplifier) to ground at (or below) TA = 25°C, VCC ≤ 15 V (see Note 3) Unlimited Unlimited D package 86 86 DB package 96 96 Package thermal impedance, θJA (see Notes 4 and 5) N package 80 80 °C/W Package thermal impedance, θJA (see Notes 4 and 5) NS package 76 76 C/W PW package 113 113 FK package 5.61 Package thermal impedance, qJC (see Notes 6 and 7) J package 15.05 °C/W Package thermal impedance, qJC (see Notes 6 and 7) W package 14.65 C/W Operating virtual junction temperature, TJ 150 150 °C Case temperature for 60 seconds FK package 260 °C Lead temperature 1,6 mm (1/16 inch) from case for 60 seconds J or W package 300 300 °C Storage temperature range, Tstg −65 to 150 −65 to 150 °C † Stresses beyond those listed under “absolute maximum ratings” may cause permanent damage to the device. These are stress ratings only, and functional operation of the device at these or any other conditions beyond those indicated under “recommended operating conditions” is not implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability. NOTES: 1. All voltage values (except differential voltages and VCC specified for the measurement of IOS) are with respect to the network GND. 2. Differential voltages are at IN+, with respect to IN−. 3. Short circuits from outputs to VCC can cause excessive heating and eventual destruction. 4. Maximum power dissipation is a function of TJ(max), qJA, and TA. The maximum allowable power dissipation at any allowable ambient temperature is PD = (TJ(max) − TA)/qJA. Operating at the absolute maximum TJ of 150°C can affect reliability. 5. The package thermal impedance is calculated in accordance with JESD 51-7. 6. Maximum power dissipation is a function of TJ(max), qJC, and TC. The maximum allowable power dissipation at any allowable case temperature is PD = (TJ(max) − TC)/qJC. Operating at the absolute maximum TJ of 150°C can affect reliability. 7. The package thermal impedance is calculated in accordance with MIL-STD-883. ESD protection TEST CONDITIONS TYP UNIT Human-Body Model LM224K, LM224KA, LM324K, LM324KA, LM2902K, LM2902KV, LM2902KAV ±2 kV |
Numéro de pièce similaire - LM124FK |
|
Description similaire - LM124FK |