Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

MC14559BCP Fiches technique(PDF) 1 Page - ON Semiconductor

No de pièce MC14559BCP
Description  Successive Approximation Registers
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ONSEMI [ON Semiconductor]
Site Internet  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC14559BCP Fiches technique(HTML) 1 Page - ON Semiconductor

  MC14559BCP Datasheet HTML 1Page - ON Semiconductor MC14559BCP Datasheet HTML 2Page - ON Semiconductor MC14559BCP Datasheet HTML 3Page - ON Semiconductor MC14559BCP Datasheet HTML 4Page - ON Semiconductor MC14559BCP Datasheet HTML 5Page - ON Semiconductor MC14559BCP Datasheet HTML 6Page - ON Semiconductor MC14559BCP Datasheet HTML 7Page - ON Semiconductor MC14559BCP Datasheet HTML 8Page - ON Semiconductor MC14559BCP Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
© Semiconductor Components Industries, LLC, 2000
August, 2000 – Rev. 4
1
Publication Order Number:
MC14549B/D
MC14549B, MC14559B
Successive Approximation
Registers
The MC14549B and MC14559B successive approximation
registers are 8–bit registers providing all the digital control and storage
necessary for successive approximation analog–to–digital conversion
systems. These parts differ in only one control input. The Master Reset
(MR) on the MC14549B is required in the cascaded mode when more
than 8 bits are desired. The Feed Forward (FF) of the MC14559B is
used for register shortening where End–of–Conversion (EOC) is
required after less than eight cycles.
Applications for the MC14549B and MC14559B include
analog–to–digital conversion, with serial and parallel outputs.
Totally Synchronous Operation
All Outputs Buffered
Single Supply Operation
Serial Output
Retriggerable
Compatible with a Variety of Digital and Analog Systems such as the
MC1408 8–Bit D/A Converter
All Control Inputs Positive–Edge Triggered
Supply Voltage Range = 3.0 Vdc to 18 Vdc
Capable of Driving 2 Low–Power TTL Loads, 1 Low–Power Schottky
TTL Load or 2 HTL Loads Over the Rated Temperature Range
Chip Complexity: 488 FETs or 122 Equivalent Gates
MAXIMUM RATINGS (Voltages Referenced to VSS) (Note 1.)
Symbol
Parameter
Value
Unit
VDD
DC Supply Voltage Range
–0.5 to +18.0
V
Vin
Input Voltage Range, All Inputs
–0.5 to VDD + 0.5
V
Iin
DC Input Current, per Pin
±10
mA
PD
Power Dissipation,
per Package (Note 2.)
500
mW
TA
Operating Temperature Range
–55 to +125
°C
Tstg
Storage Temperature Range
–65 to +150
°C
1. Maximum Ratings are those values beyond which damage to the device
may occur.
2. Temperature Derating:
Plastic “P and D/DW” Packages: – 7.0 mW/
_C From 65_C To 125_C
This device contains protection circuitry to guard against damage due to high
static voltages or electric fields. However, precautions must be taken to avoid
applications of any voltage higher than maximum rated voltages to this
high–impedance circuit. For proper operation, Vin and Vout should be constrained
to the range VSS v (Vin or Vout) v VDD.
Unused inputs must always be tied to an appropriate logic voltage level (e.g.,
either VSS or VDD).
http://onsemi.com
xx
= Specific Device Code
A
= Assembly Location
WL, L
= Wafer Lot
YY, Y
= Year
WW, W
= Work Week
Device
Package
Shipping
ORDERING INFORMATION
MC14549BCP
PDIP–16
25/Rail
MARKING
DIAGRAMS
1
16
PDIP–16
P SUFFIX
CASE 648
MC145xxBCP
AWLYYWW
MC14549BDWR2
SOIC–16
1000/Tape & Reel
SOIC–16
DW SUFFIX
CASE 751G
1
16
145xxB
AWLYYWW
MC14559BCP
PDIP–16
25/Rail
MC14559BDWR2
SOIC–16
1000/Tape & Reel


Numéro de pièce similaire - MC14559BCP

FabricantNo de pièceFiches techniqueDescription
logo
ON Semiconductor
MC14559BCP ONSEMI-MC14559BCP Datasheet
98Kb / 9P
   Successive Approximation Registers
June, 2006 ??Rev. 6
MC14559BCPG ONSEMI-MC14559BCPG Datasheet
98Kb / 9P
   Successive Approximation Registers
June, 2006 ??Rev. 6
More results

Description similaire - MC14559BCP

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
DM2502 TI1-DM2502_11 Datasheet
447Kb / 10P
[Old version datasheet]   Successive Approximation Registers
logo
ON Semiconductor
MC14549B ONSEMI-MC14549B_06 Datasheet
98Kb / 9P
   Successive Approximation Registers
June, 2006 ??Rev. 6
logo
National Semiconductor ...
DM2502 NSC-DM2502 Datasheet
197Kb / 8P
   Successive Approximation Registers
logo
Motorola, Inc
MC14549B MOTOROLA-MC14549B Datasheet
212Kb / 9P
   SUCCESSIVE APPROXIMATION REGISTERS
logo
ON Semiconductor
MC14549B ONSEMI-MC14549B_14 Datasheet
117Kb / 8P
   Successive Approximation Registers
July, 2014 ??Rev. 8
logo
List of Unclassifed Man...
AM2502 ETC-AM2502 Datasheet
411Kb / 6P
   EIGHT BIT / TWELVE - BIT SUCCESSIVE APPROXIMATION REGISTERS
logo
Hitachi Semiconductor
HD14549B HITACHI-HD14549B Datasheet
124Kb / 6P
   Successive Approximation Register
logo
List of Unclassifed Man...
AM25L04 ETC-AM25L04 Datasheet
268Kb / 8P
   LOW POWER EIGHT-BIT/TWELVE BIT SUCCESSIVE APPROXIMATION REGISTERS
logo
National Semiconductor ...
DM54LS502 NSC-DM54LS502 Datasheet
133Kb / 6P
   8-Bit Successive Approximation Register
logo
Fairchild Semiconductor
MM74C905 FAIRCHILD-MM74C905 Datasheet
89Kb / 8P
   12-Bit Successive Approximation Register
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com