Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

KBL6005 Fiches technique(PDF) 2 Page - Zibo Seno Electronic Engineering Co.,Ltd

No de pièce KBL6005
Description  6.0A GLASS PASSIVATED BRIDGE RECTIFIER
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ZSELEC [Zibo Seno Electronic Engineering Co.,Ltd]
Site Internet  http://www.senocn.com/en/index.html
Logo ZSELEC - Zibo Seno Electronic Engineering Co.,Ltd

KBL6005 Fiches technique(HTML) 2 Page - Zibo Seno Electronic Engineering Co.,Ltd

  KBL6005 Datasheet HTML 1Page - Zibo Seno Electronic Engineering Co.,Ltd KBL6005 Datasheet HTML 2Page - Zibo Seno Electronic Engineering Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
0
2
3
4
5
20
40
60
80
100
120
140
T , CASE TEMPERATURE (ºC)
Fig. 1 Forward Current Derating Curve
C
Single Phase Half Wave
60 Hz Resistive or Inductive Load
0.01
0.1
1.0
10
0
20
40
60
80
100
120
140
PERCENT OF RATED PEAK REVERSE VOLTAGE (%)
Fig. 4 Typical Reverse Characteristics, per element
T = 100°C
C
T = 25°C
A
0
50
100
150
200
250
110
100
8.3ms Single Half Sine-Wave
JEDEC Method
NUMBER OF CYCLES AT 60 Hz
Fig. 3 Max Non-Repetitive Peak Fwd Surge Current
0.01
0.1
1.0
20
0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
V , INSTANTANEOUS FORWARD VOLTAGE (V)
Fig. 2 Typical Forward Characteristics, per element
F
Tj = 25ºC
Pulse Width = 300 s
2% Duty Cycle
µ
10
2 of 2
Z ibo Seno Electronic Engineering Co., Ltd.
www.senocn.com
6
KBL6005 – KBL610
KBL6005 – KBL610
Alldatasheet


Numéro de pièce similaire - KBL6005

FabricantNo de pièceFiches techniqueDescription
logo
DAESAN ELECTRONIC CORP.
KBL6005 DAESAN-KBL6005 Datasheet
227Kb / 2P
   CURRENT 6.0 Amperes VOLTAGE 50 to 1000 Volts
logo
Bytesonic Electronics C...
KBL6005 BYTESONIC-KBL6005 Datasheet
465Kb / 2P
   SINGLE PHASE 6.0 AMP BRIDGE RECTIFIERS
logo
RFE international
KBL6005 RFE-KBL6005 Datasheet
341Kb / 2P
   BRIDGE RECTIFIERS 3.0 to 6.0 Amps
logo
HY ELECTRONIC CORP.
KBL6005 HY-KBL6005 Datasheet
391Kb / 3P
   Silicon Bridge Rectifiers
logo
Diotech Company.
KBL6005 DIOTECH-KBL6005 Datasheet
907Kb / 2P
   SINGLE PHASE SILICON BRIDGE RECTIFIER
More results

Description similaire - KBL6005

FabricantNo de pièceFiches techniqueDescription
logo
Won-Top Electronics
GBU6A WTE-GBU6A Datasheet
47Kb / 3P
   6.0A GLASS PASSIVATED BRIDGE RECTIFIER
logo
Yea Shin Technology Co....
GBJ6005 YEASHIN-GBJ6005 Datasheet
371Kb / 2P
   6.0A GLASS PASSIVATED BRIDGE RECTIFIER
logo
Zibo Seno Electronic En...
KBL601 ZSELEC-KBL601 Datasheet
84Kb / 2P
   6.0A GLASS PASSIVATED BRIDGE RECTIFIER
logo
Shanghai Shunye Electro...
GBU610 SHUNYE-GBU610 Datasheet
147Kb / 2P
   6.0A GLASS PASSIVATED BRIDGE RECTIFIER
logo
Zibo Seno Electronic En...
GBJ6A ZSELEC-GBJ6A Datasheet
72Kb / 2P
   6.0A GLASS PASSIVATED BRIDGE RECTIFIER
RS6005M ZSELEC-RS6005M Datasheet
114Kb / 2P
   6.0A GLASS PASSIVATED BRIDGE RECTIFIER
HBS605 ZSELEC-HBS605 Datasheet
120Kb / 2P
   6.0A GLASS PASSIVATED BRIDGE RECTIFIER
RS601M ZSELEC-RS601M Datasheet
111Kb / 2P
   6.0A GLASS PASSIVATED BRIDGE RECTIFIER
logo
Diodes Incorporated
KBJ6005G DIODES-KBJ6005G Datasheet
53Kb / 2P
   6.0A GLASS PASSIVATED BRIDGE RECTIFIER
DS21207 Rev. F-2
GBU6005 DIODES-GBU6005_1 Datasheet
67Kb / 3P
   6.0A GLASS PASSIVATED BRIDGE RECTIFIER
DS21226 Rev. 7 - 2
logo
Zibo Seno Electronic En...
KBL601G ZSELEC-KBL601G Datasheet
84Kb / 2P
   6.0A GLASS PASSIVATED BRIDGE RECTIFIER
More results


Html Pages

1 2


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com