Moteur de recherche de fiches techniques de composants électroniques |
|
M74HCTXXXB1R Fiches technique(PDF) 2 Page - STMicroelectronics |
|
M74HCTXXXB1R Fiches technique(HTML) 2 Page - STMicroelectronics |
2 / 11 page CHIP CARRIER HCT157 HCT158 PIN DESCRIPTION (for HCT157) PIN No SYMBOL NAME AND FUNCTION 1 SELECT Common Data Select Input 2, 5, 11, 14 1A to 4A Data Inputs From Source A 3, 6, 10, 13 1B to 4B Data Inputs From Source B 4, 7, 9, 12 1Y to 4Y Multiplexer Output 15 STROBE Strobe Input 8 GND Ground (0V) 16 VCC Positive Supply Voltage PIN DESCRIPTION (for HCT158) PIN No SYMBOL NAME AND FUNCTION 1 SELECT Common Data Select Input 2, 5, 11, 14 1A to 4A Data Inputs From Source A 3, 6, 10, 13 1B to 4B Data Inputs From Source B 4, 7, 9, 12 1Y to 4Y Multiplexer Output 15 STROBE Strobe Input 8 GND Ground (0V) 16 VCC Positive Supply Voltage INPUT AND OUTPUT EQUIVALENT CIRCUIT M54/M74HCT157 M54/M74HCT158 2/11 |
Numéro de pièce similaire - M74HCTXXXB1R |
|
Description similaire - M74HCTXXXB1R |