Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SN74AUP1G79DBVR Fiches technique(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
No de pièce SN74AUP1G79DBVR
Description  SN74AUP1G79 Low-Power Single Positive-Edge-Triggered D-Type Flip-Flop
Download  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI1 [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI1 - Texas Instruments

SN74AUP1G79DBVR Fiches technique(HTML) 3 Page - Texas Instruments

  SN74AUP1G79DBVR Datasheet HTML 1Page - Texas Instruments SN74AUP1G79DBVR Datasheet HTML 2Page - Texas Instruments SN74AUP1G79DBVR Datasheet HTML 3Page - Texas Instruments SN74AUP1G79DBVR Datasheet HTML 4Page - Texas Instruments SN74AUP1G79DBVR Datasheet HTML 5Page - Texas Instruments SN74AUP1G79DBVR Datasheet HTML 6Page - Texas Instruments SN74AUP1G79DBVR Datasheet HTML 7Page - Texas Instruments SN74AUP1G79DBVR Datasheet HTML 8Page - Texas Instruments SN74AUP1G79DBVR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 45 page
background image
1
2
C
B
A
Not to scale
GND
Q
CLK
D
VCC
1
2
C
B
A
Not to scale
GND
Q
CLK
N.C.
D
VCC
GND
Q
3
4
CLK
2
5
D
6
1
NC
V
CC
CLK
NC
D
6
5
4
2
3
GND
Q
V
CC
1
3
2
4
5
1
D
V
CC
Q
CLK
GND
Q
VCC
CLK
D
GND
5
1
V
CC
D
2
CLK
3
4
GND
Q
2
CLK
3
4
GND
V
CC
5
D
Q
1
3
SN74AUP1G79
www.ti.com
SCES592I – JULY 2004 – REVISED SEPTEMBER 2017
Product Folder Links: SN74AUP1G79
Submit Documentation Feedback
Copyright © 2004–2017, Texas Instruments Incorporated
5 Pin Configuration and Functions
DBV Package
5-Pin SOT-23
Top View
DCK Package
5-Pin SC70
Top View
DRL Package
5-Pin SOT-5X3
Top View
DPW Package
5-Pin X2SON
Top View
DRY Package
6-Pin SON
Top View
DSF Package
6-Pin SON
Top View
YFP Package
6-Pin DSBGA
Bottom View
YZP Package
5-Pin DSBGA
Bottom View
Pin Functions
PIN
I/O
DESCRIPTION
NAME
DBV, DCK,
DRL, DPW
DRY,
DSF
YZP
YFP
CLK
2
2
B1
B1
I
Positive-Edge-Triggered Clock input
D
1
1
A1
A1
I
Data Input
GND
3
3
C1
C1
Ground pin
NC
5
B2
No Connect
Q
4
4
C2
C2
O
Q output
VCC
5
6
A2
A2
Positive supply


Numéro de pièce similaire - SN74AUP1G79DBVR

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
SN74AUP1G79DBVR TI-SN74AUP1G79DBVR Datasheet
266Kb / 15P
[Old version datasheet]   LOW POWER SINGLE POSITIVE EDGE TRIGGERRED D TYPE FLIP FLOP
SN74AUP1G79DBVR TI-SN74AUP1G79DBVR Datasheet
985Kb / 24P
[Old version datasheet]   LOW-POWER SINGLE POSITIVE-EDGE-TRIGGERED D-TYPE FLIP-FLOP
SN74AUP1G79DBVR TI-SN74AUP1G79DBVR Datasheet
986Kb / 24P
[Old version datasheet]   LOW-POWER SINGLE POSITIVE-EDGE-TRIGGERED D-TYPE FLIP-FLOP
SN74AUP1G79DBVR TI1-SN74AUP1G79DBVR Datasheet
1Mb / 34P
[Old version datasheet]   Low-Power Single Positive-Edge-Triggered D-Type Flip-Flop
SN74AUP1G79DBVRE4 TI-SN74AUP1G79DBVRE4 Datasheet
266Kb / 15P
[Old version datasheet]   LOW POWER SINGLE POSITIVE EDGE TRIGGERRED D TYPE FLIP FLOP
More results

Description similaire - SN74AUP1G79DBVR

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
SN74AUP1G80 TI-SN74AUP1G80_08 Datasheet
501Kb / 17P
[Old version datasheet]   LOW-POWER SINGLE POSITIVE-EDGE-TRIGGERED D-TYPE FLIP-FLOP
SN74AUP1G80 TI-SN74AUP1G80 Datasheet
375Kb / 14P
[Old version datasheet]   LOW-POWER SINGLE POSITIVE-EDGE-TRIGGERED D-TYPE FLIP-FLOP
SN74AUP1G80 TI1-SN74AUP1G80_16 Datasheet
1Mb / 25P
[Old version datasheet]   LOW-POWER SINGLE POSITIVE-EDGE-TRIGGERED D-TYPE FLIP-FLOP
SN74AUP1G80 TI1-SN74AUP1G80_17 Datasheet
1Mb / 38P
[Old version datasheet]   Low-Power Single Positive-Edge-Triggered D-Type Flip-Flop
SN74AUP1G80 TI-SN74AUP1G80_10 Datasheet
924Kb / 26P
[Old version datasheet]   LOW-POWER SINGLE POSITIVE-EDGE-TRIGGERED D-TYPE FLIP-FLOP
SN74AUP1G79 TI-SN74AUP1G79_10 Datasheet
985Kb / 24P
[Old version datasheet]   LOW-POWER SINGLE POSITIVE-EDGE-TRIGGERED D-TYPE FLIP-FLOP
SN74AUP1G74 TI1-SN74AUP1G74_15 Datasheet
1Mb / 31P
[Old version datasheet]   Low-Power Single Positive-Edge-Triggered D-Type Flip-Flop
SN74AUP1G79 TI1-SN74AUP1G79_15 Datasheet
1Mb / 34P
[Old version datasheet]   Low-Power Single Positive-Edge-Triggered D-Type Flip-Flop
SN74AUP1G80_017 TI1-SN74AUP1G80_017 Datasheet
1Mb / 41P
[Old version datasheet]   Low-Power Single Positive-Edge-Triggered D-Type Flip-Flop
SN74AUP1G79_101 TI-SN74AUP1G79_101 Datasheet
986Kb / 24P
[Old version datasheet]   LOW-POWER SINGLE POSITIVE-EDGE-TRIGGERED D-TYPE FLIP-FLOP
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com