Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TSHG8400 Fiches technique(PDF) 2 Page - Vishay Siliconix

No de pièce TSHG8400
Description  High Speed Infrared Emitting Diode
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  VISHAY [Vishay Siliconix]
Site Internet  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

TSHG8400 Fiches technique(HTML) 2 Page - Vishay Siliconix

  TSHG8400_13 Datasheet HTML 1Page - Vishay Siliconix TSHG8400_13 Datasheet HTML 2Page - Vishay Siliconix TSHG8400_13 Datasheet HTML 3Page - Vishay Siliconix TSHG8400_13 Datasheet HTML 4Page - Vishay Siliconix TSHG8400_13 Datasheet HTML 5Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
TSHG8400
www.vishay.com
Vishay Semiconductors
Rev. 1.4, 03-Sep-13
2
Document Number: 81297
For technical questions, contact: emittertechsupport@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Fig. 1 - Power Dissipation Limit vs. Ambient Temperature
Fig. 2 - Forward Current Limit vs. Ambient Temperature
0
20
40
60
80
100
120
140
160
180
200
0
1020
3040506070
8090 100
21142
T
amb - Ambient Temperature (°C)
R
thJA = 230 K/W
0
20
40
60
80
100
120
0
10
203040
50607080
90 100
T
amb - Ambient Temperature (°C)
21143
R
thJA = 230 K/W
BASIC CHARACTERISTICS (Tamb = 25 °C, unless otherwise specified)
PARAMETER
TEST CONDITION
SYMBOL
MIN.
TYP.
MAX.
UNIT
Forward voltage
IF = 100 mA, tp = 20 ms
VF
1.5
1.8
V
IF = 1 A, tp = 100 μs
VF
2.3
V
Temperature coefficient of VF
IF = 1 mA
TKVF
- 1.8
mV/K
Reverse current
VR = 5 V
IR
10
μA
Junction capacitance
VR = 0 V, f = 1 MHz, E = 0
Cj
125
pF
Radiant intensity
IF = 100 mA, tp = 20 ms
Ie
45
70
135
mW/sr
IF = 1 A, tp = 100 μs
Ie
700
mW/sr
Radiant power
IF = 100 mA, tp = 20 ms
φe
50
mW
Temperature coefficient of
φe
IF = 100 mA
TK
φe
- 0.35
%/K
Angle of half intensity
ϕ
± 22
deg
Peak wavelength
IF = 100 mA
λp
830
nm
Spectral bandwidth
IF = 100 mA
Δλ
40
nm
Temperature coefficient of
λp
IF = 100 mA
TK
λp
0.25
nm/K
Rise time
IF = 100 mA
tr
20
ns
Fall time
IF = 100 mA
tf
13
ns
Cut-off frequency
IDC = 70 mA, IAC = 30 mA pp
fc
18
MHz
Virtual source diameter
d
3.7
mm


Numéro de pièce similaire - TSHG8400_13

FabricantNo de pièceFiches techniqueDescription
logo
Vishay Siliconix
TSHG8400 VISHAY-TSHG8400_09 Datasheet
101Kb / 5P
   High Speed Infrared Emitting Diode, 830 nm, GaAlAs Double Hetero
Rev. 1.2, 02-Jul-09
TSHG8400 VISHAY-TSHG8400_V01 Datasheet
104Kb / 5P
   High Speed Infrared Emitting Diode, 830 nm, GaAlAs Double Hetero
01-Jan-2022
TSHG8400 VISHAY-TSHG8400_V02 Datasheet
103Kb / 5P
   High Speed Infrared Emitting Diode, 830 nm, GaAlAs Double Hetero
01-Jan-2023
More results

Description similaire - TSHG8400_13

FabricantNo de pièceFiches techniqueDescription
logo
Sharp Corporation
GL496 SHARP-GL496 Datasheet
35Kb / 4P
   High Speed Infrared Emitting Diode
logo
Vishay Siliconix
VSMG3700 VISHAY-VSMG3700_13 Datasheet
132Kb / 6P
   High Speed Infrared Emitting Diode
Rev. 1.5, 24-Sep-13
TSHG5210 VISHAY-TSHG5210_11 Datasheet
109Kb / 5P
   High Speed Infrared Emitting Diode
VSMF4710 VISHAY-VSMF4710_13 Datasheet
131Kb / 6P
   High Speed Infrared Emitting Diode
Rev. 1.4, 25-Sep-13
VSMF9700X01 VISHAY-VSMF9700X01 Datasheet
134Kb / 6P
   High Speed Infrared Emitting Diode
Rev. 1.9, 24-Jul-14
logo
Sharp Corporation
GL550 SHARP-GL550 Datasheet
38Kb / 4P
   High Speed Infrared Emitting Diode
logo
Vishay Siliconix
VSMF4720 VISHAY-VSMF4720_13 Datasheet
132Kb / 6P
   High Speed Infrared Emitting Diode
Rev. 1.2, 25-Sep-13
VSMY3850 VISHAY-VSMY3850_13 Datasheet
130Kb / 6P
   High Speed Infrared Emitting Diode
Rev. 1.5, 24-Sep-13
TSHF6410 VISHAY-TSHF6410_11 Datasheet
115Kb / 5P
   High Speed Infrared Emitting Diode
VSMF970011X01 VISHAY-VSMF970011X01 Datasheet
142Kb / 6P
   High Speed Infrared Emitting Diode, 890 nm
Rev. 1.0, 16-Feb-15
More results


Html Pages

1 2 3 4 5


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com