Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

FDS4435A Fiches technique(PDF) 2 Page - Fairchild Semiconductor

No de pièce FDS4435A
Description  P-Channel Logic Level PowerTrench MOSFET
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  FAIRCHILD [Fairchild Semiconductor]
Site Internet  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FDS4435A Fiches technique(HTML) 2 Page - Fairchild Semiconductor

  FDS4435A Datasheet HTML 1Page - Fairchild Semiconductor FDS4435A Datasheet HTML 2Page - Fairchild Semiconductor FDS4435A Datasheet HTML 3Page - Fairchild Semiconductor FDS4435A Datasheet HTML 4Page - Fairchild Semiconductor FDS4435A Datasheet HTML 5Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
FDS4435A Rev. D
Electrical Characteristics
T
A
= 25°C unless otherwise noted
Symbol
Parameter
Test Conditions
Min
Typ
Max
Units
Off Characteristics
BVDSS
Drain-Source Breakdown Voltage
VGS = 0 V, ID = -250
µA
-30
V
∆BVDSS
∆TJ
Breakdown Voltage Temperature
Coefficient
ID = -250
µA,Referenced to 25°C
-26
mV/
°C
VDS = -24 V, VGS = 0
-1
IDSS
Zero Gate Voltage Drain Current
TJ = 125
°C
-10
µA
IGSSF
Gate-Body Leakage Current, Forward
VGS = 20 V, VDS = 0 V
100
nA
IGSSR
Gate-Body Leakage Current, Reverse
VGS = -20 V, VDS = 0 V
-100
nA
On Characteristics (Note 2)
VGS(th)
Gate Threshold Voltage
VDS = VGS, ID = -250
µA
-1
-1.7
-2
V
∆VGS(th)
∆TJ
Gate Threshold Voltage
Temperature Coefficient
ID = -250
µA,Referenced to 25°C
4.2
mV/
°C
VGS = -10 V, ID = -9 A
0.015
0.017
TJ = 125
°C
0.021
0.030
RDS(on)
Static Drain-Source On-Resistance
VGS = -4.5 V, ID = -7 A
0.023
0.025
ID(on)
On-State Drain Current
VGS = -10 V, VDS = -5 V
-40
A
gFS
Forward Transconductance
VDS = -10 V, ID = -9 A
25
S
Dynamic Characteristics
Ciss
Input Capacitance
2010
pF
Coss
Output Capacitance
590
pF
Crss
Reverse Transfer Capacitance
VDS = -15 V, VGS = 0 V
f = 1.0 MHz
260
pF
Switching Characteristics (Note 2)
td(on)
Turn-On Delay Time
12
22
ns
tr
Turn-On Rise Time
15
27
ns
td(off)
Turn-Off Delay Time
100
140
ns
tf
Turn-Off Fall Time
VDD = -15 V, ID = -1 A
VGS = -10 V, RGEN = 6
55
80
ns
Qg
Total Gate Charge
21
30
nC
Qgs
Gate-Source Charge
6
nC
Qgd
Gate-Drain Charge
VDS = -15 V, ID = -9 A
VGS = -5 V,
8nC
Drain-Source Diode Characteristics and Maximum Ratings
IS
Maximum Continuous Drain-Source Diode Forward Current
-2.1
A
VSD
Drain-Source Diode Forward Voltage
VGS = 0 V, IS = -2.1 A
(Note 2)
0.75
-1.2
V
trr
Source-Drain Reverse Recovery Time
IF = -10 A, dlF/dt = 100 A/
µS
36
80
ns
Notes:
1: RqJA is the sum of the junction-to-case and case-to-ambient resistance where the case thermal reference is defined as the solder mounting surface of the
drain pins. RqJCis guaranteed by design while RqCAis determined by the user's board design.
Scale 1 : 1 on letter size paper
2: Pulse Test: Pulse Width £ 300 ms, Duty Cycle £ 2.0%
a) 50° C/W when
mounted on a 1 in2
pad of 2 oz. copper.
b) 105° C/W when
mounted on a 0.04 in2
pad of 2 oz. copper.
c) 125° C/W when mounted
on a minimum pad.


Numéro de pièce similaire - FDS4435A

FabricantNo de pièceFiches techniqueDescription
logo
Fairchild Semiconductor
FDS4435A FAIRCHILD-FDS4435A Datasheet
264Kb / 5P
   P-Channel Logic Level PowerTrench?줞OSFET
logo
VBsemi Electronics Co.,...
FDS4435A-NL VBSEMI-FDS4435A-NL Datasheet
1,004Kb / 9P
   P-Channel 30-V (D-S) MOSFET
More results

Description similaire - FDS4435A

FabricantNo de pièceFiches techniqueDescription
logo
ON Semiconductor
FDD9510L-F085 ONSEMI-FDD9510L-F085 Datasheet
337Kb / 7P
   MOSFET - P-Channel Logic Level PowerTrench
February, 2020 ??Rev. 1
logo
Fairchild Semiconductor
FDG316P FAIRCHILD-FDG316P Datasheet
70Kb / 5P
   P-Channel Logic Level PowerTrench MOSFET
FDS6609A FAIRCHILD-FDS6609A Datasheet
646Kb / 8P
   P-Channel Logic Level PowerTrench MOSFET
logo
ON Semiconductor
FDWS9510L-F085 ONSEMI-FDWS9510L-F085 Datasheet
343Kb / 7P
   MOSFET ??P-Channel Logic Level POWERTRENCH
October, 2021 ??Rev. 2
logo
Fairchild Semiconductor
SI4431DY FAIRCHILD-SI4431DY Datasheet
96Kb / 5P
   P-Channel Logic Level PowerTrench MOSFET
SI4835DY FAIRCHILD-SI4835DY Datasheet
79Kb / 5P
   P-Channel Logic Level PowerTrench MOSFET
logo
ON Semiconductor
FDD9511L-F085 ONSEMI-FDD9511L-F085 Datasheet
208Kb / 7P
   P-Channel Logic Level PowerTrench MOSFET
July, 2018 ??Rev. P1
logo
Fairchild Semiconductor
SI9435DY FAIRCHILD-SI9435DY Datasheet
101Kb / 5P
   P-Channel Logic Level PowerTrench MOSFET
FDN340P FAIRCHILD-FDN340P Datasheet
273Kb / 8P
   Single P-Channel, Logic Level, PowerTrench MOSFET
FDN5618P FAIRCHILD-FDN5618P Datasheet
385Kb / 8P
   60V P-Channel Logic Level PowerTrench MOSFET
More results


Html Pages

1 2 3 4 5


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com