Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

GS8662Q18BD-300 Fiches technique(PDF) 1 Page - GSI Technology

No de pièce GS8662Q18BD-300
Description  72Mb SigmaQuad-IITM Burst of 2 SRAM
Download  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  GSI [GSI Technology]
Site Internet  http://www.gsitechnology.com
Logo GSI - GSI Technology

GS8662Q18BD-300 Fiches technique(HTML) 1 Page - GSI Technology

  GS8662Q18BD-300 Datasheet HTML 1Page - GSI Technology GS8662Q18BD-300 Datasheet HTML 2Page - GSI Technology GS8662Q18BD-300 Datasheet HTML 3Page - GSI Technology GS8662Q18BD-300 Datasheet HTML 4Page - GSI Technology GS8662Q18BD-300 Datasheet HTML 5Page - GSI Technology GS8662Q18BD-300 Datasheet HTML 6Page - GSI Technology GS8662Q18BD-300 Datasheet HTML 7Page - GSI Technology GS8662Q18BD-300 Datasheet HTML 8Page - GSI Technology GS8662Q18BD-300 Datasheet HTML 9Page - GSI Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 34 page
background image
GS8662Q08/09/18/36BD-357/333/300/250/200
72Mb SigmaQuad-IITM
Burst of 2 SRAM
357 MHz–200 MHz
1.8 V VDD
1.8 V and 1.5 V I/O
165-Bump BGA
Commercial Temp
Industrial Temp
Rev: 1.02d 8/2017
1/34
© 2011, GSI Technology
Specifications cited are subject to change without notice. For latest documentation see http://www.gsitechnology.com.
Features
• Simultaneous Read and Write SigmaQuad™ Interface
• JEDEC-standard pinout and package
• Dual Double Data Rate interface
• Byte Write controls sampled at data-in time
• Burst of 2 Read and Write
• 1.8 V +100/–100 mV core power supply
• 1.5 V or 1.8 V HSTL Interface
• Pipelined read operation
• Fully coherent read and write pipelines
• ZQ pin for programmable output drive strength
• IEEE 1149.1 JTAG-compliant Boundary Scan
• Pin-compatible with present 144 Mb devices
• 165-bump, 13 mm x 15 mm, 1 mm bump pitch BGA package
• RoHS-compliant 165-bump BGA package available
SigmaQuad™ Family Overview
The GS8662Q08/09/18/36BD are built in compliance with
the SigmaQuad-II SRAM pinout standard for Separate I/O
synchronous SRAMs. They are 75,497,472-bit (72Mb)
SRAMs. The GS8662Q08/09/18/36BD SigmaQuad SRAMs
are just one element in a family of low power, low voltage
HSTL I/O SRAMs designed to operate at the speeds needed to
implement economical high performance networking systems.
Clocking and Addressing Schemes
The GS8662Q08/09/18/36BD SigmaQuad-II SRAMs are
synchronous devices. They employ two input register clock
inputs, K and K. K and K are independent single-ended clock
inputs, not differential inputs to a single differential clock input
buffer. The device also allows the user to manipulate the
output register clock inputs quasi independently with the C and
C clock inputs. C and C are also independent single-ended
clock inputs, not differential inputs. If the C clocks are tied
high, the K clocks are routed internally to fire the output
registers instead.
Each internal read and write operation in a SigmaQuad-II B2
RAM is two times wider than the device I/O bus. An input data
bus de-multiplexer is used to accumulate incoming data before
it is simultaneously written to the memory array. An output
data multiplexer is used to capture the data produced from a
single memory array read and then route it to the appropriate
output drivers as needed. Therefore the address field of a
SigmaQuad-II B2 RAM is always one address pin less than the
advertised index depth (e.g., the 8M x 8 has an 4M addressable
index).
Parameter Synopsis
-357
-333
-300
-250
-200
tKHKH
2.8 ns
3.0 ns
3.3 ns
4.0 ns
5.0 ns
tKHQV
0.45 ns
0.45 ns
0.45 ns
0.45 ns
0.45 ns


Numéro de pièce similaire - GS8662Q18BD-300

FabricantNo de pièceFiches techniqueDescription
logo
GSI Technology
GS8662Q18BD-300M GSI-GS8662Q18BD-300M Datasheet
513Kb / 32P
   72Mb SigmaQuad-IITM Burst of 2 SRAM
More results

Description similaire - GS8662Q18BD-300

FabricantNo de pièceFiches techniqueDescription
logo
GSI Technology
GS8662Q08BD-333I GSI-GS8662Q08BD-333I Datasheet
677Kb / 34P
   72Mb SigmaQuad-IITM Burst of 2 SRAM
GS8662Q36BGD-300I GSI-GS8662Q36BGD-300I Datasheet
677Kb / 34P
   72Mb SigmaQuad-IITM Burst of 2 SRAM
GS8662Q09BGD-200 GSI-GS8662Q09BGD-200 Datasheet
677Kb / 34P
   72Mb SigmaQuad-IITM Burst of 2 SRAM
GS8662Q18BD-300M GSI-GS8662Q18BD-300M Datasheet
513Kb / 32P
   72Mb SigmaQuad-IITM Burst of 2 SRAM
GS8662D36BD-333 GSI-GS8662D36BD-333 Datasheet
579Kb / 33P
   72Mb SigmaQuad-IITM Burst of 4 SRAM
GS8662D08BD-400 GSI-GS8662D08BD-400 Datasheet
579Kb / 33P
   72Mb SigmaQuad-IITM Burst of 4 SRAM
GS82582Q36GE-333I GSI-GS82582Q36GE-333I Datasheet
484Kb / 32P
   288Mb SigmaQuad-IITM Burst of 2 SRAM
GS82582Q18E-250I GSI-GS82582Q18E-250I Datasheet
625Kb / 31P
   288Mb SigmaQuad-IITM Burst of 2 SRAM
GS8342Q09BD-300I GSI-GS8342Q09BD-300I Datasheet
666Kb / 34P
   36Mb SigmaQuad-IITM Burst of 2 SRAM
GS8182Q18BD-300M GSI-GS8182Q18BD-300M Datasheet
446Kb / 35P
   18Mb SigmaQuad-IITM Burst of 2 SRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com