Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

DMF6104-FW Fiches technique(PDF) 8 Page - OPTREX CORPORATION

No de pièce DMF6104-FW
Description  LCD Module Specification
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  OPTREX [OPTREX CORPORATION]
Site Internet  http://www.kyocera-display.eu
Logo OPTREX - OPTREX CORPORATION

DMF6104-FW Fiches technique(HTML) 8 Page - OPTREX CORPORATION

Back Button DMF6104-FW Datasheet HTML 4Page - OPTREX CORPORATION DMF6104-FW Datasheet HTML 5Page - OPTREX CORPORATION DMF6104-FW Datasheet HTML 6Page - OPTREX CORPORATION DMF6104-FW Datasheet HTML 7Page - OPTREX CORPORATION DMF6104-FW Datasheet HTML 8Page - OPTREX CORPORATION DMF6104-FW Datasheet HTML 9Page - OPTREX CORPORATION DMF6104-FW Datasheet HTML 10Page - OPTREX CORPORATION DMF6104-FW Datasheet HTML 11Page - OPTREX CORPORATION DMF6104-FW Datasheet HTML 12Page - OPTREX CORPORATION Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 17 page
background image
DMF6104NF-FW
(AE)
No.97-0106
OPTREX CORPORATION
Page 8/17
OPTREX
3.Optical Specif ications
3.1.LCD Driving Voltage
Parameter
Symbol
Conditions
Min.
Typ.
Max.
Units
Recommended
Ta=10℃
15.1
V
LCD Driving Voltage
VCC-VEE
Ta=25℃
12.4
13.3
14.2
V
Note 1
Ta=40℃
11.7
V
Note 1 :
Voltage (Applied actual waveform to LCD Module) for the best contrast. The range of
minimum and maximum shows tolerance of the operating voltage. The specified contrast ratio and
response time are not guaranteed over the entire range.
3.2.Optical Characteristics
Ta=25℃, 1/64 Duty, 1/9 Bias, VD=13.3V (Note 4), θ= 0゚, φ=-゚
Parameter
Symbol
Conditions
Min.
Typ.
Max.
Units
Contrast Ratio
Note 1
CR
θ= 0゚, φ=-゚
15
Viewing Angle
Shown in 3.3
Response
Rise
Note 2
τr
110
200
ms
Time
Decay Note 3
τd
160
240
ms
Note 1 : Contrast ratio is definded as follows.
CR = LON / LOFF
LON : Luminance of the ON segments
LOFF : Luminance of the OFF segments
Note 2 : The time that the luminance level reaches 90% of the saturation level from 0% when ON
signal is applied.
Note 3 : The time that the luminance level reaches 10% of the saturation level from 100% when OFF
signal is applied.
Note 4 : Definition of Driving Voltage VD
Assuming that the typical driving waveforms shown below are applied to the LCD Panel at
1/A Duty - 1/B Bias ( A : Duty Number, B : Bias Number ). Driving voltage VD is definded
as the voltage VO-P when the contrast ratio (CR=LON / LOFF) is at its maximum.
VO-P
1 /
fF
( B-2 )×VO-P / B
1 / (
fF×A )
〈OFF SIGNAL〉
〈ON SIGNAL〉


Numéro de pièce similaire - DMF6104-FW

FabricantNo de pièceFiches techniqueDescription
logo
List of Unclassifed Man...
DMF6022 ETC-DMF6022 Datasheet
378Kb / 8P
   Silicon Beam-Lead and Chip Schottky Barrier Mixer Diodes
DMF6023 ETC-DMF6023 Datasheet
378Kb / 8P
   Silicon Beam-Lead and Chip Schottky Barrier Mixer Diodes
DMF6459 ETC-DMF6459 Datasheet
378Kb / 8P
   Silicon Beam-Lead and Chip Schottky Barrier Mixer Diodes
DMF6460 ETC-DMF6460 Datasheet
378Kb / 8P
   Silicon Beam-Lead and Chip Schottky Barrier Mixer Diodes
DMF6576 ETC-DMF6576 Datasheet
378Kb / 8P
   Silicon Beam-Lead and Chip Schottky Barrier Mixer Diodes
More results

Description similaire - DMF6104-FW

FabricantNo de pièceFiches techniqueDescription
logo
OPTREX CORPORATION
DMC20261NYJ-LY-BCE OPTREX-DMC20261NYJ-LY-BCE Datasheet
179Kb / 16P
   LCD Module Specification
DMC20481NY-LY-AGE OPTREX-DMC20481NY-LY-AGE Datasheet
180Kb / 16P
   LCD Module Specification
DM16207H OPTREX-DM16207H Datasheet
164Kb / 15P
   LCD Module Specification
logo
OPTEK Technologies
DMC20261NY-LY-AXE OPTEK-DMC20261NY-LY-AXE Datasheet
178Kb / 16P
   LCD Module Specification
DMC50448 OPTEK-DMC50448 Datasheet
169Kb / 15P
   LCD Module Specification
logo
OPTREX CORPORATION
DMC16205 OPTREX-DMC16205 Datasheet
165Kb / 15P
   LCD Module Specification
logo
List of Unclassifed Man...
AT043TN13 ETC2-AT043TN13 Datasheet
408Kb / 25P
   LCD MODULE SPECIFICATION
ST50AN01 ETC1-ST50AN01 Datasheet
148Kb / 8P
   LCD MODULE SPECIFICATION
GM123210SFSYB-01 ETC-GM123210SFSYB-01 Datasheet
218Kb / 20P
   LCD MODULE SPECIFICATION
GM126414FRNNB-01 ETC-GM126414FRNNB-01 Datasheet
837Kb / 23P
   LCD MODULE SPECIFICATION
logo
OPTREX CORPORATION
F-51167NCU-FW-AB OPTREX-F-51167NCU-FW-AB Datasheet
281Kb / 17P
   LCD Module Specification
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com