Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SS110 Fiches technique(PDF) 1 Page - Zibo Seno Electronic Engineering Co.,Ltd

No de pièce SS110
Description  1.0A SURFACE MOUNT SCHOTTKY BARRIER DIODE
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ZSELEC [Zibo Seno Electronic Engineering Co.,Ltd]
Site Internet  http://www.senocn.com/en/index.html
Logo ZSELEC - Zibo Seno Electronic Engineering Co.,Ltd

SS110 Fiches technique(HTML) 1 Page - Zibo Seno Electronic Engineering Co.,Ltd

  SS110 Datasheet HTML 1Page - Zibo Seno Electronic Engineering Co.,Ltd SS110 Datasheet HTML 2Page - Zibo Seno Electronic Engineering Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
1.0A SURFACE MOUNT SCHOTTKY BARRIER DIODE
Typical Junction Capacitance
0.55
0.70
0.85
0.95
V
1.0
A
14
21
28
35
42
56
70
105
140
V
20
30
40
50
60
80
100
150
200
V
SS12 – SS1200
Features
!
Schottky Barrier Chip
!
Ideally Suited for Automatic Assembly
B
!
Low Power Loss, High Efficiency
!
!
For Use in Low Voltage Application
A
!
Guard Ring Die Construction
F
!
Plastic Case Material has UL Flammability
Classification Rating 94V-O
C
H
G
                             E
Mechanical Data
!
Case: SMA/DO-214AC, Molded Plastic
!
Terminals: Solder Plated, Solderable
per MIL-STD-750, Method 2026
!
Polarity: Cathode Band or Cathode Notch
!
Marking: Type Number
!
Weight: 0.064 grams (approx.)
!
Lead Free: For RoHS / Lead Free Version
Maximum Ratings and Electrical Characteristics @T
A=25°C unless otherwise specified
Peak Repetitive Reverse Voltage
Working Peak Reverse Voltage
DC Blocking Voltage
VRRM
VRWM
VR
RMS Reverse Voltage
VR(RMS)
Average Rectified Output Current
@TL = 75°C
IO
Non-Repetitive Peak Forward Surge Current
8.3ms Single half sine-wave superimposed on
rated load (JEDEC Method)
IFSM
30
A
Forward Voltage
@IF = 1.0A
VFM
Peak Reverse Current
@TA = 25°C
At Rated DC Blocking Voltage
@TA = 100°C
IRM
0.5
20
mA
RJL
RJA
28
88
°C/W
Operating Temperature Range
Tj
-65 to +125
°C
Storage Temperature Range
TSTG
-65 to +150
°C
Note: 1. Mounted on P.C. Board with 5.0mm2 copper pad area.
SMA/DO-214AC
Dim
Min
Max
A
2.50
2.90
B
4.00
4.60
C
1.20
1.60
D
0.152
0.305
E
4.80
5.28
F
2.00
2.44
G
0.051
0.203
H
0.76
1.52
All Dimensions in mm
1 of 2
SS12 – SS1200
Surge Overload Rating to 30A Peak
D
Typical Thermal Resistance (Note 1)
j
C
110
30
110
pF
Characteristic
Symbol
SS12
SS13
SS14
SS15
SS16
SS18 SS110
SS1150 SS1200 Unit
Z ibo Seno Electronic Engineering Co., Ltd.
www.senocn.com
Alldatasheet


Numéro de pièce similaire - SS110

FabricantNo de pièceFiches techniqueDescription
logo
Taiwan Semiconductor Co...
SS110 TSC-SS110 Datasheet
207Kb / 4P
   Surface Mount Schottky Barrier Rectifier
logo
Surge Components
SS110 SURGE-SS110 Datasheet
136Kb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER VOLTAGE - 20 to 100 Volts CURRENT - 1.0 Ampere
logo
SAMYANG ELECTRONICS CO....
SS110 SAMYANG-SS110 Datasheet
1Mb / 2P
   SCHOTTKY BARRIER RECTIFIER
logo
Nanjing International G...
SS110 DGNJDZ-SS110 Datasheet
255Kb / 2P
   1.0 AMP SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
logo
Shenzhen Ping Sheng Ele...
SS110 PFS-SS110 Datasheet
559Kb / 2P
   SCHOTTKY BARRIER RECTIFIER
More results

Description similaire - SS110

FabricantNo de pièceFiches techniqueDescription
logo
SUNMATE electronic Co.,...
RB162M-40 SUNMATE-RB162M-40 Datasheet
1Mb / 3P
   1.0A Surface Mount Schottky Barrier Diode
logo
Zibo Seno Electronic En...
SS12F ZSELEC-SS12F Datasheet
87Kb / 2P
   1.0A SURFACE MOUNT SCHOTTKY BARRIER DIODE
SS12W ZSELEC-SS12W Datasheet
85Kb / 2P
   1.0A SURFACE MOUNT SCHOTTKY BARRIER DIODE
STPS0520Z ZSELEC-STPS0520Z Datasheet
148Kb / 2P
   1.0A SURFACE MOUNT SCHOTTKY BARRIER DIODE
SK14 ZSELEC-SK14 Datasheet
132Kb / 2P
   1.0A SURFACE MOUNT SCHOTTKY BARRIER DIODE
MBRX0520 ZSELEC-MBRX0520 Datasheet
175Kb / 2P
   1.0A SURFACE MOUNT SCHOTTKY BARRIER DIODE
logo
SUNMATE electronic Co.,...
RB160M-60 SUNMATE-RB160M-60 Datasheet
1Mb / 3P
   1.0A Surface Mount Schottky Barrier Diode
logo
Won-Top Electronics
SS12 WTE-SS12_06 Datasheet
45Kb / 4P
   1.0A SURFACE MOUNT SCHOTTKY BARRIER DIODE
SK12 WTE-SK12_06 Datasheet
45Kb / 4P
   1.0A SURFACE MOUNT SCHOTTKY BARRIER DIODE
logo
SEMTECH ELECTRONICS LTD...
1N5817W SEMTECH_ELEC-1N5817W Datasheet
241Kb / 3P
   1.0A SURFACE MOUNT SCHOTTKY BARRIER DIODE
logo
Zibo Seno Electronic En...
X10 ZSELEC-X10 Datasheet
158Kb / 2P
   1.0A SURFACE MOUNT SCHOTTKY BARRIER DIODE
More results


Html Pages

1 2


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com