Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

GS81302D38AGD-450I Fiches technique(PDF) 3 Page - GSI Technology

No de pièce GS81302D38AGD-450I
Description  144Mb SigmaQuad-II Burst of 4 SRAM
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  GSI [GSI Technology]
Site Internet  http://www.gsitechnology.com
Logo GSI - GSI Technology

GS81302D38AGD-450I Fiches technique(HTML) 3 Page - GSI Technology

  GS81302D38AGD-450I Datasheet HTML 1Page - GSI Technology GS81302D38AGD-450I Datasheet HTML 2Page - GSI Technology GS81302D38AGD-450I Datasheet HTML 3Page - GSI Technology GS81302D38AGD-450I Datasheet HTML 4Page - GSI Technology GS81302D38AGD-450I Datasheet HTML 5Page - GSI Technology GS81302D38AGD-450I Datasheet HTML 6Page - GSI Technology GS81302D38AGD-450I Datasheet HTML 7Page - GSI Technology GS81302D38AGD-450I Datasheet HTML 8Page - GSI Technology GS81302D38AGD-450I Datasheet HTML 9Page - GSI Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 26 page
background image
8M x 18 SigmaQuad-II+ SRAM—Top View
1
2
3
4
5
6
7
8
9
10
11
A
CQ
SA
SA
W
BW1
K
NC/SA
(288Mb)
R
SA
SA
CQ
B
NC
Q9
D9
SA
NC
K
BW0
SA
NC
NC
Q8
C
NC
NC
D10
VSS
SA
NC
SA
VSS
NC
Q7
D8
D
NC
D11
Q10
VSS
VSS
VSS
VSS
VSS
NC
NC
D7
E
NC
NC
Q11
VDDQ
VSS
VSS
VSS
VDDQ
NC
D6
Q6
F
NC
Q12
D12
VDDQ
VDD
VSS
VDD
VDDQ
NC
NC
Q5
G
NC
D13
Q13
VDDQ
VDD
VSS
VDD
VDDQ
NC
NC
D5
H
Doff
VREF
VDDQ
VDDQ
VDD
VSS
VDD
VDDQ
VDDQ
VREF
ZQ
J
NC
NC
D14
VDDQ
VDD
VSS
VDD
VDDQ
NC
Q4
D4
K
NC
NC
Q14
VDDQ
VDD
VSS
VDD
VDDQ
NC
D3
Q3
L
NC
Q15
D15
VDDQ
VSS
VSS
VSS
VDDQ
NC
NC
Q2
M
NC
NC
D16
VSS
VSS
VSS
VSS
VSS
NC
Q1
D2
N
NC
D17
Q16
VSS
SA
SA
SA
VSS
NC
NC
D1
P
NC
NC
Q17
SA
SA
QVLD
SA
SA
NC
D0
Q0
R
TDO
TCK
SA
SA
SA
ODT
SA
SA
SA
TMS
TDI
11 x 15 Bump BGA—15 x 17 mm2 Body—1 mm Bump Pitch
Notes:
1. BW0 controls writes to D0:D8. BW1 controls writes to D9:D17.
2. Pin A7 is the expansion address.
Specifications cited are subject to change without notice. For latest documentation see http://www.gsitechnology.com.
Rev: 1.00b 5/2017
3/26
© 2017, GSI Technology
Preliminary
GS81302D20/38AGD-633/550/500/450


Numéro de pièce similaire - GS81302D38AGD-450I

FabricantNo de pièceFiches techniqueDescription
logo
GSI Technology
GS81302D38AGD-500 GSI-GS81302D38AGD-500 Datasheet
446Kb / 26P
   144Mb SigmaQuad-II Burst of 4 SRAM
GS81302D38AGD-500I GSI-GS81302D38AGD-500I Datasheet
446Kb / 26P
   Dual Double Data Rate interface
GS81302D38AGD-633 GSI-GS81302D38AGD-633 Datasheet
446Kb / 26P
   144Mb SigmaQuad-II 144Mb SigmaQuad-II
More results

Description similaire - GS81302D38AGD-450I

FabricantNo de pièceFiches techniqueDescription
logo
GSI Technology
GS81302D06 GSI-GS81302D06 Datasheet
405Kb / 31P
   144Mb SigmaQuad-II Burst of 4 SRAM
GS81302DT06E-500 GSI-GS81302DT06E-500 Datasheet
515Kb / 31P
   144Mb SigmaQuad-II Burst of 4 SRAM
GS81302D11E-350I GSI-GS81302D11E-350I Datasheet
515Kb / 31P
   144Mb SigmaQuad-II Burst of 4 SRAM
GS81302D38GE-450I GSI-GS81302D38GE-450I Datasheet
515Kb / 31P
   144Mb SigmaQuad-II Burst of 4 SRAM
GS81302D20AGD-450I GSI-GS81302D20AGD-450I Datasheet
446Kb / 26P
   144Mb SigmaQuad-II Burst of 4 SRAM
GS81302DT38GE-450I GSI-GS81302DT38GE-450I Datasheet
515Kb / 31P
   144Mb SigmaQuad-II Burst of 4 SRAM
GS81302D11E-450I GSI-GS81302D11E-450I Datasheet
515Kb / 31P
   144Mb SigmaQuad-II Burst of 4 SRAM
GS81302D11GE-350 GSI-GS81302D11GE-350 Datasheet
515Kb / 31P
   144Mb SigmaQuad-II Burst of 4 SRAM
GS81302D20E-400I GSI-GS81302D20E-400I Datasheet
515Kb / 31P
   144Mb SigmaQuad-II Burst of 4 SRAM
GS81302D20AGD-500 GSI-GS81302D20AGD-500 Datasheet
446Kb / 26P
   144Mb SigmaQuad-II Burst of 4 SRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com