Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

BU326A Fiches technique(PDF) 1 Page - STMicroelectronics

No de pièce BU326A
Description  HIGH VOLTAGE NPN SILICON POWER TRANSISTOR
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

BU326A Fiches technique(HTML) 1 Page - STMicroelectronics

  BU326A Datasheet HTML 1Page - STMicroelectronics BU326A Datasheet HTML 2Page - STMicroelectronics BU326A Datasheet HTML 3Page - STMicroelectronics BU326A Datasheet HTML 4Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
BU326A
HIGH VOLTAGE NPN SILICON POWER TRANSISTOR
s
STMicroelectronics PREFERRED
SALESTYPE
s
NPN TRANSISTOR
s
FAST SWITCHING SPEED
APPLICATIONS:
s
POWER SUPPLIES
s
LINEAR AND SWITCHING INDUSTRIAL
EQUIPMENT
DESCRIPTION
The BU326A is a silicon multiepitaxial mesa NPN
transistor in Jedec TO-3 metal case particularly
intended for switch-mode CTV supply system.
®
INTERNAL SCHEMATIC DIAGRAM
December 2000
1
2
TO-3
ABSOLUTE MAXIMUM RATINGS
Symbol
Parameter
Value
Unit
VCES
Collector-Emitter Voltage (VBE = 0)
900
V
VCEO
Collector-Emitter Voltage (IB = 0)
400
V
VEBO
Emitter-Base Voltage (IC = 0)
10
V
IC
Collector Current
6
A
ICM
Collector Peak Current
8
A
IB
Base Current
3
A
Ptot
Total Power Dissipation at Tcase
≤ 25 oC
75
W
Tstg
Storage Temperature
-65 to 200
oC
Tj
Max. Operating Junction Temperature
200
oC
1/4


Numéro de pièce similaire - BU326A

FabricantNo de pièceFiches techniqueDescription
logo
Mospec Semiconductor
BU326A MOSPEC-BU326A Datasheet
123Kb / 3P
   POWER TRANSISTORS(6A,375-400V,75W)
logo
STMicroelectronics
BU326A STMICROELECTRONICS-BU326A Datasheet
62Kb / 4P
   HIGH VOLTAGE NPN SILICON POWER TRANSISTOR
logo
Wing Shing Computer Com...
BU326A WINGS-BU326A Datasheet
21Kb / 1P
   NPN SILICON TRANSISTOR(SWITCHING REGULATORS PWM INVERTERS SOLENOID AND RELAY DRIVERS)
logo
Siemens Semiconductor G...
BU326A SIEMENS-BU326A Datasheet
69Kb / 3P
   NPN SILICON POWER TRANSISTOR
logo
Boca Semiconductor Corp...
BU326A BOCA-BU326A Datasheet
129Kb / 3P
   HIGH VOLTAGE POWER TRANSISTORS
More results

Description similaire - BU326A

FabricantNo de pièceFiches techniqueDescription
logo
NTE Electronics
NTE198 NTE-NTE198 Datasheet
21Kb / 2P
   Silicon NPN Transistor High Voltage Power Transistor
logo
Mospec Semiconductor
TIP51 MOSPEC-TIP51 Datasheet
127Kb / 3P
   High-Voltage NPN Silicon Power Transistor
logo
Central Semiconductor C...
CZTUX87 CENTRAL-CZTUX87_15 Datasheet
603Kb / 2P
   HIGH VOLTAGE NPN SILICON POWER TRANSISTOR
logo
ON Semiconductor
MJE3439G ONSEMI-MJE3439G Datasheet
82Kb / 4P
   NPN Silicon High-Voltage Power Transistor
December, 2013 ??Rev. 13
logo
STMicroelectronics
BUX87 STMICROELECTRONICS-BUX87 Datasheet
182Kb / 5P
   HIGH VOLTAGE NPN SILICON POWER TRANSISTOR
logo
New Jersey Semi-Conduct...
BUX80 NJSEMI-BUX80 Datasheet
169Kb / 2P
   HIGH VOLTAGE NPN SILICON POWER TRANSISTOR
logo
STMicroelectronics
BU326A STMICROELECTRONICS-BU326A Datasheet
62Kb / 4P
   HIGH VOLTAGE NPN SILICON POWER TRANSISTOR
BUX80 STMICROELECTRONICS-BUX80 Datasheet
62Kb / 4P
   HIGH VOLTAGE NPN SILICON POWER TRANSISTOR
logo
Continental Device Indi...
BU109 CDIL-BU109 Datasheet
190Kb / 3P
   NPN HIGH VOLTAGE SILICON POWER TRANSISTOR
logo
STMicroelectronics
BUH2M20AP STMICROELECTRONICS-BUH2M20AP Datasheet
67Kb / 4P
   HIGH VOLTAGE NPN SILICON POWER TRANSISTOR
More results


Html Pages

1 2 3 4


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com