Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

GS8342DT07BGD-333I Fiches technique(PDF) 5 Page - GSI Technology

No de pièce GS8342DT07BGD-333I
Description  165-Bump BGA Commercial Temp Industrial Temp
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  GSI [GSI Technology]
Site Internet  http://www.gsitechnology.com
Logo GSI - GSI Technology

GS8342DT07BGD-333I Fiches technique(HTML) 5 Page - GSI Technology

  GS8342DT07BGD-333I Datasheet HTML 1Page - GSI Technology GS8342DT07BGD-333I Datasheet HTML 2Page - GSI Technology GS8342DT07BGD-333I Datasheet HTML 3Page - GSI Technology GS8342DT07BGD-333I Datasheet HTML 4Page - GSI Technology GS8342DT07BGD-333I Datasheet HTML 5Page - GSI Technology GS8342DT07BGD-333I Datasheet HTML 6Page - GSI Technology GS8342DT07BGD-333I Datasheet HTML 7Page - GSI Technology GS8342DT07BGD-333I Datasheet HTML 8Page - GSI Technology GS8342DT07BGD-333I Datasheet HTML 9Page - GSI Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 29 page
background image
1M x 36 SigmaQuad-II+ SRAM—Top View
1
2
3
4
5
6
7
8
9
10
11
A
CQ
NC/SA
(288Mb )
NC/SA
(72Mb)
W
BW2
K
BW1
R
SA
NC/SA
(144Mb)
CQ
B
Q27
Q18
D18
SA
BW3
K
BW0
SA
D17
Q17
Q8
C
D27
Q28
D19
VSS
SA
NC
SA
VSS
D16
Q7
D8
D
D28
D20
Q19
VSS
VSS
VSS
VSS
VSS
Q16
D15
D7
E
Q29
D29
Q20
VDDQ
VSS
VSS
VSS
VDDQ
Q15
D6
Q6
F
Q30
Q21
D21
VDDQ
VDD
VSS
VDD
VDDQ
D14
Q14
Q5
G
D30
D22
Q22
VDDQ
VDD
VSS
VDD
VDDQ
Q13
D13
D5
H
Doff
VREF
VDDQ
VDDQ
VDD
VSS
VDD
VDDQ
VDDQ
VREF
ZQ
J
D31
Q31
D23
VDDQ
VDD
VSS
VDD
VDDQ
D12
Q4
D4
K
Q32
D32
Q23
VDDQ
VDD
VSS
VDD
VDDQ
Q12
D3
Q3
L
Q33
Q24
D24
VDDQ
VSS
VSS
VSS
VDDQ
D11
Q11
Q2
M
D33
Q34
D25
VSS
VSS
VSS
VSS
VSS
D10
Q1
D2
N
D34
D26
Q25
VSS
SA
SA
SA
VSS
Q10
D9
D1
P
Q35
D35
Q26
SA
SA
QVLD
SA
SA
Q9
D0
Q0
R
TDO
TCK
SA
SA
SA
ODT
SA
SA
SA
TMS
TDI
11 x 15 Bump BGA—13 x 15 mm Body—1 mm Bump Pitch
Notes:
3. BW0 controls writes to D0:D8; BW1 controls writes to D9:D17; BW2 controls writes to D18:D26; BW3 controls writes to D27:D35
4. Pins A2, A3, and A10 are the expansion addresses.
GS8342DT07/10/19/37BD-450/400/350/333/300
Specifications cited are subject to change without notice. For latest documentation see http://www.gsitechnology.com.
Rev: 1.01a 8/2017
5/29
© 2011, GSI Technology


Numéro de pièce similaire - GS8342DT07BGD-333I

FabricantNo de pièceFiches techniqueDescription
logo
GSI Technology
GS8342DT07BGD-300I GSI-GS8342DT07BGD-300I Datasheet
507Kb / 29P
   JEDEC-standard pinout and package
GS8342DT07BGD-350 GSI-GS8342DT07BGD-350 Datasheet
507Kb / 29P
   36Mb SigmaQuad-IITM Burst of 4 SRAM
GS8342DT07BGD-350I GSI-GS8342DT07BGD-350I Datasheet
507Kb / 29P
   JEDEC-standard pinout and package
More results

Description similaire - GS8342DT07BGD-333I

FabricantNo de pièceFiches techniqueDescription
logo
GSI Technology
GS8342D37BD-350 GSI-GS8342D37BD-350 Datasheet
506Kb / 29P
   165-Bump BGA Commercial Temp Industrial Temp
logo
List of Unclassifed Man...
GS816136T-166I ETC-GS816136T-166I Datasheet
1Mb / 40P
   165 Bump BGA-x18 Commom I/O - Top View (Package D)
logo
Greenliant systems
GLS86FPXXXX3 GREENLIANT-GLS86FPXXXX3 Datasheet
438Kb / 7P
   Industrial / Commercial Temp mSATA ArmourDrive
GLS87DPXXXX3 GREENLIANT-GLS87DPXXXX3 Datasheet
326Kb / 9P
   Industrial / Commercial Temp SATA M.2 ArmourDrive
logo
Tyco Electronics
HFC MACOM-HFC Datasheet
75Kb / 1P
   COMMERCIAL/INDUSTRIAL
logo
List of Unclassifed Man...
WMF05S82K-F ETC2-WMF05S82K-F Datasheet
185Kb / 2P
   Commercial, Industrial Applications
logo
Greenliant systems
GLS85LS1008C GREENLIANT-GLS85LS1008C Datasheet
159Kb / 8P
   Industrial Temp SATA NANDrive
GLS85VM1016B GREENLIANT-GLS85VM1016B Datasheet
332Kb / 8P
   Industrial Temp eMMC NANDrive
logo
STATS ChipPAC, Ltd.
BCC STATSCHIP-BCC Datasheet
589Kb / 2P
   Bump Chip Carrier
logo
Bel Fuse Inc.
S558-5999-BQ-F BEL-S558-5999-BQ-F Datasheet
289Kb / 2P
   DUAL 1000BASE-T INDUSTRIAL TEMP
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com