Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AD5241BR10 Fiches technique(PDF) 10 Page - Analog Devices

No de pièce AD5241BR10
Description  I2C Compatible 256-Position Digital Potentiometers
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AD [Analog Devices]
Site Internet  http://www.analog.com
Logo AD - Analog Devices

AD5241BR10 Fiches technique(HTML) 10 Page - Analog Devices

Back Button AD5241BR10 Datasheet HTML 6Page - Analog Devices AD5241BR10 Datasheet HTML 7Page - Analog Devices AD5241BR10 Datasheet HTML 8Page - Analog Devices AD5241BR10 Datasheet HTML 9Page - Analog Devices AD5241BR10 Datasheet HTML 10Page - Analog Devices AD5241BR10 Datasheet HTML 11Page - Analog Devices AD5241BR10 Datasheet HTML 12Page - Analog Devices AD5241BR10 Datasheet HTML 13Page - Analog Devices AD5241BR10 Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
REV. B
AD5241/AD5242
–10–
DRWB
(DEC)
( )Output State
255
10021
Full-Scale (RWB – 1 LSB + RW)
128
5060
Midscale
199
1 LSB
060Zero-Scale (Wiper Contact Resistance)
Note that in the zero-scale condition, a finite wiper resistance of
60
Ω is present. Care should be taken to limit the current flow
between W and B in this state to a maximum current of no more
than
±20 mA. Otherwise, degradation or possible destruction of
the internal switch contact can occur.
Similar to the mechanical potentiometer, the resistance of the
RDAC between Wiper W and Terminal A also produces a digi-
tally controlled resistance, RWA. When these terminals are used,
the B Terminal can be opened or tied to the Wiper Terminal.
Setting the resistance value for RWA starts at a maximum value
of resistance and decreases as the data loaded in the latch
increases in value. The general equation for this operation is:
RD
D
RR
WA
AB
W
()
+
256
256
(2)
For RAB = 10 k
Ω, and the B Terminal can be either open circuit
or tied to W. The following output resistance RWA will be set for
the following RDAC latch codes.
DRWA
(DEC)
( )
Output State
255
99
Full-Scale
128
5060
Midscale
1
10021
1 LSB
0
10060
Zero-Scale
The typical distribution of the nominal resistance RAB from
channel to channel matches within
±1% for AD5242. Device-
to-device matching is process lot dependent and it is possible to
have
±30% variation. Since the resistance element is processed
in thin film technology, the change in RAB with temperature has
no more than a 30 ppm/
°C temperature coefficient.
PROGRAMMING THE POTENTIOMETER DIVIDER
Voltage Output Operation
The digital potentiometer easily generates output voltages at
wiper-to-B and wiper-to-A to be proportional to the input volt-
age at A-to-B. Unlike the polarity of VDD – VSS, which must be
positive, voltage across A–B, W–A, and W–B can be at either
polarity provided that VSS is powered by a negative supply.
If ignoring the effect of the wiper resistance for approximation,
connecting the A Terminal to 5 V and the B Terminal to ground
produces an output voltage at the wiper-to-B starting at 0 V up
to 1 LSB less than 5 V. Each LSB of voltage is equal to the voltage
applied across Terminal AB divided by the 256 positions of the
potentiometer divider. Since AD5241/AD5242 can be sup-
plied by dual supplies, the general equation defining the output
voltage at VW with respect to ground for any valid input voltage
applied to Terminals A and B is:
VD
D
V
D
V
WA
B
() =+
256
256
256
(3)
which can be simplified to
VD
D
VV
WAB
B
() =+
256
(4)
where D is the decimal equivalent of the binary code between 0
to 255 that is loaded in the 8-bit RDAC register.
For more accurate calculation including the effects of wiper
resistance, VW can be found as:
VD
RD
R
V
RD
R
V
W
WB
AB
A
WA
AB
B
()=
()
+
()
(5)
where RWB(D) and RWA(D) can be obtained from Equations 1
and 2.
Operation of the digital potentiometer in the Divider Mode results
in a more accurate operation over temperature. Unlike the
Rheostat Mode, the output voltage is dependent on the ratio
of the internal resistors RWA and RWB, and not the absolute
values; therefore, the temperature drift reduces to 5 ppm/
°C.
DIGITAL INTERFACE
2-Wire Serial Bus
The AD5241/AD5242 are controlled via an I
2C compatible
serial bus. The RDACs are connected to this bus as slave devices.
Referring to Figures 2 and 3, the first byte of AD5241/AD5242
is a Slave Address Byte. It has a 7-bit slave address and an R/
W
Bit. The 5 MSBs are 01011 and the following two bits are
determined by the state of the AD0 and AD1 Pins of the device.
AD0 and AD1 allow users to use up to four of these devices on
one bus.
The 2-wire I
2C serial bus protocol operates as follows:
1. The master initiates data transfer by establishing a START
condition, which is when a high-to-low transition on the SDA
line occurs while SCL is high (Figure 2). The following byte
is the Slave Address Byte, Frame 1, which consists of the
7-bit slave address followed by an R/
W Bit (this bit deter-
mines whether data will be read from or written to the
slave device).
The slave whose address corresponds to the transmitted
address will respond by pulling the SDA line low during the
ninth clock pulse (this is termed the Acknowledge Bit). At
this stage, all other devices on the bus remain idle while the
selected device waits for data to be written to or read from its
serial register. If the R/
W Bit is high, the master will read
from the slave device. If the R/
W Bit is low, the master will
write to the slave device.
2. A Write operation contains an extra Instruction Byte more
than the Read operation. This Instruction Byte, Frame 2,
in Write Mode follows the Slave Address Byte. The MSB of
the Instruction Byte labeled
A/B is the RDAC subaddress
select. A “low” selects RDAC1 and a “high” selects RDAC2
for the dual-channel AD5242. Set
A/B to low for AD5241.
The second MSB, RS, is the midscale reset. A logic high of
this bit moves the wiper of a selected RDAC to the center tap
where RWA = RWB. The third MSB, SD, is a shutdown bit. A
logic high on SD causes the RDAC open circuit at Terminal A
while shorting the wiper to Terminal B. This operation yields
almost a 0
Ω in Rheostat Mode or 0 V in Potentiometer
Mode. This SD Bit serves the same function as the
SHDN


Numéro de pièce similaire - AD5241BR10

FabricantNo de pièceFiches techniqueDescription
logo
Analog Devices
AD5241BR10 AD-AD5241BR10 Datasheet
550Kb / 20P
   I2C-Compatible, 256-Position Digital Potentiometers
REV. C
AD5241BR10-REEL7 AD-AD5241BR10-REEL7 Datasheet
550Kb / 20P
   I2C-Compatible, 256-Position Digital Potentiometers
REV. C
AD5241BR100 AD-AD5241BR100 Datasheet
550Kb / 20P
   I2C-Compatible, 256-Position Digital Potentiometers
REV. C
AD5241BR100-REEL7 AD-AD5241BR100-REEL7 Datasheet
550Kb / 20P
   I2C-Compatible, 256-Position Digital Potentiometers
REV. C
More results

Description similaire - AD5241BR10

FabricantNo de pièceFiches techniqueDescription
logo
Analog Devices
AD5241 AD-AD5241_09 Datasheet
550Kb / 20P
   I2C-Compatible, 256-Position Digital Potentiometers
REV. C
AD5248 AD-AD5248_16 Datasheet
834Kb / 20P
   Dual, 256-Position, I2C-Compatible Digital Potentiometers
AD5243 AD-AD5243_16 Datasheet
834Kb / 20P
   Dual, 256-Position, I2C-Compatible Digital Potentiometers
AD5243BRMZ100 AD-AD5243BRMZ100 Datasheet
803Kb / 20P
   Dual, 256-Position, I2C-Compatible Digital Potentiometers
REV. B
AD5241 AD-AD5241_15 Datasheet
550Kb / 20P
   IC-Compatible, 256-Position Digital Potentiometers
REV. C
AD5242 AD-AD5242_15 Datasheet
550Kb / 20P
   IC-Compatible, 256-Position Digital Potentiometers
REV. C
logo
ON Semiconductor
CAT5171 ONSEMI-CAT5171 Datasheet
171Kb / 12P
   256-Position I2C Compatible Digital Potentiometer
August, 2009 ??Rev. 1
logo
Analog Devices
AD5245BRJ50 AD-AD5245BRJ50 Datasheet
687Kb / 20P
   256-Position I2C-Compatible Digital Potentiometer
REV. B
AD5245BRJ10 AD-AD5245BRJ10 Datasheet
687Kb / 20P
   256-Position I2C-Compatible Digital Potentiometer
REV. B
AD5245 AD-AD5245 Datasheet
995Kb / 16P
   256-Position I2C Compatible Digital Potentiometer
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com