Moteur de recherche de fiches techniques de composants électroniques |
|
74VHC132MTCX Fiches technique(PDF) 3 Page - Fairchild Semiconductor |
|
74VHC132MTCX Fiches technique(HTML) 3 Page - Fairchild Semiconductor |
3 / 8 page 3 www.fairchildsemi.com Absolute Maximum Ratings(Note 2) Recommended Operating Conditions (Note 3) Note 2: Absolute Maximum Ratings are values beyond which the device may be damaged or have its useful life impaired. The databook specifica- tions should be met, without exception, to ensure that the system design is reliable over its power supply, temperature, and output/input loading vari- ables. Fairchild does not recommend operation outside databook specifica- tions. Note 3: Unused inputs must be held HIGH or LOW. They may not float. DC Electrical Characteristics Supply Voltage (VCC) 0.5V to 7.0V DC Input Voltage (VIN) 0.5V to 7.0V DC Output Voltage (VOUT) 0.5V to VCC 0.5V Input Diode Current (IIK) 20 mA Output Diode Current (IOK) r20 mA DC Output Current (IOUT) r25 mA DC VCC/GND Current (ICC) r50 mA Storage Temperature (TSTG) 65qC to 150qC Lead Temperature (TL) (Soldering, 10 seconds) 260 qC Supply Voltage (VCC)2.0V to 5.5V Input Voltage (VIN)0V to 5.5V Output Voltage (VOUT)0V to VCC Operating Temperature (TOPR) 40qC to 85qC Symbol Parameter VCC (V) TA 25qCTA 40qC to 85qC Units Conditions Min Typ Max Min Max VP Positive 3.0 2.20 2.20 V Threshold Voltage 4.5 3.15 3.15 5.5 3.85 3.85 VN Negative 3.0 0.90 0.90 V Threshold Voltage 4.5 1.35 1.35 5.5 1.65 1.65 VH Hysteresis 3.0 0.30 1.20 0.30 1.20 V Output Voltage 4.5 0.40 1.40 0.40 1.40 5.5 0.50 1.60 0.50 1.60 VOH HIGH Level 2.0 1.9 2.0 1.9 VIN VIH IOH 50 PA Output Voltage 3.0 2.9 3.0 2.9 V or VIL 4.5 4.4 4.5 4.4 3.0 2.58 2.48 V IOH 4 mA 4.5 3.94 3.80 IOH 8 mA VOL LOW Level 2.0 0.0 0.1 0.1 VIN VIH IOL 50 PA Output Voltage 3.0 0.0 0.1 0.1 V or VIL 4.5 0.0 0.1 0.1 3.0 0.36 0.44 V IOL 4 mA 4.5 0.36 0.44 IOL 8 mA IIN Input Leakage Current 0–5.5 r0.1 r1.0 PAVIN 5.5V or GND ICC Quiescent Supply Current 5.5 2.0 20.0 PAVIN VCC or GND |
Numéro de pièce similaire - 74VHC132MTCX |
|
Description similaire - 74VHC132MTCX |