Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

74HC3G04DC Fiches technique(PDF) 2 Page - NXP Semiconductors

No de pièce 74HC3G04DC
Description  Inverter
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  PHILIPS [NXP Semiconductors]
Site Internet  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74HC3G04DC Fiches technique(HTML) 2 Page - NXP Semiconductors

  74HC3G04DC Datasheet HTML 1Page - NXP Semiconductors 74HC3G04DC Datasheet HTML 2Page - NXP Semiconductors 74HC3G04DC Datasheet HTML 3Page - NXP Semiconductors 74HC3G04DC Datasheet HTML 4Page - NXP Semiconductors 74HC3G04DC Datasheet HTML 5Page - NXP Semiconductors 74HC3G04DC Datasheet HTML 6Page - NXP Semiconductors 74HC3G04DC Datasheet HTML 7Page - NXP Semiconductors 74HC3G04DC Datasheet HTML 8Page - NXP Semiconductors 74HC3G04DC Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 17 page
background image
2003 Oct 30
2
Philips Semiconductors
Product specification
Inverter
74HC3G04; 74HCT3G04
FEATURES
• Wide supply voltage range from 2.0 to 6.0 V
• Symmetrical output impedance
• High noise immunity
• Low power dissipation
• Balanced propagation delays
• Very small 8 pins package
• Output capability: standard
• ESD protection:
HBM EIA/JESD22-A114-A exceeds 2000 V
MM EIA/JESD22-A115-A exceeds 200 V.
DESCRIPTION
The 74HC3G/HCT3G04 is a high-speed Si-gate CMOS
device and is pin compatible with low power Schottky
TTL (LSTTL). Specified in compliance with JEDEC
standard no. 7.
The 74HC3G/HCT3G04 provides three inverting buffers.
QUICK REFERENCE DATA
GND = 0 V; Tamb =25 °C; tr =tf ≤ 6.0 ns.
Notes
1. CPD is used to determine the dynamic power dissipation (PD in µW).
PD =CPD × VCC2 × fi × N+ ∑ (CL × VCC2 × fo) where:
fi = input frequency in MHz;
fo = output frequency in MHz;
CL = output load capacitance in pF;
VCC = supply voltage in Volts;
N = total switching outputs;
∑ (CL × VCC2 × fo) = sum of outputs.
2. For HC3G04 the condition is VI = GND to VCC.
For HCT3G04 the condition is VI = GND to VCC − 1.5 V.
FUNCTION TABLE
See note 1.
Note
1. H = HIGH voltage level;
L = LOW voltage level.
SYMBOL
PARAMETER
CONDITIONS
TYPICAL
UNIT
HC3G04
HCT3G04
tPHL/tPLH
propagation delay nA to nY
CL = 50 pF; VCC = 4.5 V 8
10
ns
CI
input capacitance
1.5
1.5
pF
CPD
power dissipation capacitance per buffer
notes 1 and 2
9
9
pF
INPUT
OUTPUT
nA
nY
LH
HL


Numéro de pièce similaire - 74HC3G04DC

FabricantNo de pièceFiches techniqueDescription
logo
NXP Semiconductors
74HC3G04DC NXP-74HC3G04DC Datasheet
91Kb / 13P
   Inverter
Rev. 03-2 July 2008
logo
Nexperia B.V. All right...
74HC3G04DC NEXPERIA-74HC3G04DC Datasheet
212Kb / 12P
   Triple inverter
Rev. 5 - 26 November 2018
74HC3G04DC-Q100 NEXPERIA-74HC3G04DC-Q100 Datasheet
213Kb / 12P
   Triple inverter
74HC3G04DC-Q100 NEXPERIA-74HC3G04DC-Q100 Datasheet
212Kb / 12P
   Triple inverter
Rev. 3 - 26 November 2018
More results

Description similaire - 74HC3G04DC

FabricantNo de pièceFiches techniqueDescription
logo
NXP Semiconductors
74LVC1GU04 PHILIPS-74LVC1GU04 Datasheet
96Kb / 15P
   Inverter
2004 Sep 21
logo
Sumida Corporation
CIUH7D45 SUMIDA-CIUH7D45 Datasheet
160Kb / 1P
   INVERTER
logo
Toshiba Semiconductor
TC7S04FTE85LF TOSHIBA-TC7S04FTE85LF Datasheet
183Kb / 7P
   Inverter
logo
Unisonic Technologies
U74AHCT3G04 UTC-U74AHCT3G04 Datasheet
193Kb / 5P
   INVERTER
logo
NXP Semiconductors
74HC3G04 NXP-74HC3G04 Datasheet
91Kb / 13P
   Inverter
Rev. 03-2 July 2008
logo
Toshiba Semiconductor
TC7SZ04AFE TOSHIBA-TC7SZ04AFE_07 Datasheet
153Kb / 5P
   Inverter
TC7SU04F TOSHIBA-TC7SU04F_01 Datasheet
225Kb / 6P
   INVERTER
TC7S04F TOSHIBA-TC7S04F_01 Datasheet
229Kb / 6P
   INVERTER
TC7SZ04AFS TOSHIBA-TC7SZ04AFS Datasheet
166Kb / 6P
   INVERTER
logo
Renesas Technology Corp
RJP65D05DWA RENESAS-RJP65D05DWA Datasheet
157Kb / 4P
   Inverter
RJP65M04DWA RENESAS-RJP65M04DWA_15 Datasheet
147Kb / 4P
   Inverter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com