Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TLV320AIC26 Fiches technique(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
No de pièce TLV320AIC26
Description  LOW POWER STEREO AUDIO CODEC WITH HEADPHONE/SPEAKER AMPLIFIER AND 12-BIT BATTERY / TEMPERATURE / AUXILIARY ADC
Download  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI - Texas Instruments

TLV320AIC26 Fiches technique(HTML) 2 Page - Texas Instruments

  TLV320AIC26 Datasheet HTML 1Page - Texas Instruments TLV320AIC26 Datasheet HTML 2Page - Texas Instruments TLV320AIC26 Datasheet HTML 3Page - Texas Instruments TLV320AIC26 Datasheet HTML 4Page - Texas Instruments TLV320AIC26 Datasheet HTML 5Page - Texas Instruments TLV320AIC26 Datasheet HTML 6Page - Texas Instruments TLV320AIC26 Datasheet HTML 7Page - Texas Instruments TLV320AIC26 Datasheet HTML 8Page - Texas Instruments TLV320AIC26 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 63 page
background image
TLV320AIC26
SLAS412− DECEMBER 2003
www.ti.com
2
This integrated circuit can be damaged by ESD. Texas Instruments recommends that all integrated circuits be handled with appropriate
precautions. Failure to observe proper handling and installation procedures can cause damage.
ESD damage can range from subtle performance degradation to complete device failure. Precision integrated circuits may be more susceptible to
damage because very small parametric changes could cause the device not to meet its published specifications.
PACKAGE/ORDERING INFORMATION
PRODUCT
PACKAGE
PACKAGE
DESIGNATOR
OPERATING
TEMPERATURE RANGE
ORDERING NUMBER
TRANSPORT MEDIA,
QUANTITY
TLV320AIC26
QFN-32
RHB
−40
°C to 85°C
TLV320AIC26IRHB
Tubes, 74
TLV320AIC26
QFN-32
RHB
−40
°C to 85°C
TLV320AIC26IRHBR
Tape and Reel, 3000
PIN ASSIGNMENTS
QFN
(TOP VIEW)
31 30 29 28 27
910
1
2
3
4
5
6
7
8
24
23
22
21
20
19
18
17
DRVDD
VGND
DRVSS
HPL
AVDD
NC
NC
NC
DVSS
IOVDD
MCLK
SCLK
MISO
MOSI
SS
DAV
32
26
11 12 13 14 15 16
25
AIC26
Terminal Functions
QFN
PIN
NAME
DESCRIPTION
QFN
PIN
NAME
DESCRIPTION
29
DIN
Audio data input
13
VBAT1
Battery monitor input
30
DOUT
Audio data output
14
VREF
Reference voltage I/O
31
BCLK
Audio bit−clock
15
AVSS
Analog ground
32
DVDD
Digital core supply
16
NC
No connect
1
DVSS
Digital core and IO ground
17
NC
No connect
2
IOVDD
IO supply
18
NC
No connect
3
MCLK
Master clock
19
NC
No connect
4
SCLK
SPI serial clock input
20
AVDD
Analog power supply
5
MISO
SPI serial data output
21
HPL
Left channel audio output
6
MOSI
SPI serial data input
22
DRVSS
Speaker ground
7
SS
SPI slave select input
23
VGND
Virtual ground for audio output
8
DAV
Auxiliary data available output
24
DRVDD
Speaker /PLL supply
9
MICBIAS
Microphone bias voltage
25
HPR
Right channel audio output
10
MICIN
Microphone input
26
RESET
Device reset
11
AUX
Auxiliary input
27
LRCK
Audio DAC word-clock
12
VBAT2
Battery monitor input
28
PWD/ADWS
Hardware powerdown/ADC word clock


Numéro de pièce similaire - TLV320AIC26

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TLV320AIC26 TI-TLV320AIC26 Datasheet
968Kb / 74P
[Old version datasheet]   LOW POWER STEREO AUDIO CODEC WITH HEADPHONE/SPEAKER AMPLIFIER AND 12-BIT BATTERY / TEMPERATURE / AUXILIARY ADC
TLV320AIC26 TI-TLV320AIC26 Datasheet
1,014Kb / 67P
[Old version datasheet]   LOW POWER STEREP AUDIO CODEC WITH HEADPHONE / SPEAKER AMPLIFIER AND 12-BIT BATTERY / TEMPERATURE / AUXILIARY ADC
TLV320AIC26 TI1-TLV320AIC26 Datasheet
1Mb / 68P
[Old version datasheet]   LOW POWER STEREP AUDIO CODEC WITH HEADPHONE / SPEAKER AMPLIFIER AND 12-BIT BATTERY / TEMPERATURE / AUXILIARY ADC
TLV320AIC26IRHB TI-TLV320AIC26IRHB Datasheet
968Kb / 74P
[Old version datasheet]   LOW POWER STEREO AUDIO CODEC WITH HEADPHONE/SPEAKER AMPLIFIER AND 12-BIT BATTERY / TEMPERATURE / AUXILIARY ADC
TLV320AIC26IRHB TI-TLV320AIC26IRHB Datasheet
1,014Kb / 67P
[Old version datasheet]   LOW POWER STEREP AUDIO CODEC WITH HEADPHONE / SPEAKER AMPLIFIER AND 12-BIT BATTERY / TEMPERATURE / AUXILIARY ADC
More results

Description similaire - TLV320AIC26

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TLV320AIC26 TI-TLV320AIC26_07 Datasheet
968Kb / 74P
[Old version datasheet]   LOW POWER STEREO AUDIO CODEC WITH HEADPHONE/SPEAKER AMPLIFIER AND 12-BIT BATTERY / TEMPERATURE / AUXILIARY ADC
TLV320AIC26 TI-TLV320AIC26_08 Datasheet
1,014Kb / 67P
[Old version datasheet]   LOW POWER STEREP AUDIO CODEC WITH HEADPHONE / SPEAKER AMPLIFIER AND 12-BIT BATTERY / TEMPERATURE / AUXILIARY ADC
TLV320AIC26 TI1-TLV320AIC26_17 Datasheet
1Mb / 68P
[Old version datasheet]   LOW POWER STEREP AUDIO CODEC WITH HEADPHONE / SPEAKER AMPLIFIER AND 12-BIT BATTERY / TEMPERATURE / AUXILIARY ADC
logo
Protek Devices
PA5750 PROTEC-PA5750 Datasheet
300Kb / 30P
   Low Power Stereo Audio CODEC With Speaker and Headphone Amplifier.
logo
Burr-Brown (TI)
PCM3793A BURR-BROWN-PCM3793A Datasheet
1Mb / 68P
   16-Bit, Low-Power Stereo Audio CODEC With Microphone Bias, Headphone, and Digital Speaker Amplifier
PCM3793 BURR-BROWN-PCM3793 Datasheet
959Kb / 63P
   16-Bit, Low-Power Stereo Audio CODEC With Microphone Bias, Headphone, and Digital Speaker Amplifier
logo
Protek Devices
PA5155 PROTEC-PA5155 Datasheet
734Kb / 27P
   Low Power Stereo Audio CODEC With Headphone Amplifier
PA5331 PROTEC-PA5331 Datasheet
744Kb / 27P
   Low Power 24-Bit, Stereo Audio CODEC With Headphone Amplifier
logo
Suzhou Everest Semicond...
ES8328 EVEREST-ES8328 Datasheet
527Kb / 37P
   Low Power Stereo Audio CODEC With Headphone Amplifier
Revision 1.0
ES8388 EVEREST-ES8388 Datasheet
830Kb / 36P
   Low Power Stereo Audio CODEC With Headphone Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com