Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

BCP55 Fiches technique(PDF) 1 Page - Jiangsu Changjiang Electronics Technology Co., Ltd

No de pièce BCP55
Description  SOT-223 Plastic-Encapsulate Transistors
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  JIANGSU [Jiangsu Changjiang Electronics Technology Co., Ltd]
Site Internet  http://www.cj-elec.com/en/
Logo JIANGSU - Jiangsu Changjiang Electronics Technology Co., Ltd

BCP55 Fiches technique(HTML) 1 Page - Jiangsu Changjiang Electronics Technology Co., Ltd

  BCP55 Datasheet HTML 1Page - Jiangsu Changjiang Electronics Technology Co., Ltd BCP55 Datasheet HTML 2Page - Jiangsu Changjiang Electronics Technology Co., Ltd BCP55 Datasheet HTML 3Page - Jiangsu Changjiang Electronics Technology Co., Ltd BCP55 Datasheet HTML 4Page - Jiangsu Changjiang Electronics Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
JIANGSU CHANGJIANG ELECTRONICS TECHNOLOGY CO., LTD
SOT-223 Plastic-Encapsulate Transistors
BCP54,55,56
TRANSISTOR (NPN)
FEATURES
For AF driver and output stages
High collector current
Low collector-emitter saturation voltage
Complementary types: BCP51 ... BCP53 (PNP)
MAXIMUM RATINGS (Ta=25
℃ unless otherwise noted)
Symbol
Parameter
BCP54
BCP55
BCP56
Unit
VCBO
Collector-Base Voltage
45
60
100
V
VCEO
Collector-Emitter Voltage
45
60
80
V
VEBO
Emitter-Base Voltage
5
V
IC
Collector Current -Continuous
1
A
PC
Collector Power Dissipation
1.5
W
RθJA
Thermal Resistance Junction to Ambient
83.3
/W
Tstg
Storage Temperature Range
-65
~+150
ELECTRICAL CHARACTERISTICS (Ta=25
℃ unless otherwise specified)
Parameter
Symbol
Test conditions
Min
Max
Unit
Collector-base breakdown voltage
BCP54
BCP55
BCP56
V(BR)CBO
IC= 0.1mA,IE=0
45
60
100
V
Collector-emitter breakdown voltage
BCP54
BCP55
BCP56
V(BR)CEO
IC= 10mA,IB=0
45
60
80
V
Base-emitter breakdown voltage
V(BR)EBO
IE= 10μA,IC=0
5
V
Collector cut-off current
ICBO
VCB= 30 V, IE=0
100
nA
hFE(1)
VCE= 2V, IC=5mA
25
hFE(2)
VCE= 2V, IC=150m A
63
250
DC current gain
hFE(3)
VCE= 2V, IC=500m A
25
Collector-emitter saturation voltage
VCE(sat)
IC=500mA,IB=50mA
0.5
V
Base-emitter voltage
VBE
VCE=2V, IC=500m A
1
V
Transition frequency
fT
VCE=10V,IC=50mA,f=100MHz
100
MHz
CLASSIFICATION OF hFE(2)
Rank
BCP54-10, BCP55-10, BCP56-10
BCP54-16, BCP55-16, BCP56-16
Range
63-160
100-250
SOT-223
1. BASE
2. COLLECTOR
3. EMITTER
www.cj-elec.com
1
Marking
BCP54-10, BCP55-10, BCP56-10
BCP54-16, BCP55-16, BCP56-16
G,Jan,2017


Numéro de pièce similaire - BCP55

FabricantNo de pièceFiches techniqueDescription
logo
NXP Semiconductors
BCP55 PHILIPS-BCP55 Datasheet
43Kb / 8P
   NPN medium power transistors
1999 Apr 08
logo
Infineon Technologies A...
BCP55 INFINEON-BCP55 Datasheet
827Kb / 7P
   NPN Silicon AF Transistors
2011-10-13
logo
Nexperia B.V. All right...
BCP55 NEXPERIA-BCP55 Datasheet
1Mb / 22P
   60 V, 1 A PNP medium power transistors
Rev. 9 - 18 October 2011
logo
STMicroelectronics
BCP55 STMICROELECTRONICS-BCP55 Datasheet
71Kb / 4P
   MEDIUM POWER AMPLIFIER
logo
SHENZHEN YONGERJIA INDU...
BCP55 WINNERJOIN-BCP55 Datasheet
186Kb / 3P
   TRANSISTOR (NPN)
More results

Description similaire - BCP55

FabricantNo de pièceFiches techniqueDescription
logo
Jiangsu Changjiang Elec...
PZT2907A JIANGSU-PZT2907A Datasheet
1Mb / 4P
   SOT-223 Plastic-Encapsulate Transistors
PZTA94 JIANGSU-PZTA94 Datasheet
1Mb / 4P
   SOT-223 Plastic-Encapsulate Transistors
logo
Nanjing International G...
PZT3906 DGNJDZ-PZT3906 Datasheet
1Mb / 4P
   SOT-223 Plastic-Encapsulate Transistors
PZT4403 DGNJDZ-PZT4403 Datasheet
1Mb / 4P
   SOT-223 Plastic-Encapsulate Transistors
PZTA56 DGNJDZ-PZTA56 Datasheet
1Mb / 4P
   SOT-223 Plastic-Encapsulate Transistors
BCP54 DGNJDZ-BCP54 Datasheet
1Mb / 4P
   SOT-223 Plastic-Encapsulate Transistors
CZT5551 DGNJDZ-CZT5551 Datasheet
1Mb / 4P
   SOT-223 Plastic-Encapsulate Transistors
logo
Jiangsu Changjiang Elec...
BCP69 JIANGSU-BCP69 Datasheet
1,017Kb / 3P
   SOT-223 Plastic-Encapsulate Transistors
logo
Nanjing International G...
CZT32C DGNJDZ-CZT32C Datasheet
1Mb / 4P
   SOT-223 Plastic-Encapsulate Transistors
BCP56 DGNJDZ-BCP56 Datasheet
1Mb / 4P
   SOT-223 Plastic-Encapsulate Transistors
PZTA06 DGNJDZ-PZTA06 Datasheet
1Mb / 4P
   SOT-223 Plastic-Encapsulate Transistors
More results


Html Pages

1 2 3 4


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com