Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SB1580L Fiches technique(PDF) 3 Page - Zibo Seno Electronic Engineering Co.,Ltd

No de pièce SB1580L
Description  15.0A SUPER BARRIER RECTIFIER
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ZSELEC [Zibo Seno Electronic Engineering Co.,Ltd]
Site Internet  http://www.senocn.com/en/index.html
Logo ZSELEC - Zibo Seno Electronic Engineering Co.,Ltd

SB1580L Fiches technique(HTML) 3 Page - Zibo Seno Electronic Engineering Co.,Ltd

  SB1580L Datasheet HTML 1Page - Zibo Seno Electronic Engineering Co.,Ltd SB1580L Datasheet HTML 2Page - Zibo Seno Electronic Engineering Co.,Ltd SB1580L Datasheet HTML 3Page - Zibo Seno Electronic Engineering Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
SB15**L
TO-277B
3 of 3
Ordering Information
Part Number
Case
Packaging
5000/Tape & Reel
Z ibo Seno Electronic Engineering Co., Ltd.
www.senocn.com
Outline Dimensions
Suggested Pad Layout
Dim
Min
Max
A
1.05
1.15
B
0.33
0.43
C
0.80
0.99
D
1.70
1.88
E
3.90
4.05
F
3.054 Typ
G
6.40
6.60
H
1.84 Typ
I
5.30
5.45
J
3.549 Typ
K
0.75
0.95
L
0.50
0.65
M
1.10
1.41
All Dimensions in mm
Dimensions
Value (in mm)
1.840
a
3.360
c
1.390
b
4.860
d
1.400
G
I
C
A
B
B
E
D
C
H
F
K
J
L
M
h
a
e
d
b
c
TO-277B
e
h
0.852
SB1545L-SB15200L
SB1545L-SB15200L
Alldatasheet


Numéro de pièce similaire - SB1580L

FabricantNo de pièceFiches techniqueDescription
logo
Zibo Seno Electronic En...
SB1580L ZSELEC-SB1580L Datasheet
189Kb / 2P
   15.0 A SUPER BARRIER RECTIFIER
More results

Description similaire - SB1580L

FabricantNo de pièceFiches techniqueDescription
logo
Zibo Seno Electronic En...
15U45S ZSELEC-15U45S Datasheet
190Kb / 2P
   15.0A SUPER BARRIER RECTIFIER
logo
Microdiode Electronics ...
SL1545 CHENDA-SL1545 Datasheet
2Mb / 2P
   15.0A SCHOTTKY BARRIER RECTIFIER
SB1545L CHENDA-SB1545L Datasheet
2Mb / 2P
   15.0A SCHOTTKY BARRIER RECTIFIER
logo
Gulf Semiconductor
SB1545CT GULFSEMI-SB1545CT Datasheet
122Kb / 2P
   SCHOTTKY BARRIER RECTIFIER VOLTAGE: 45V CURRENT: 15.0A
SB15100F GULFSEMI-SB15100F Datasheet
122Kb / 2P
   SCHOTTKY BARRIER RECTIFIER VOLTAGE: 100V CURRENT: 15.0A
logo
Zibo Seno Electronic En...
MBR1540G ZSELEC-MBR1540G Datasheet
147Kb / 2P
   15.0A SCHOTTKY BARRIER DIODE
MBR1540 ZSELEC-MBR1540 Datasheet
185Kb / 2P
   15.0A SCHOTTKY BARRIER DIODE
logo
Sanyo Semicon Device
DBA150 SANYO-DBA150_00 Datasheet
22Kb / 2P
   15.0A Single-Phase Bridge Rectifier
logo
PACELEADER INDUSTRIAL
MBR1545PS PACELEADER-MBR1545PS Datasheet
390Kb / 1P
   15.0A SCHOTTKY BARRIER RECTIFIERS 45V
logo
List of Unclassifed Man...
TB1505 ETC2-TB1505 Datasheet
237Kb / 5P
   15.0A SINGLE-PHASE BRIDGE RECTIFIER
More results


Html Pages

1 2 3


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com